Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP-105-40-00 Datasheet(PDF) 8 Page - Texas Instruments

Part # TP-105-40-00
Description  ISO5500EVM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP-105-40-00 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TP-105-40-00 Datasheet HTML 4Page - Texas Instruments TP-105-40-00 Datasheet HTML 5Page - Texas Instruments TP-105-40-00 Datasheet HTML 6Page - Texas Instruments TP-105-40-00 Datasheet HTML 7Page - Texas Instruments TP-105-40-00 Datasheet HTML 8Page - Texas Instruments TP-105-40-00 Datasheet HTML 9Page - Texas Instruments TP-105-40-00 Datasheet HTML 10Page - Texas Instruments TP-105-40-00 Datasheet HTML 11Page - Texas Instruments TP-105-40-00 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
VIN+
VIN-
RESET
VE
DESAT
VC
RJD
FAULT
VOUT
DRAIN
VCC1
VEE
VCC2
VCC2
VEE
VCC2
VEE
VEE
GND1
GND1
GND1
GND1
Size
Document Number
Rev
Sheet
of
ENGINEER
LAYOUT
RELEASED
DATE
DATE
DATE
SCHEMATIC TITLE
TEXAS INSTRUMENTS
PAGE TITLE
1
6512405
ISO5500 Eval Board
A. Dalrymple
A. Dalrymple
<OrgAddr3>
09-15-2009
<Date1>
<Date2>
ISO5500 Eval Board
A1
Size
Document Number
Rev
Sheet
of
ENGINEER
LAYOUT
RELEASED
DATE
DATE
DATE
SCHEMATIC TITLE
TEXAS INSTRUMENTS
PAGE TITLE
1
6512405
ISO5500 Eval Board
A. Dalrymple
A. Dalrymple
<OrgAddr3>
09-15-2009
<Date1>
<Date2>
ISO5500 Eval Board
A1
Size
Document Number
Rev
Sheet
of
ENGINEER
LAYOUT
RELEASED
DATE
DATE
DATE
SCHEMATIC TITLE
TEXAS INSTRUMENTS
PAGE TITLE
1
6512405
ISO5500 Eval Board
A. Dalrymple
A. Dalrymple
<OrgAddr3>
09-15-2009
<Date1>
<Date2>
ISO5500 Eval Board
A1
NOTES:
1. Q1 POWER FET IS POPULATED BY EVM CUSTOMER ONLY.
2. SHORTING JUMPER 3 MUST BE REMOVED IF USER INSTALLS FET
ONTO THE EVM BOARD.
3. QTY 4 JUMPER SHORTS WITH HANDLE: TYCO P/N 881545-2 TO BE
INSTALLED ON JMP4 - JMP7.
4. DURING EVM ASSEMBLY, A 16 AWG GAUGE WIRE SHORT IS
INSTALLED IN PLACE OF D2.
SHUNT PARKING LOT
TESTLOOP - BLACK
TESTLOOP - BLACK
TESTLOOP - RED
TESTLOOP - RED
D1
UF4007
D1
UF4007
D3
DNI - UF4007
D3
DNI - UF4007
+
C15
4.7uF
+
C15
4.7uF
+
C17
68uF
+
C17
68uF
VIN+
1
VIN-
2
VCC1
3
GND1
4
RESET
5
FAULT
6
NC
7
GND1
8
VE
16
VEE
15
DESAT
14
VCC2
13
VC
12
VOUT
11
VEE
10
VEE
9
U1
ISO5500
U1
ISO5500
GATE
1
DRAIN
2
SOURCE
3
Q1
POWER FET
Q1
POWER FET
C9
10nF
C9
10nF
MFG12
MFG12
C5
0.01uF
C5
0.01uF
JMP3
HDR_THVT_1x2
JMP3
HDR_THVT_1x2
C4
0.1uF
C4
0.1uF
R4
10
R4
10
JMP7
HDR_THVT_1x2
JMP7
HDR_THVT_1x2
JMP5
HDR_THVT_1x2
JMP5
HDR_THVT_1x2
R5
DNI - 10
R5
DNI - 10
MFG10
MFG10
JMP2
HDR_THVT_1x2
JMP2
HDR_THVT_1x2
+
C2
10uF
+
C2
10uF
TP9
TP9
+
C3
1uF
+
C3
1uF
1
P6
Banana-Jack
P6
Banana-Jack
1
MFG5
MFG5
C13
0.01uF
C13
0.01uF
C6
330pF
C6
330pF
+
C10
10uF
+
C10
10uF
TP10
TP10
D2
DNI - UF4007
D2
DNI - UF4007
TP12
TP12
C12
0.1uF
C12
0.1uF
MFG11
MFG11
C11
1uF
C11
1uF
1
MFG4
MFG4
1
MFG1
MFG1
+
C1
68uF
+
C1
68uF
TP11
TP11
1
P5
Banana-Jack
P5
Banana-Jack
R2
0
R2
0
1
MFG6
MFG6
MFG9
MFG9
1
3
5
7
2
4
6
8
JMP1
HDR_THVT_2x4_100M
JMP1
HDR_THVT_2x4_100M
C8
100pF
C8
100pF
1
MFG3
MFG3
+
C16
4.7uF
+
C16
4.7uF
JMP6
HDR_THVT_1x2
JMP6
HDR_THVT_1x2
1
MFG2
MFG2
C14
0.1uF
C14
0.1uF
JMP8
HDR_THVT_1x2
JMP8
HDR_THVT_1x2
JMP4
HDR_THVT_1x2
JMP4
HDR_THVT_1x2
R1
3.3K
R1
3.3K
R3
100
R3
100
C7
0.1uF
C7
0.1uF


Similar Part No. - TP-105-40-00

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TP-105 MACOM-TP-105 Datasheet
133Kb / 1P
   RF Pulse Transformer 500 kHz - 1 GHz
logo
M/A-COM Technology Solu...
TP-105 MA-COM-TP-105 Datasheet
60Kb / 2P
   RF Pulse Transformer, 500 KHz - 1 GHz
TP-105 MA-COM-TP-105 Datasheet
60Kb / 2P
   RF Pulse Transformer
logo
Tyco Electronics
TP-105PIN MACOM-TP-105PIN Datasheet
133Kb / 1P
   RF Pulse Transformer 500 kHz - 1 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com