Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP-105-40-00 Datasheet(PDF) 2 Page - Texas Instruments

Part # TP-105-40-00
Description  ISO5500EVM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP-105-40-00 Datasheet(HTML) 2 Page - Texas Instruments

  TP-105-40-00 Datasheet HTML 1Page - Texas Instruments TP-105-40-00 Datasheet HTML 2Page - Texas Instruments TP-105-40-00 Datasheet HTML 3Page - Texas Instruments TP-105-40-00 Datasheet HTML 4Page - Texas Instruments TP-105-40-00 Datasheet HTML 5Page - Texas Instruments TP-105-40-00 Datasheet HTML 6Page - Texas Instruments TP-105-40-00 Datasheet HTML 7Page - Texas Instruments TP-105-40-00 Datasheet HTML 8Page - Texas Instruments TP-105-40-00 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
V
E
V
EE
DESAT
V
CC2
V
C
V
OUT
V
EE
V
EE
V
IN+
V
IN-
V
CC1
GND1
RESET
FAULT
NC
GND1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DEVICEPINOUT
Printed-Circuit Board
www.ti.com
Figure 1. ISO5500 Pinout and Functional Block Diagram
1.2
ISO5500EVM Kit Contents
ISO5500EVM printed-circuit board with ISO5500DW installed (P/N 6512405)
ISO5500EVM User
’s Guide (This document)
ISO5500 data sheet
2
Printed-Circuit Board
The ISO5500 is an isolated gate driver with several important features. The printed-circuit board (PCB)
has been designed to support this device and to allow the user to evaluate its basic operation and
features. The left side of the PCB contains the interface to the input, control, and status functions of the
integrated circuit (IC). The right side of the PCB has been designed to interface to an IGBT (or MOSFET).
No electrical connections exist between the right and left sides of the PCB.
Refer to the ISO5500EVM schematic and bill of materials to become familiar with the PCB components
and layout. The PCB files (Gerber/ODB) are available from Texas Instruments on request.
2.1
ISO5500 Operation
2.1.1
Left-Side Operation: DC Power, Control, and Status
2.1.1.1
DC Power
The left side of the ISO5500 (and therefore the PCB) can be operated using either a +3.3-V (
±10%) or
+5-V (
±10%) dc power supply. The small amount of dc current required (<20 mA) means that the device
can also be battery operated. The dc power supply must be connected to TP10 (+5 Vdc) and TP9 (+5-Vdc
return). Also, a user can solder wires directly to the PCB from the dc power supply by means of the plated
through-holes located next to the test points.
2.1.1.2
Control and Status
The interface to the device is via the JMP1 header. It contains the VIN+ and VIN
– inputs, the device
RESET, and FAULT indicator output. The JMP1 header allows easy connections to test equipment using
standard clip leads or QuietZone
™ connectors. Each of the four signals also has a test point for additional
connections. These are TP1 through TP4.
2
ISO5500EVM
SLLU136
– September 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TP-105-40-00

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TP-105 MACOM-TP-105 Datasheet
133Kb / 1P
   RF Pulse Transformer 500 kHz - 1 GHz
logo
M/A-COM Technology Solu...
TP-105 MA-COM-TP-105 Datasheet
60Kb / 2P
   RF Pulse Transformer, 500 KHz - 1 GHz
TP-105 MA-COM-TP-105 Datasheet
60Kb / 2P
   RF Pulse Transformer
logo
Tyco Electronics
TP-105PIN MACOM-TP-105PIN Datasheet
133Kb / 1P
   RF Pulse Transformer 500 kHz - 1 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com