Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVN012ASPBF Datasheet(PDF) 2 Page - International Rectifier

Part # PVN012ASPBF
Description  HEXFET짰 Power MOSFET Photovoltaic Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVN012ASPBF Datasheet(HTML) 2 Page - International Rectifier

  PVN012ASPBF Datasheet HTML 1Page - International Rectifier PVN012ASPBF Datasheet HTML 2Page - International Rectifier PVN012ASPBF Datasheet HTML 3Page - International Rectifier PVN012ASPBF Datasheet HTML 4Page - International Rectifier PVN012ASPBF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series PVN012APbF
www.irf.com
2
INPUT CHARACTERISTICS
Limits
Units
Minimum Control Current (see figure 1)
5.0
mA
Maximum Control Current for Off-State Resistance @ TA = +25°C
0.4
mA
Control Current Range (Caution: current limit input LED, see figure 6)
5.0 to 25.0
mA
Maximum Reverse Voltage
6.0
V
Electrical Specifications (-40°C £ T
A £ +85°C unless otherwise specified)
GENERAL CHARACTERISTICS
Limits
Units
Minimum Dielectric Strength, Input-Output
4000
VRMS
Minimum Insulation Resistance, Input-Output
1012
W
Maximum Capacitance,
Input-Output, Vd =0V, f = 1MHz
1.0
pF
Maximum Pin Soldering Temperature
+260
Ambient Temperature Range:
Operating
-40 to +85
°C
Storage
-40 to +100
International Rectifier does not recommend the use of this product in aerospace, avionics, military or life support applications.
Users of this International Rectifier product in such applications assume all risks of such use and indemnify International
Rectifier against all damages resulting from such use.
Maximum On-State Resistance @25°C, 10mA Control 100mA pulsed load, (see figs. 3 & 4)
A Connection
50
m
W
B Connection
25
m
W
C Connection
15
m
W
Maximum Off-State Leakage @ TA=+25°C, ±20VDC
1.0
mA
Maximum Turn-On Time @TA=+25°C (see figure 7), for 1A, 20 VDC load, 10mA Control
3.0
ms
Maximum Turn-Off Time @TA=+25°C (see figure 7), for 1A, 20 VDC load, 10mA Control
0.5
ms
Typical Output Capacitance @ 20VDC (see figure 2)
400
pF
OUTPUT CHARACTERISTICS
Limits
Units
Operating Voltage Range
0 to ±20
V(DC or AC peak)
Maximum Continuous Load Current @ 40°C, 10mA Control (see figure 1)
A Connection
4.0
A (DC or AC)
B Connection
4.5
A (DC)
C Connection
6.0
A (DC)
Maximum Pulsed Load Current @ 25°C,10mA Control (100 mS @ 10% duty cycle)
A Connection
8.0
A (DC or AC)
B Connection
9.0
A (DC)
C Connection
15.0
A (DC)
Typical Thermal Resistance (Tthja, Junction-to-Ambient)
A Connection
85.1
(oC/W)
B Connection
122.9
(oC/W)
C Connection
89.7
(oC/W)
PDF created with pdfFactory trial version www.pdffactory.com


Similar Part No. - PVN012ASPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVN012ASPBF IRF-PVN012ASPBF Datasheet
129Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-20V, 4.0A AC/ 6.0A DC
More results

Similar Description - PVN012ASPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVN013PBF IRF-PVN013PBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay HEXFET짰 Power MOSFET Photovoltaic Relay
PVT312LPBF IRF-PVT312LPBF Datasheet
1Mb / 5P
   Series PVT312PbF Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay
PVD13NPBF IRF-PVD13NPBF Datasheet
1Mb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open
PVN012PBF IRF-PVN012PBF Datasheet
1Mb / 5P
   Series PVN012PbF Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay
PVT212 IRF-PVT212 Datasheet
94Kb / 5P
   Power MOSFET Photovoltaic Relay
PVAZ172NS IRF-PVAZ172NS Datasheet
602Kb / 5P
   HEXFET Power MOSFET Photovoltaic Relay
PVN013 IRF-PVN013 Datasheet
121Kb / 5P
   HEXFET POWER MOSFET PHOTOVOLTAIC RELAY
PVD13N IRF-PVD13N Datasheet
98Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-100V DC, 550mA
PVA13NPBF IRF-PVA13NPBF Datasheet
1,011Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-100V AC/DC, 375mA
PVA33NPBF IRF-PVA33NPBF Datasheet
1Mb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com