Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX055BK Datasheet(PDF) 5 Page - Sony Corporation

Part # ICX055BK
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX055BK Datasheet(HTML) 5 Page - Sony Corporation

  ICX055BK Datasheet HTML 1Page - Sony Corporation ICX055BK Datasheet HTML 2Page - Sony Corporation ICX055BK Datasheet HTML 3Page - Sony Corporation ICX055BK Datasheet HTML 4Page - Sony Corporation ICX055BK Datasheet HTML 5Page - Sony Corporation ICX055BK Datasheet HTML 6Page - Sony Corporation ICX055BK Datasheet HTML 7Page - Sony Corporation ICX055BK Datasheet HTML 8Page - Sony Corporation ICX055BK Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
– 5 –
ICX055BK
Clock Equivalent Circuit Constant
Item
Capacitance between vertical transfer
clock and GND
C
φV1, CφV3
C
φV2, CφV4
C
φV12, CφV34
C
φV23, CφV41
C
φV13
C
φV24
C
φH1, CφH2
C
φHH
C
φRG
C
φSUB
R1, R3
R2, R4
RGND
R
φH
R
φRG
1500
820
470
230
150
230
47
47
5
320
51
100
15
10
40
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
Capacitance between vertical transfer
clocks
Vertical transfer clock series resistor
Vertical transfer clock ground resistor
Horizontal transfer clock series resistor
Reset gate clock series resistor
Symbol
Min.
Typ.
Max.
Unit
Remarks
R
φH
R
φH
H
φ2
H
φ1
C
φH1
C
φH2
C
φHH
V
φ1
C
φV12
V
φ2
V
φ4
V
φ3
C
φV34
C
φV23
C
φV41
C
φV13
C
φV24
C
φV1
C
φV2
C
φV4
C
φV3
RGND
R4
R1
R3
R2
Vertical transfer clock equivalent circuit
Horizontal transfer clock equivalent circuit
R
φRG
RG
φ
C
φRG
Reset gate clock equivalent circuit
Capacitance between horizontal
transfer clock and GND
Capacitance between horizontal
transfer clocks
Capacitance between reset gate clock
and GND
Capacitance between substrate clock
and GND


Similar Part No. - ICX055BK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX055BK SONY-ICX055BK Datasheet
197Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
More results

Similar Description - ICX055BK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX409AK SONY-ICX409AK Datasheet
206Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX081AK SONY-ICX081AK Datasheet
227Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX255AK SONY-ICX255AK Datasheet
197Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX405AK SONY-ICX405AK Datasheet
203Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX259AK SONY-ICX259AK Datasheet
200Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX059AKB SONY-ICX059AKB Datasheet
498Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Cameras?
ICX080AK SONY-ICX080AK Datasheet
223Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX258AK SONY-ICX258AK Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX404AK SONY-ICX404AK Datasheet
204Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX254AK SONY-ICX254AK Datasheet
197Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com