Electronic Components Datasheet Search |
|
0280600000 Datasheet(PDF) 21 Page - Weidmuller |
|
0280600000 Datasheet(HTML) 21 Page - Weidmuller |
21 / 52 page 144 Fuse terminals with fault indicator Dimensions/approvals Width/length/height (mm) with TS 32 Y Width/length/height (mm) with TS 35 x 7.5 W Terminal width (+ 0.2 assembly tolerance) mm Insulation stripping length/clamping screw/screwdriver blade Connection data Screw connection, solid Screw connection, flexible Conductor cross-section Further technical data Tightening torque range Nm Torque setting with electric screwdriver type DMS 2 VDE rated data Voltage/current LED-current (24…60 V) LED-current (115…230 V) Incandescent lamp-current Neon lamp-current Cross-section Ordering data Voltage Fuse insert 5 x 20 LED 24 V– Acc. to IEC 60127-2 (VDE 0820 T.2 Bl 1) 24 V~ without indicator 48 V– 48 V~ Incandescent lamp 24 V0 48 V0 Neon lamp 115 V0 230 V0 Fuse insert 5 x 25 LED 24 V– Acc. to DIN 41576 without indicator Incandescent lamp 48 V0 Neon lamp 115 V0 230 V0 Accessories Mounting rail End brackets (thickness mm) for TS 32 Y for TS 35 W End plate (thickness mm) Cross-connection Type ‘QL’ Cross-connection Type ‘QB’ Fixing screw (fits QL) Screw cap (spare) Neon lamp SAKS 1 Fuse insert 5 x 20/5 x 25 Warning: In the event of a faulty fuse, the connection system is live! SAKS 4 Fuse insert E14/D 01 (e.g. Neozed D 01) Warning: In the event of a faulty fuse, the connection system is live! SAKS 6 Fuse insert 11/4“ x 1/4“ acc. to DEF 63 Warning: In the event of a faulty fuse, the connection system is live! SAKS 7 Fuse insert 5 x 20/5 x 25 Warning: In the event of a faulty fuse, the connection system is live! 24 14 0.5…16 mm2 0.5…10 mm2 AWG 20…7 1.2…2.4 4 –/16 A ≤ 1 mA 10 mm2 Type Cat. No. Qty. SAKS 4 TS 32 Neon lamp Voltage 115 V0 0101820000 10 480 V0 0102120000 10 Type Cat. No. Qty. TS 32 0122800000 EWK 1 (8.5) 0206160000 50 a r 12 12 0.5…16 mm2 0.5…10 mm2 AWG 20…8 1.2…2.4 4 500 V~/10 A 10 A ≤ 1 mA ≤ 1 mA 10 mm2 Type Cat. No. Qty. SAKS 7 KrG for 5 x 25 0576120000 40 SAKS 7 KrG for 5 x 20 0573120000 40 exchangable neon lamps (please order separately) Type Cat. No. Qty. TS 32 0122800000 EWK 1 (8.5) 0206160000 50 AP KrG (3) 0146720000 20 QL 2 0207800000 20 QL 3 0207900000 20 QL 4 0208000000 20 QL 10 0338900000 20 BSM 4x9 m.SS 0133300000 100 Neon lamp 230 V~ 0550300000 Neon lamp 115 V~ 0550200000 a r 12 12 0.5…16 mm2 0.5…10 mm2 AWG 20…8 1.2…2.4 4 500 V~/10 A 10 A ≤ 1 mA ≤ 1 mA 10 mm2 Type Cat. No. Qty. SAKS 6 KrG 0531820000 40 for 11/4“ x 1/4“ acc. to DEF 63 exchangable neon lamps (please order separately) Type Cat. No. Qty. TS 32 0122800000 EWK 1 (8.5) 0206160000 50 AP KrG 0146720000 20 QL 2 0191400000 50 QL 3 0191500000 50 QL 4 0191600000 20 QL 10 0338800000 20 BSM 3x6 m.SS 0346200000 100 Neon lamp 230 V~ 0550300000 Neon lamp 115 V~ 0550200000 a r 13 12 0.5…16 mm2 0.5…10 mm2 AWG 20…8 1.2…2.4 4 –/10 A ≤ 5 mA ≤ 50 mA ≤ 0.5 mA 10 mm2 Y Qty. W Qty. SAKS 1 LD 0371420000 10 0225820000 10 1111220000 10 1111320000 10 0371420000 10 0214020000 10 SAKS 1 GL 0173220000 10 0378920000 10 SAKS 1 GL 0385320000 10 8068330000 10 0306120000 10 0199920000 10 SAK 1 LD on demand SAKS GL on demand SAKS 1 GL 0309320000 10 0198620000 10 Type Cat. No. Qty. TS 32 0122800000 TS 35x7.5 0383400000 TS 35x15 0498000000 EWK 1 (8.5) 0206160000 50 EW 35 (8.5) 0383560000 50 AP KrG (3) 0191320000 20 SK (5 x 20) 0282100000 20 SK (5 x 25) 0282000000 100 |
Similar Part No. - 0280600000 |
|
Similar Description - 0280600000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |