Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC59108RGY Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC59108RGY
Description  Works with low cost MSP430 based LaunchPad platform
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59108RGY Datasheet(HTML) 3 Page - Texas Instruments

  TLC59108RGY Datasheet HTML 1Page - Texas Instruments TLC59108RGY Datasheet HTML 2Page - Texas Instruments TLC59108RGY Datasheet HTML 3Page - Texas Instruments TLC59108RGY Datasheet HTML 4Page - Texas Instruments TLC59108RGY Datasheet HTML 5Page - Texas Instruments TLC59108RGY Datasheet HTML 6Page - Texas Instruments TLC59108RGY Datasheet HTML 7Page - Texas Instruments TLC59108RGY Datasheet HTML 8Page - Texas Instruments TLC59108RGY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ti.com
Jumpers Connections
Press keys SW2 and SW3 simultaneously
Start GUI software on computer
3. Variable Gain mode
Connect pins 2 and 3 of jumper J6.
Connect pins 1 and 2 of jumper J7.
Attach a signal generator to the EXT_IN connector (SMA or SMB connector may need to be
populated).
Press keys SW2 and SW3 simultaneously
Start GUI software on computer
Connect the LaunchPad and TPL0501EVM to a computer through the USB connector
4
Jumpers Connections
1. J1
& J2 – LaunchPad Headers
These connectors mate with the male headers on the LaunchPad
2. J3
– External LED Power
This connector is where the external +5V supply is attached to power the two RGB LEDs.
3. J4
– TCA7408 GPIO
This is a pin out of the four unused GPIO pins from the TCA7408, GPIO4-GPIO7.
4. J5
– Feedback loop
For the TPL0401A to function as a voltage reference circuit the negative feedback loop must be
shorted, placing a jumper across this header will short the inverting input to the output.
5. J6
– LED or Op-amp
This header controls what the TPL0401B is attached to. When shorted across position 1 and 2 the
TPL0401B is connected in series with the external resistor to control the current through the LED
driver. When shorted across position 2 and 3 the TPL0401B is connected to the inverting input of the
op-amp to change the gain of the circuit.
6. J7
– Op-amp input
This header controls the input to the non-inverting pin of the LMV321. When shorted across position 1
and 2, the TPL0401A in a voltage divider mode is attached to the non-inverting input of the LVM321.
This setup is used to test the voltage reference setup. When shorted across pins 2 and 3, the SMA
connector is attached to the non-inverting input.
7. J9
– Test Points
This connector offers test points for the serial data lines, SDA, SCL and the DIN that drives the
TCA5405
Table 1. Description of Connectors and Jumpers
Label
Description
J1, J2
Connectors to interface with LaunchPad
J3
External 5V for LED
J4
GPIO4-GPIO7 from TCA7408
J5
Control jumper to short feedback loop
J6
Jumper to control LED or Op-Amp
J7
Jumper to control input to Op-Amp
J8
SMA/B Footprint for external input
J9
Test points for DIN, SDA and SCL
5
Software Setup
The EVM does not require any software set up to operate in the LED mode. The keys SW1-SW4 control
the blinking rate of the LEDs and the color mixing of the LEDs, without any additional software setup.
To operate the EVM in any other mode, GUI software is required. The GUI software is available in a zip
3
SLIU008
– September 2011
TPL0401EVM
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TLC59108RGY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59108RGY TI1-TLC59108RGY Datasheet
554Kb / 14P
[Old version datasheet]   Works with MSP430 Launchpad
More results

Similar Description - TLC59108RGY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA7408EVM TI1-TCA7408EVM Datasheet
554Kb / 14P
[Old version datasheet]   Works with MSP430 Launchpad
logo
STMicroelectronics
AN1729 STMICROELECTRONICS-AN1729 Datasheet
203Kb / 10P
   L6565-BASED LOW COST SMPS FOR TV WITH
logo
International Rectifier
IRMCS203 IRF-IRMCS203 Datasheet
158Kb / 1P
   Low cost complete sensorless drive design platform
IRMCS2013 IRF-IRMCS2013 Datasheet
535Kb / 26P
   Encoder Based Low Voltage Servo Drive Design Platform
logo
Moxa Inc.
UC-3100 MOXA-UC-3100 Datasheet
3Mb / 10P
   Arm-based computing platform with wireless built in
logo
Texas Instruments
CC430F6137 TI1-CC430F6137_14 Datasheet
2Mb / 120P
[Old version datasheet]   MSP430??SoC With RF Core
CC430F6147 TI-CC430F6147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5143 TI-CC430F5143_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5123 TI1-CC430F5123 Datasheet
1Mb / 116P
[Old version datasheet]   MSP430 SoC With RF Core
logo
Xilinx, Inc
XC5200 XILINX-XC5200 Datasheet
584Kb / 73P
   Low-cost, register/latch rich, SRAM based
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com