Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0630360000 Datasheet(PDF) 50 Page - Weidmuller

Part # 0630360000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0630360000 Datasheet(HTML) 50 Page - Weidmuller

Back Button 0630360000 Datasheet HTML 44Page - Weidmuller 0630360000 Datasheet HTML 45Page - Weidmuller 0630360000 Datasheet HTML 46Page - Weidmuller 0630360000 Datasheet HTML 47Page - Weidmuller 0630360000 Datasheet HTML 48Page - Weidmuller 0630360000 Datasheet HTML 49Page - Weidmuller 0630360000 Datasheet HTML 50Page - Weidmuller 0630360000 Datasheet HTML 51Page - Weidmuller 0630360000 Datasheet HTML 52Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
173
r
6/22/52
24
11 mm/M 2.5/3.5 x 0.6
250 V/10 A/2.5 mm2
4 kV/3
0.4…0.6
1
0.5…2.5
1.5…2.5
0.5…2.5
0.5…1.5
0.5…1.5
0.33...2.5 / A2
300 V/3 A/22…14 AWG
Cat. No.
1.5
Qty.
0176960000
100
Type
Cat. No.
Qty.
AP (3)
0476260000 50
TW (0.5)
0442300000 50
SST 1.2
0306600000
DEK 6
see “Accessories”
a r
86/15/23
8
5
63 V/20 A/2.5/1.5 mm2
1.5 kV/3
0.4…0.45
1
0.5…2.5
1.5…2.5
0.5…2.5
0.5…2.5
0.5…2.5
0.2...2.5 / A2
300 V/10 A/24…12 AWG
300 V/10 A/24…12 AWG
Cat. No.
Qty.
0241460000
50
Type
Cat. No.
Qty.
SN
0200100000 500
BSTb 28/12 024570…
50
BSTo 28/12 024560…
50
0109160000 solder tag
ADK 1 T
AKZ 2.5 K
ADK 1 FT
MK 2/12
Feed-through terminals
a r
6/22/50.5
19.5…21.9
9 mm/M 3/3.5 x 0.6
400 V/8 A/4 mm2
6 kV/3
0.5…1.0
2
0.5…4
1.5…4
0.5…4
0.5…2.5
0.5…2.5
0.13...4.0 / A3
10
300/250 V/10 A/26…12 AWG
300 V/15 A/26…12 AWG
1.5
Qty. 2.5
Qty.
0372260000 100
0366360000 100
Type
Cat. No.
Qty.
AP (3)
0476260000 50
TW (0.5)
0442300000 50
PS 2.3
0180400000 20
SST 1.2
0306600000
DEK 6
see “Accessories”
a r
5/26/45.5
22.4…23.6
7 mm/M 2.5/3.0 x 0.5
250 V/8 A/2.5 mm2
4 kV/3
0.4…0.6
1
0.5…2.5
1.5…2.5
0.5…2.5
0.5…2.5
0.5…2.5
0.13...2.5 / A2
10
300/250 V/10 A/22…12 AWG
300 V/10 A/26…10 AWG
Cat. No.
Qty.
0109160000 solder tag 100
0108960000
100
Type
Cat. No.
Qty.
AP (3)
0697260000 50
TW (1.5)
0318560000 20
PS 2.3
0180400000 20
StB 8.5
0215700000 50
IH 2.8
0386060000 100
DEK 5
see “Accessories”


Similar Part No. - 0630360000

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
0630CDMCC/DS SUMIDA-0630CDMCC/DS Datasheet
217Kb / 5P
   SMD Power Inductor
0630CDMCCDS SUMIDA-0630CDMCCDS Datasheet
219Kb / 5P
   SMD Power Inductor
0630CDMCCDS SUMIDA-0630CDMCCDS Datasheet
217Kb / 5P
   SMD Power Inductor
0630CDMCCDS-100MC SUMIDA-0630CDMCCDS-100MC Datasheet
219Kb / 5P
   SMD Power Inductor
0630CDMCCDS-100MC SUMIDA-0630CDMCCDS-100MC Datasheet
217Kb / 5P
   SMD Power Inductor
More results

Similar Description - 0630360000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0337000000 WEIDMULLER-0337000000 Datasheet
46Kb / 1P
   SAK-series
0300800000 WEIDMULLER-0300800000 Datasheet
207Kb / 2P
   SAK Series, Connecting sleeve, for crossconnection link,
October 18, 2021
0198220000 WEIDMULLER-0198220000 Datasheet
314Kb / 4P
   SAK Series, Test-disconnect terminal, Rated cross-section: 6mm짼
October 6, 2021
0117900000 WEIDMULLER-0117900000 Datasheet
211Kb / 2P
   SAK Series, End plate, 1.5 mm, red, Direct mounting
October 3, 2021
0105100000 WEIDMULLER-0105100000 Datasheet
209Kb / 2P
   SAK Series, End plate, 1.5 mm, dark beige, Direct mounting
September 10, 2021
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com