Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TREK-550-10A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # TREK-550-10A1E
Description  Intel짰 Atom??In-Vehicle Computing Box
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TREK-550-10A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  TREK-550-10A1E Datasheet HTML 1Page - Advantech Co., Ltd. TREK-550-10A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Competence in Mobile Computing
http://www.advantech-dlog.com
Regional contact:
I/O Connectors
Ordering Information
Part Number
Description
TREK-550-00A1E
Intel Atom Z510PT 1.1 GHZ GPRS Barebone
TREK-550-01A1E
Intel Atom Z510PT 1.1 GHZ HSXPA CDMA Barebone
TREK-550-10A1E
Intel Atom Z520PT 1.3 GHZ GPRS Barebone
TREK-550-11A1E
Intel Atom Z520PT 1.3 GHZ HSXPA / CDMA Barebone
9668TREK20E
Cinterion MC55i 4 Band GPRS Kit
9668TREK21E
Sierra Wireless 5728V CDMA Module Kit
9668TREK22E
Sierra Wireless 8790V HSUPA Module Kit
9668TREK23E
802.11 B/G/N Module Kit
9668TREK25E
u-blox LEA-5S GPS Module Kit
(Note: Module kits include RF, antenna and internal cable )
Packing List
Description
Part Number
Quantity
TREK-550
x1
CAN/Video-in cable (15 cm)
1700018743
x1
Power cable (1.8 m)
1700018306
x1
Startup manual CD
2068055000
x1
Cable clip for Mic in, line out, USB host, LAN
1990018848T000
x6
Power
GPS ant.
LAN
CAN x1 & Video in x2
Smart Display
DI/DO
USB
Line out
MIC in
RS-232/RS-485/J1708
VGA
RS-232
RS-232
Car Power Design
DC-input
Supports 12/24 V car power system by ISO7637-2 & SAEJ1113 (6V ~ 36V wide DC input)
Power Management
Power on/off delay,
 Power on delay, 2 sec default
 Power off delay, 5 sec as default
 Delay time controllable by SW configuration
 Low voltage protection
HW Reset
1 reset button
Environment
IP Rating
IP 31
Operating Temp.
-30° C ~ +70° C
Storage Temp.
-40 °C ~ +85° C
Vibration/Shock
MIL-STD-810G/ 202A, Method 516.5, EN60721-3 (5M3) compliant
EMC
CE, FCC, IC
Certifications
Safety
CE, CB
Vehicle Power Regulation
E-mark, SAE J1455, SAE J1113, ISO7637-2 level IV compliant
Mechanical
Material
Top cover (Aluminum extrusion)
Side cover (PC)
Bottom & I/O cover (metal)
Reset
Wi-Fi 1 ant.
CF
Wi-Fi 2nd ant.
Power
Storage
WLAN
WWAN
GPS
USB WWAN ant.
266
259.60
271.60
TREK-550
Specifications Cont.
Dimensions
Unit: mm


Similar Part No. - TREK-550-10A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TREK-510 ADVANTECH-TREK-510 Datasheet
1Mb / 2P
   ARM-based, In-Vehicle Computing Box
TREK-510-GCEA0E ADVANTECH-TREK-510-GCEA0E Datasheet
1Mb / 2P
   ARM-based, In-Vehicle Computing Box
TREK-520-CWBCEB0E ADVANTECH-TREK-520-CWBCEB0E Datasheet
824Kb / 2P
   RISC Compact In-vehicle Computing Box for Fleet Management
TREK-520-HWBCEA0E ADVANTECH-TREK-520-HWBCEA0E Datasheet
824Kb / 2P
   RISC Compact In-vehicle Computing Box for Fleet Management
TREK-570 ADVANTECH-TREK-570 Datasheet
777Kb / 4P
   Compact In-Vehicle Computing Box for Fleet Management
28-Jun-2022
More results

Similar Description - TREK-550-10A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TREK-510 ADVANTECH-TREK-510 Datasheet
1Mb / 2P
   ARM-based, In-Vehicle Computing Box
TREK-570-00A0E ADVANTECH-TREK-570-00A0E Datasheet
516Kb / 2P
   Compact In-vehicle Computing Box for Fleet Management
TREK-570 ADVANTECH-TREK-570 Datasheet
777Kb / 4P
   Compact In-Vehicle Computing Box for Fleet Management
28-Jun-2022
TREK-674-HWB7A0E ADVANTECH-TREK-674-HWB7A0E Datasheet
852Kb / 2P
   Compact In-vehicle Computing Box for Surveillance & Fleet Management
TREK-688-7LWB7PA0E ADVANTECH-TREK-688-7LWB7PA0E Datasheet
855Kb / 2P
   Premium In-vehicle Computing Box for Surveillance & Fleet Management
TREK-520-CWBCEB0E ADVANTECH-TREK-520-CWBCEB0E Datasheet
824Kb / 2P
   RISC Compact In-vehicle Computing Box for Fleet Management
TREK-668-HWB7A1E ADVANTECH-TREK-668-HWB7A1E Datasheet
1Mb / 2P
   Premium In-vehicle Computing Box for Surveillance & Fleet Management
TREK-668 ADVANTECH-TREK-668 Datasheet
942Kb / 2P
   Premium In-vehicle Computing Box for Surveillance & Fleet Management
ARK-2121V ADVANTECH-ARK-2121V_15 Datasheet
1Mb / 2P
   In-Vehicle NVR w/4 PoE Ports Intel짰 Atom E3825 / Atom E3845 SoC Fanless Box PC
ARK-VH200 ADVANTECH-ARK-VH200_14 Datasheet
703Kb / 2P
   Intel짰 Atom??Dual Core D510 In-Vehicle DVR with 4 BNC Fanless Box PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com