Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TREK-550-00A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # TREK-550-00A1E
Description  Intel짰 Atom??In-Vehicle Computing Box
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TREK-550-00A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  TREK-550-00A1E Datasheet HTML 1Page - Advantech Co., Ltd. TREK-550-00A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All product specifications are subject to change without notice
Last updated : 29-May-2012
Competence in Mobile Computing
http://www.advantech-dlog.com
Regional contact:
Features
Introduction
The TREK-550 is a dedicated box computer for industrial vehicle fleets, transport trucks, buses and taxis. TREK-550 combined with variety of I/O connectors can be connected to devices like
OBD-II or TPMS (Tire Pressure Monitoring Systems). Dual display/dual audio interfaces supporting different resolutions can deliver different applications to different displays; eg: one application
to a fleet driver and another to a digital signage application.
Built-in wireless communications (WWAN, WLAN, BT) enable TREK-550 to send important driver/vehicle/location/cargo information back to the control center. TREK-550 can also operate in
extreme environments with features like a wide working temperature range (-30 to 70° C). TREK-550 also uses a special design to handle the critical issue of in-vehicle power. Special power
protection (ISO7637-2/SAE J1455 Class A/ SAE J1113) and car power management software (Ignition on/off, delay on/off, low battery monitor) prevent electrical noise and surges from impacting
the system, guarding against damage from transient car power. TREK-550 also supports a rear view monitor via a video port connection. With this feature, drivers can monitor the environment on
both sides of the truck in real-time for driving safety. TREK-550 can also support dead-reckoning, meaning the truck can still be traced even when the driver is driving in a tunnel.
Specifications
System
CPU
Intel Atom XL Z510PT 1.1 GHz (Z520PT 1.3 GHz is optional) (Industrial grade)
Chipset
Intel LE82US15EE
System Memory
1 x 200-pin SODIMM socket; Supports up to 2 GB industrial DDR2 400/533 memory module
Physical
Dimensions (W x H x D)
266 x 149 x 69.7 mm
Weight
2 kg
Storage
Compact Flash
1x Type II (externally accessible)
Display interface
Smart Display Port
Design compatible with TREK-303H, 7" smart display signal includes:
 18-bit LVDS out
 2 x RS-232 ports
 Mono audio out
 1 x USB host
 12V DC output @ 1A output
I/O
CAN
1 x CAN 2.0 A/B (J1939 protocol is ready, 2500Vrms isolation protection) via box header
Video In
2 x composite video inputs for rear view monitor; bypass to digital display port; doesn't support video recording
(NTSC, PAL, SECAM with automatic format detection)
USB Host
3 x USB host ports type A connectors with cable clip (front I/O panel x1; rear I/O panel x2)
Mic In
1 x Mic-in jack with cable clip
Line Out
1 x line out jack with cable clip
COM Ports
 2 x full function RS-232 ports, 5 V @ 500 mA, 12 V @ 250 mA, ping9, jumper selected
 1 x 4-wire RS-232, 1 x RS485, 1 x J1708
Isolated DI/DO
 4 x isolated dry contact digital inputs via DB9 (2500 Vrms protection)
 4 x relay drivers via DB9
VGA Output
1 x VGA output via DB-15 (independent display)
LAN
1 x 10/100/1000 Ethernet (with LEDs) via RJ-45 with cable clips
Communication
WWAN
GPRS - Cinterion MC55i (option), CDMA -Sierra Wireless 5728V (option) and HSDPA-MC8790V (option), with SMA connector for
external antenna
WLAN
Optional, supports 802.11 b/g/n, with SMA connector for external antenna (through internal Mini PCI Express)
Bluetooth
Optional, supports Bluetooth Class II, Version 2.0 + EDR, antenna built-in
GPS
Model
ublox industrial grade LEA 5S
RF Receiver Type
50 channels GPS L1 frequency, C/A code
Cold Start
29 s
Warm Start
29 s
Hot Start
<1 s
AGPS
<5 s
Acquisition
160 dBm
Protocol
NMEA (Input/Output, ASCII, 0183,2.3 (compatible to 3.0)
UBX (u-blox proprietary protocol)
(Note: Dead Reckoning optional )
G sensor
Built-in
LED
LED Indicator
 Power (Red)
 Storage Access (Green)
 WLAN data transfer (Green)
 WWAN link (Green)
 GPS operation (Blue)
E
TREK-550
 Supports Win CE 6.0, WES 2009, XP and Linux (Ubuntu 10.04/2.6.34)
 Automotive grade working temperature range (-30 to 70° C)
 Rich I/O including CAN, LAN, RS-232, RS-485, J1708, 4DI/4DO
(isolated), Line out, Mic in, USB, and Video-in
 Built-in communication modules, including GPRS/HSDPA/CDMA,
WLAN & Bluetooth
 GPS with AGPS and dead reckoning technology (Gyro & speed line)
 Certifications: CE/FCC/E-mark, MIL-STD-810G, ISO 7637-2, SAE
J1455, SAE J1113 regulations
 Dual independent display/audio output for both driver and passenger
 Ignition on/off delay; SW controllable for car power management
Intel® Atom™ In-Vehicle Computing
Box
ITS/Telematics


Similar Part No. - TREK-550-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TREK-510 ADVANTECH-TREK-510 Datasheet
1Mb / 2P
   ARM-based, In-Vehicle Computing Box
TREK-510-GCEA0E ADVANTECH-TREK-510-GCEA0E Datasheet
1Mb / 2P
   ARM-based, In-Vehicle Computing Box
TREK-520-CWBCEB0E ADVANTECH-TREK-520-CWBCEB0E Datasheet
824Kb / 2P
   RISC Compact In-vehicle Computing Box for Fleet Management
TREK-520-HWBCEA0E ADVANTECH-TREK-520-HWBCEA0E Datasheet
824Kb / 2P
   RISC Compact In-vehicle Computing Box for Fleet Management
TREK-570 ADVANTECH-TREK-570 Datasheet
777Kb / 4P
   Compact In-Vehicle Computing Box for Fleet Management
28-Jun-2022
More results

Similar Description - TREK-550-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TREK-510 ADVANTECH-TREK-510 Datasheet
1Mb / 2P
   ARM-based, In-Vehicle Computing Box
TREK-570-00A0E ADVANTECH-TREK-570-00A0E Datasheet
516Kb / 2P
   Compact In-vehicle Computing Box for Fleet Management
TREK-570 ADVANTECH-TREK-570 Datasheet
777Kb / 4P
   Compact In-Vehicle Computing Box for Fleet Management
28-Jun-2022
TREK-674-HWB7A0E ADVANTECH-TREK-674-HWB7A0E Datasheet
852Kb / 2P
   Compact In-vehicle Computing Box for Surveillance & Fleet Management
TREK-688-7LWB7PA0E ADVANTECH-TREK-688-7LWB7PA0E Datasheet
855Kb / 2P
   Premium In-vehicle Computing Box for Surveillance & Fleet Management
TREK-520-CWBCEB0E ADVANTECH-TREK-520-CWBCEB0E Datasheet
824Kb / 2P
   RISC Compact In-vehicle Computing Box for Fleet Management
TREK-668-HWB7A1E ADVANTECH-TREK-668-HWB7A1E Datasheet
1Mb / 2P
   Premium In-vehicle Computing Box for Surveillance & Fleet Management
TREK-668 ADVANTECH-TREK-668 Datasheet
942Kb / 2P
   Premium In-vehicle Computing Box for Surveillance & Fleet Management
ARK-2121V ADVANTECH-ARK-2121V_15 Datasheet
1Mb / 2P
   In-Vehicle NVR w/4 PoE Ports Intel짰 Atom E3825 / Atom E3845 SoC Fanless Box PC
ARK-VH200 ADVANTECH-ARK-VH200_14 Datasheet
703Kb / 2P
   Intel짰 Atom??Dual Core D510 In-Vehicle DVR with 4 BNC Fanless Box PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com