Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0442420000 Datasheet(PDF) 22 Page - Weidmuller

Part # 0442420000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0442420000 Datasheet(HTML) 22 Page - Weidmuller

Back Button 0442420000 Datasheet HTML 18Page - Weidmuller 0442420000 Datasheet HTML 19Page - Weidmuller 0442420000 Datasheet HTML 20Page - Weidmuller 0442420000 Datasheet HTML 21Page - Weidmuller 0442420000 Datasheet HTML 22Page - Weidmuller 0442420000 Datasheet HTML 23Page - Weidmuller 0442420000 Datasheet HTML 24Page - Weidmuller 0442420000 Datasheet HTML 25Page - Weidmuller 0442420000 Datasheet HTML 26Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
Fuse inserts and gauge rings for Weidmüller fuse terminals
145
for terminal type
SAKS 1
SAKS 7
ASK 1
WSI 6
SAKS 1
SAKS 7
WSI 6
SAKS 32)
SAKS 6
SAKS 2
SAKS 44)
SAKS 5
Gauge rings
For terminal type
SAKS 4 and 4/35
SAKS 5 and 5/35
SAKS 2 and 2/35
Size (mm)
5 x 20
Breaking capacity 1500 A
(at 250 V, 50 Hz, cos : 0.7)
5 x 25 m. K.1)
Breaking capacity 80 A
(at 250 V, 50 Hz, cos : = 1)
E 0.5 A
E 1
A
E 2
A
E 3
A
E 5
A
E 7
A
E 10
A
E 10 A
E 16 A
E 20 A
E 25 A
E 14/2
E 14/4
E 14/6
E 14/10
E 14/16
E 18/20
E 18/25
E 18/35
E 18/50
E 18/63
Rated voltage (V)
250
250
440
500
400
400
Rated current (A)
Type
0.1
(F)
G 20/0.10A/F
0.2
(F)
G 20/0.20A/F
0.25
(F)
G 20/0.25A/F
0.5
(F)
G 20/0.50A/F
0.63
(F)
G 20/0.63A/F
1.0
(F)
G 20/1.00A/F
1.6
(F)
G 20/1.60A/F
2.0
(F)
G 20/2.00A/F
2.5
(F)
G 20/2.50A/F
3.15
(F)
G 20/3.15A/F
4.0
(F)
G 20/4.00A/F
5.0
(F)
G 20/5.00A/F
6.3
(F)
G 20/6.30A/F
0.25
(M)
G 25/0.25A/M
0.5
(M)
G 25/0.50A/M
0.8
(M)
G 25/0.80A/M
1
(M)
G 25/1.00A/M
10
(M)5)G 25/10.0A/M
2
(F)
G 25/2.00A/F
4
(F)
G 25/4.00A/F
6.3
(F)
G 25/6.30A/F
(M) = mittelträge (F) = fast
0.5
GZ 0.5A/F
1
GZ 1.0A/F
2
GZ 2.0A
3
GZ 3.0A
5
GZ 5.0A
7
GZ 7.0A
10
GZ 10.0A
10
E 16/10A RT
16
E 16/16A GR
20
E 16/20A BL
25
E 16/25A GE
2E 14/2A RS
4E 14/4A BR
6E 14/6A GN
10
E 14/10A RT
16
E 14/16A GR
20
E 18/20A BL
25
E 18/25A GE
35
E 18/35A SW
50
E 18/50A WS
63
E 18/63A KU
(F) = fast
(M) = miedium-delayed action
Cat. No.
Qty.
0430300000
10
0430400000
10
0430500000
10
0430600000
10
0439000000
10
0430700000
10
0430800000
10
0430900000
10
0431000000
10
0431100000
10
0431200000
10
0431300000
10
0431400000
10
0546900000
10
0510300000
10
0646400000
10
0265800000
10
0193100000
10
0192700000
10
0192800000
10
0192900000
10
0533800000
10
0525500000
10
0294500000
10
0295700000
10
0294600000
10
0295800000
10
0293900000
10
0208500000
25
0208600000
25
0208700000
25
0208800000
25
0137400000
10
0137500000
10
0328300000
10
0328400000
10
0328500000
10
0361300000
10
0361400000
10
0361500000
10
0361600000
10
0361700000
10
G fuse inserts 5 x 20 without indicator acc. to IEC 60127-2 (VDE 0820 T.2 Bl 1)
G fuse inserts 5 x 25 with indicator acc. to DIN 415761)
33 kA Breaking capacity 33 kA fast
D fuse inserts E 16 with indicator acc. to DIN 49360 (diazed)
D fuse inserts E 14 Size D 01 and E 18 size D 02 with indicator acc. to DIN 49522 (neozed)3)
Cat. No.
Qty.
0138000000
50
0138100000
50
0328600000
50
0328700000
50
0361800000
50
0361900000
50
0362000000
50
0362100000
50
0208900000
100
0209000000
100
0209100000
100
Gauge ring type
P 14/2
P 14/4
P 14/6
P 14/1
P 18/20
P 18/25
P 18/35
P 18/50
P 16/10
P 16/16
P 16/20
Amp.
Colour
2
Pink
4Brown
6Green
10
Red
20
Blue
25
Yellow
35
Black
50
White
10
Red
16
Grey
20
Blue
Type
P 14/2D01 RS
P 14/4D01 BR
P 14/6D01 GN
P 14/10D01 RT
P 18/20D02 BL
P 18/25D02 GE
P 18/35D02 SW
P 18/50D02 WS
P 16/10 RT
P 16/16 GR
P 16/20 BL
Note:
1
) The SIBA company also supplies 5 x 25 G fuse inserts with indicators in a shipbuilding model for 450 V AC.
2
) 5 x 30 (500 V AC) fuse inserts for SAKS 3 are available from the WICKMANN company
3
) The LINDNER company also supplies neozed fuse cartridges in an additional shipbuilding mode for 440 V AC.
4
) Fuse cartridges with the dimensions 1"x1/4" c 25.4x6.35 mm and 13/32"x11/2" c 10.3x38.1 mm ar not included in product line.
5
) Only for SAKS 1 and SAKS 7.
Fuse inserts 11/4“ x 1/4“ without indicator acc. to BS 88
Fuse inserts


Similar Part No. - 0442420000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0442450010 MOLEX6-0442450010 Datasheet
321Kb / 4P
   1.27mm (.050") Pitch SliderZ Board-to-Board Connector, Hermaphroditic
0442450020 MOLEX6-0442450020 Datasheet
321Kb / 4P
   1.27mm (.050") Pitch SliderZ Board-to-Board Connector, Hermaphroditic
0442450030 MOLEX6-0442450030 Datasheet
321Kb / 4P
   1.27mm (.050") Pitch SliderZ Board-to-Board Connector, Hermaphroditic
0442450040 MOLEX6-0442450040 Datasheet
321Kb / 4P
   1.27mm (.050") Pitch SliderZ??Board-to-Board Connector, Hermaphroditic
0442450050 MOLEX6-0442450050 Datasheet
321Kb / 4P
   1.27mm (.050") Pitch SliderZ Board-to-Board Connector, Hermaphroditic
More results

Similar Description - 0442420000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0337000000 WEIDMULLER-0337000000 Datasheet
46Kb / 1P
   SAK-series
0300800000 WEIDMULLER-0300800000 Datasheet
207Kb / 2P
   SAK Series, Connecting sleeve, for crossconnection link,
October 18, 2021
0198220000 WEIDMULLER-0198220000 Datasheet
314Kb / 4P
   SAK Series, Test-disconnect terminal, Rated cross-section: 6mm짼
October 6, 2021
0117900000 WEIDMULLER-0117900000 Datasheet
211Kb / 2P
   SAK Series, End plate, 1.5 mm, red, Direct mounting
October 3, 2021
0105100000 WEIDMULLER-0105100000 Datasheet
209Kb / 2P
   SAK Series, End plate, 1.5 mm, dark beige, Direct mounting
September 10, 2021
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com