Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX039 Datasheet(PDF) 10 Page - Sony Corporation

Part # ICX039
Description  Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX039 Datasheet(HTML) 10 Page - Sony Corporation

Back Button ICX039 Datasheet HTML 6Page - Sony Corporation ICX039 Datasheet HTML 7Page - Sony Corporation ICX039 Datasheet HTML 8Page - Sony Corporation ICX039 Datasheet HTML 9Page - Sony Corporation ICX039 Datasheet HTML 10Page - Sony Corporation ICX039 Datasheet HTML 11Page - Sony Corporation ICX039 Datasheet HTML 12Page - Sony Corporation ICX039 Datasheet HTML 13Page - Sony Corporation ICX039 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
– 10 –
ICX039DLA
Image Sensor Characteristics
(Ta = 25°C)
Item
Sensitivity
Saturation signal
Smear
Video signal shading
Dark signal
Dark signal shading
Flicker
Lag
S
Vsat
Sm
SH
Vdt
∆Vdt
F
Lag
500
720
600
0.00032 0.00056
20
25
2
1
2
0.5
mV
mV
%
%
%
mV
mV
%
%
1
2
3
4
4
5
6
7
8
Ta = 60°C
Zone 0 and I
Zone 0 to II'
Ta = 60°C
Ta = 60°C
Symbol
Min.
Typ.
Max.
Unit
Measurement method
Remarks
Zone Definition of Video Signal Shading
6
8
582 (V)
12
12
752 (H)
V
10
H
8
H
8
V
10
Effective pixel region
Zone 0, I
Zone II, II'
Ignored region


Similar Part No. - ICX039

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX039 SONY-ICX039 Datasheet
202Kb / 19P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX039 SONY-ICX039 Datasheet
227Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX039BLB SONY-ICX039BLB Datasheet
202Kb / 19P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX039BNA SONY-ICX039BNA Datasheet
227Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX039BNB SONY-ICX039BNB Datasheet
212Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
More results

Similar Description - ICX039

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX039DLB SONY-ICX039DLB Datasheet
202Kb / 19P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX249AL SONY-ICX249AL Datasheet
221Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX429ALB SONY-ICX429ALB Datasheet
226Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX419ALB SONY-ICX419ALB Datasheet
215Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX429ALL SONY-ICX429ALL Datasheet
178Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX419ALL SONY-ICX419ALL Datasheet
195Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX038DLB SONY-ICX038DLB Datasheet
201Kb / 19P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX038DLA SONY-ICX038DLA Datasheet
217Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX248AL SONY-ICX248AL Datasheet
220Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX077AL SONY-ICX077AL Datasheet
249Kb / 18P
   Diagonal 3.6mm (Type 1/5) CCD Image Sensor for CCIR Black-and-White Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com