Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-DB4700 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-DB4700
Description  ETX/XTX Development Board
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-DB4700 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-DB4700_12 Datasheet HTML 1Page - Advantech Co., Ltd. SOM-DB4700_12 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
SOM-DB4700
ETX/XTX Development Board
ƒ ETX/XTX Development Board
ƒ ATX form factor
ƒ Display type: LVDS, DVI, VGA, TV out
ƒ Expansion: 2 Express Card, 3 PCI, 1 Mini PCI, 1 ISA bus slot
ƒ SATA/EIDE/FDD/LPT/Keyboard/Mouse/USB/Audio/SSD interface
Specifications
Compatible Models
ETX
XTX
Display
LCD
TTL/LVDS (depends on CPU module)
TTL/LVDS (depends on CPU module)
VGA
1
1
DVI
-
1
TV out
1
1
Dual Display
TTL/LVDS, VGA, TV out
TTL/LVDS, VGA, TV out
Ethernet
1 x 10/100
1 x 10/100 + 1 Giga
Audio
AC97
High Definition Audio
Expansion
Express Card
-
2
PCI
3
2
Mini PCI
1
1
ISA
1
1
I/O
SATA
-
4
EIDE
1 x 40 pin + 1 x 44 pin
1 x 40 pin + 1 x 44 pin
Serial
4 COM ports
3 x RS-232, 1 x RS-232/422/485
4 COM ports
3 x RS-232, 1 x RS-232/422/485
USB
4 x USB 2.0
6 x USB 2.0
LPT/FDD
1
1
KB/MS
1
1
CF
1
1
System Fan
2
2
SMBus
1
1
I2C
1
1
Port 80
1
1
Power
Power Type
ATX mode
Environment
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Mechanical
Dimensions
304.8 x 190.5 mm (12" x 7.5")
MiniPCI
PCIe
Audio
LAN/USB34
USB12
LPT/COM/CRT
KB/MS
LVDS
LAN
IDE
Floppy
IDE
CF
SATA
Express Card
LPT
PCI
ISA
All product specifications are subject to change without notice
Last updated : 13-Jun-2012


Similar Part No. - SOM-DB4700_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-DB4700 ADVANTECH-SOM-DB4700_12 Datasheet
1Mb / 2P
   ETX/XTX Development Board
More results

Similar Description - SOM-DB4700_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-DB4700 ADVANTECH-SOM-DB4700_12 Datasheet
1Mb / 2P
   ETX/XTX Development Board
SOM-DB4700 ADVANTECH-SOM-DB4700 Datasheet
1Mb / 2P
   ETX/XTX Development Board
SOM-DB4700 ADVANTECH-SOM-DB4700_15 Datasheet
317Kb / 2P
   ETX/XTX Development Board
SOM-DB4400 ADVANTECH-SOM-DB4400 Datasheet
323Kb / 1P
   ETX Development Board SOM-144 Development Board
logo
Axiomtek Co., Ltd.
ETB9F000 AXIOMTEK-ETB9F000_17 Datasheet
639Kb / 1P
   ETX Development Baseboard
logo
AAEON Technology
ECB-910M AAEON-ECB-910M Datasheet
358Kb / 2P
   XTX Carrier Board
ECB-901A AAEON-ECB-901A Datasheet
421Kb / 1P
   ETX Carrier Board
ECB-902M AAEON-ECB-902M Datasheet
400Kb / 2P
   ETX Carrier Board
logo
ATMEL Corporation
ATSAM4S-EK ATMEL-ATSAM4S-EK Datasheet
2Mb / 49P
   Development Board
logo
IXYS Corporation
DVRFD615X2 IXYS-DVRFD615X2 Datasheet
794Kb / 4P
   Development Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com