Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX039BLA Datasheet(PDF) 9 Page - Sony Corporation

Part # ICX039BLA
Description  Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX039BLA Datasheet(HTML) 9 Page - Sony Corporation

Back Button ICX039BLA Datasheet HTML 5Page - Sony Corporation ICX039BLA Datasheet HTML 6Page - Sony Corporation ICX039BLA Datasheet HTML 7Page - Sony Corporation ICX039BLA Datasheet HTML 8Page - Sony Corporation ICX039BLA Datasheet HTML 9Page - Sony Corporation ICX039BLA Datasheet HTML 10Page - Sony Corporation ICX039BLA Datasheet HTML 11Page - Sony Corporation ICX039BLA Datasheet HTML 12Page - Sony Corporation ICX039BLA Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
– 9 –
ICX039DLA
(5) Substrate clock waveform
90%
100%
10%
0%
VSUB
tr
twh
tf
φM
φM
2
V
φSUB
Clock Switching Characteristics
Item
Readout clock
Vertical transfer
clock
During
imaging
During parallel-
serial
conversion
Reset gate clock
Substrate clock
VT
V
φ1, Vφ2,
V
φ3, Vφ4
H
φ
H
φ1
H
φ2
φRG
φSUB
2.3
11
1.5
2.5
20
5.38
13
1.8
20
5.38
51
0.5
15
0.01
0.01
3
19
0.5
0.5
15
15
0.01
0.01
3
250
19
0.5
µs
ns
ns
µs
ns
µs
During
readout
∗1
∗2
During drain
charge
Symbol
twh
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
twl
tr
tf
Unit
Remarks
∗1 When vertical transfer clock driver CXD1267AN is used.
∗2 tf ≥ tr – 2ns.
Item
Horizontal transfer clock
H
φ1, Hφ2
16
20
ns
∗3
Symbol
two
Min.
Typ.
Max.
Unit
Remarks
∗3 The overlap period for twh and twl of horizontal transfer clocks Hφ
1
and H
φ2 is two.


Similar Part No. - ICX039BLA

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX039BLB SONY-ICX039BLB Datasheet
202Kb / 19P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
More results

Similar Description - ICX039BLA

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX039DLB SONY-ICX039DLB Datasheet
202Kb / 19P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX249AL SONY-ICX249AL Datasheet
221Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX429ALB SONY-ICX429ALB Datasheet
226Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX419ALB SONY-ICX419ALB Datasheet
215Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX429ALL SONY-ICX429ALL Datasheet
178Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX419ALL SONY-ICX419ALL Datasheet
195Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX038DLB SONY-ICX038DLB Datasheet
201Kb / 19P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX038DLA SONY-ICX038DLA Datasheet
217Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX248AL SONY-ICX248AL Datasheet
220Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX077AL SONY-ICX077AL Datasheet
249Kb / 18P
   Diagonal 3.6mm (Type 1/5) CCD Image Sensor for CCIR Black-and-White Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com