Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-7565 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-7565
Description  Intel짰 Atom??Processor N2000 Series COM Express Mini Module Pin-out Type 10
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-7565 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-7565 Datasheet HTML 1Page - Advantech Co., Ltd. SOM-7565 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-7565
Ordering Information
Part No.
CPU
L2
Cache Chipset
Onboard
Memory
Onboard
Flash
LVDS HDMI/
DVI/DP
PCIe
x1
HD
Audio GbE SATAII
USB
2.0
LPC
SMBus Thermal
Solution
Operating
Temperature
SOM-7565M4-S6A1E
Atom N2600 1 MB
NM10
2 GB
MLC 4 GB 18-bit
1
3
Yes
1
1
8
Yes
Yes
Passive
0 ~ 60° C
SOM-7565S2-S6A1E
Atom N2600 1 MB
NM10
2 GB
SLC 2 GB 18-bit
1
3
Yes
1
1
8
Yes
Yes
Passive
0 ~ 60° C
SOM-7565SZ-S6A1E
Atom N2600 1 MB
NM10
2 GB
SLC 2 GB 18-bit
1
3
Yes
1
1
8
Yes
Yes
Passive
-20 ~ 80° C
SOM-7565SZ2-S6A1E Atom N2600 1 MB
NM10
2 GB
SLC 2 GB 18-bit
1
3
Yes
1
1
8
Yes
Yes
Passive
-40 ~ 85° C
Note: Passive = fanless; Active = with fan
Development Board
Part No.
Description
SOM-DB5800-U0A1E
Development Board for COM-Express Type 10 Rev.A1
Packing List
Part No.
Description
Quantity
-
SOM-7565 CPU Module
-
1960055344N001
Heatspreader
1
Optional Accessories
Part No.
Description
1960056280N001
Semi-Heatsink 84L x 55W x 13.2H mm (0 ~ 60° C)
1960050950N001
Semi-Heatsink 84L x 55W x 34H mm (-40 ~ 85° C)
NM10
Intel Atom N2600
2 GB Onboard Memory
Ethernet
Giga LAN
82574L
3 PCIe x1
HDA
8 USB 2.0
1 PCIe x1
iManager
WDT / GPIO / I2C
SMBus
SPI BIOS
SPI Bus
Serial Port/ FAN
IMVP 7
Onboard Flash
DMI
DDR3 800
SATAII
LPC BUS
Single Channel 18-bit LVDS
1 DDI port
1 SATA II


Similar Part No. - SOM-7565

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-7565-A2 ADVANTECH-SOM-7565-A2_15 Datasheet
804Kb / 2P
   Intel짰 Atom??Processor N2600/N2800 COM Express짰 Mini Module
SOM-7565A2 ADVANTECH-SOM-7565A2 Datasheet
804Kb / 2P
   Intel Atom Processor N2600/N2800 COM Express Mini Module
SOM-7565M4-S6A1E ADVANTECH-SOM-7565M4-S6A1E Datasheet
948Kb / 2P
   Intel짰 Atom??Processor N2000 Series COM Express Mini Module Pin-out Type 10
SOM-7565M4-S6A1E ADVANTECH-SOM-7565M4-S6A1E Datasheet
948Kb / 2P
   Intel짰 Atom??Processor N2000 Series COM Express Mini Module Pin-out Type 10
SOM-7565M4-S6A2E ADVANTECH-SOM-7565M4-S6A2E Datasheet
804Kb / 2P
   Intel짰 Atom??Processor N2600/N2800 COM Express짰 Mini Module
More results

Similar Description - SOM-7565

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-7565 ADVANTECH-SOM-7565_13 Datasheet
948Kb / 2P
   Intel짰 Atom??Processor N2000 Series COM Express Mini Module Pin-out Type 10
SOM-7565M4-S6A1E ADVANTECH-SOM-7565M4-S6A1E Datasheet
948Kb / 2P
   Intel짰 Atom??Processor N2000 Series COM Express Mini Module Pin-out Type 10
SOM-7562B1 ADVANTECH-SOM-7562B1 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N455 COM-Express Mini Module
SOM-7564 ADVANTECH-SOM-7564 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor E6xx Series COM-Express Mini Module
SOM-6765 ADVANTECH-SOM-6765 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor COM-Express Type 2 Compact Module
SOM-6761 ADVANTECH-SOM-6761_12 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N270 COM-Express Compact Module
SOM-5761 ADVANTECH-SOM-5761_11 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N270 COM-Express Basic Module
SOM-5962 ADVANTECH-SOM-5962 Datasheet
997Kb / 2P
   Intel짰 Atom??C3000 Processor COM Express R3.0 Type 7 Module
13-May-2020
SOM-6763 ADVANTECH-SOM-6763_11 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/ D510 COM-Express Compact Module
SOM-6763B1 ADVANTECH-SOM-6763B1 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N455/D525 COM-Express Compact Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com