Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0630160000 Datasheet(PDF) 52 Page - Weidmuller

Part # 0630160000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0630160000 Datasheet(HTML) 52 Page - Weidmuller

Back Button 0630160000 Datasheet HTML 44Page - Weidmuller 0630160000 Datasheet HTML 45Page - Weidmuller 0630160000 Datasheet HTML 46Page - Weidmuller 0630160000 Datasheet HTML 47Page - Weidmuller 0630160000 Datasheet HTML 48Page - Weidmuller 0630160000 Datasheet HTML 49Page - Weidmuller 0630160000 Datasheet HTML 50Page - Weidmuller 0630160000 Datasheet HTML 51Page - Weidmuller 0630160000 Datasheet HTML 52Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 52 / 52 page
background image
175
125 V/–/–
Type
Cat. No.
Qty.
0468860000
1
0468960000
1
Type
Cat. No.
Qty.
DSA 1
0576060000 50
125 V/–/–
Type
Cat. No.
Qty.
0467160000
1
0467260000
1
Type
Cat. No.
Qty.
DSA 1
0576060000 50
105 V/–/–
Type
Cat. No.
Qty.
0498960000
1
0499060000
1
with shield pins
Type
Cat. No.
Qty.
DSA 1
0576060000 50
125 V/–/–
Type
Cat. No.
Qty.
0444060000
1
0545960000
1
with shield pins
Type
Cat. No.
Qty.
DSA 1
0576060000 50
Size A
Size B
Type
in mm
in mm
RV 8/8 K
81
40.64
RV 8/9 K
89
40.64
RV 8/8 L
93
40.64
RV 8/9 L
100
40.64
RV 8/20 K
187,62/31.5
63
RV 8/56 K
460/31.5
63
(K = short/L = long)
Cat. No.
RV
a
b
c
0468860000
8/8 L
26
20
200
0468960000
8/8 L
26
26
206
0467160000
8/8 K
26
20
84
0467260000
8/8 K
26
26
89
0119360000
8/20 K
26
20
84
0544460000
8/20 K
26
26
89
0462260000
8/56 K
26
20
84
0533060000
8/56 K
26
26
89
Mounting rails, end brackets, further marking material see “Accessories”
Technical data acc. to VDE
Pin versions (intern)
0.8 x 2.4/1 x 1
0.8 x 2.4/0.8 x 2.4
Plug adapter
1-pole
for connection of solid and flexible conductors from 0.75 to
1.5 mm2 directly on to the pins of the interface system.
RV 8/20 short
RV 8/56 short
125 V~/–/–
Cat. No.
Qty.
0544460000
1
125 V~/–/–
Cat. No.
Qty.
0462260000
1
0533060000
4
Technical data acc. to VDE
Pin versions (internal)
0.8 x 2.4/1 x 1
0.8 x 2.4/0.8 x 2.4
Additional versions on request
RV 8/8 short
RV 8/9 short
RV 8/9 long
Rack-mounted interface systems
RV 8/8 long


Similar Part No. - 0630160000

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
0630CDMCC/DS SUMIDA-0630CDMCC/DS Datasheet
217Kb / 5P
   SMD Power Inductor
0630CDMCCDS SUMIDA-0630CDMCCDS Datasheet
219Kb / 5P
   SMD Power Inductor
0630CDMCCDS SUMIDA-0630CDMCCDS Datasheet
217Kb / 5P
   SMD Power Inductor
0630CDMCCDS-100MC SUMIDA-0630CDMCCDS-100MC Datasheet
219Kb / 5P
   SMD Power Inductor
0630CDMCCDS-100MC SUMIDA-0630CDMCCDS-100MC Datasheet
217Kb / 5P
   SMD Power Inductor
More results

Similar Description - 0630160000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0337000000 WEIDMULLER-0337000000 Datasheet
46Kb / 1P
   SAK-series
0300800000 WEIDMULLER-0300800000 Datasheet
207Kb / 2P
   SAK Series, Connecting sleeve, for crossconnection link,
October 18, 2021
0198220000 WEIDMULLER-0198220000 Datasheet
314Kb / 4P
   SAK Series, Test-disconnect terminal, Rated cross-section: 6mm짼
October 6, 2021
0117900000 WEIDMULLER-0117900000 Datasheet
211Kb / 2P
   SAK Series, End plate, 1.5 mm, red, Direct mounting
October 3, 2021
0105100000 WEIDMULLER-0105100000 Datasheet
209Kb / 2P
   SAK Series, End plate, 1.5 mm, dark beige, Direct mounting
September 10, 2021
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com