Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0630160000 Datasheet(PDF) 48 Page - Weidmuller

Part No. 0630160000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0630160000 Datasheet(HTML) 48 Page - Weidmuller

Back Button 0630160000 Datasheet HTML 44Page - Weidmuller 0630160000 Datasheet HTML 45Page - Weidmuller 0630160000 Datasheet HTML 46Page - Weidmuller 0630160000 Datasheet HTML 47Page - Weidmuller 0630160000 Datasheet HTML 48Page - Weidmuller 0630160000 Datasheet HTML 49Page - Weidmuller 0630160000 Datasheet HTML 50Page - Weidmuller 0630160000 Datasheet HTML 51Page - Weidmuller 0630160000 Datasheet HTML 52Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
171
AKB 4
a r
8/58/30.5
9 mm/M 3/3.5 x 0.6
500 V/6.3 A*/4 mm2
6 kV/3
0.5…1.0
2
0.5…4
1.5…4
0.5…4
0.5…2.5
0.5…2.5
0.13...4.0 / A3
(QB 2…4) 10
300 V/10 A/22…12 AWG
300 V/6.3 A/26…12 AWG
Type
Cat. No.
Qty.
ASK 1 PA
0376960000 100
(for G fuse inserts
5x 20 without indicator)
AP (1.5)
0380360000 20
QB 21)
0461100000 50
QB 31)
0461200000 50
QB 41)
0461300000 50
K sleeve
0553300000 100
DEK 6.5
see “Accessories”
1
) The conductor cross-section is reduced to max. 2.5 mm2
when QB is used.
* With contact sleeve 19 A
K sleeve
Max. technical data
Dimensions/approvals
Width/length/height (mm)
Insulation stripping length/clamping screw/screwdriver blade
Rated data according to IEC 60 947-7-1
Rated voltage/current/cross-section
Rated impulse voltage VDE 0110/1.89/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule DIN 46 228/1
mm2
Flexible H07V-K and ferrule with plastic insul. collar
mm2
Max. clamping range in mm2/plug gauge acc. to IEC 60 947-1 Size
Continuous current rating of cross-connection 2-pole
A
Continuous current rating of cross-connection multipole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
PA
Blue PA
End plate/attachment bracket (thickness mm)
AP
PA
Blue PA
Partition (thickness mm)
Small partition
Cross-connection
Q 3
QB 4
Switchable cross-connection link
VL
BS
VH
Test plug/socket
PS
StB
Cover/contact sleeve
Marking tags
Print
DEK
Standard
32 A / 4 mm2
a r
6/27/23
9 mm/M 3/3.5 x 0.6
400 V/32 A/4 mm2
6 kV/3
0.5…1.0
2
0.5…6
1.5…4
0.5…4
0.5…4
0.5…4
0.33...4.0 / A3
32
32
300/250 V/27 A/22…12 AWG
300 V/10 A/22…12 AWG
Type
Cat. No.
Qty.
AKB 4 PA
0321560000 100
0321580000 100
Direct mounting with BB 1
please order separately
BB 1 (7)
0320560000 50
BS M 3 x 15 0359000000 100
TW PA (0.5) 0348260000 50
TSch 4
0363360000 100
Q 2
0336400000 50
Q 3
0336500000 50
Q 4
0336600000 50
Q 10
0368600000 20
VL 2
0446700000 50
VH 10
0446600000 50
BS M 2.5x 14 0266800000 100
StB 8.5
0215700000 50
PS 2.3
0180400000 20
AD 4
0303400000 50
BSK M 2.5x18 0303300000 100
DEK 6
see “Accessories”
26 A / 2.5 mm2
a r
5/25.5/26.5
7 mm/M 2.5/3 x 0.5
250 V/24 A/2.5 mm2
4 kV/3
0.4…0.6
1
0.5…4
1.5…2.5
0.5…2.5
0.5…2.5
0.5…2.5
0.13...4.0 / A3
24
24
300 V/10 A/22…12 AWG
300 V/10 A/26…10 AWG
Type
Cat. No.
Qty.
AKZ 2.5
0697160000 100
AKZ 2.5
0697180000 100
Direct mounting with BB 4
please order separately
BB 4 (7.5)
0697560000 50
AP (2.5)
0697360000 50
AP (2.5)
0697380000 50
Q 2
0368200000 50
Q 3
0368300000 50
Q 4
0368400000 50
Q 10
0368500000 20
StB 8.5
0215700000 50
PS 2.3
0180400000 20
DEK 5
see “Accessories”
Mounting rails, end brackets, further marking material see “Accessories”
For fixing the screws of ASK 1
please use
M 3 x ... DIN EN. ISO 1207 or
M 3 x ... DIN EN, ISO 1580
Screw, solder, tab
connection
Modular design
AKZ 2.5
ASK 1
Multipole terminal blocks


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn