Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0630160000 Datasheet(PDF) 40 Page - Weidmuller

Part No. 0630160000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0630160000 Datasheet(HTML) 40 Page - Weidmuller

Back Button 0630160000 Datasheet HTML 36Page - Weidmuller 0630160000 Datasheet HTML 37Page - Weidmuller 0630160000 Datasheet HTML 38Page - Weidmuller 0630160000 Datasheet HTML 39Page - Weidmuller 0630160000 Datasheet HTML 40Page - Weidmuller 0630160000 Datasheet HTML 41Page - Weidmuller 0630160000 Datasheet HTML 42Page - Weidmuller 0630160000 Datasheet HTML 43Page - Weidmuller 0630160000 Datasheet HTML 44Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
163
Feed-through terminals for TS 15
6.5/32/21
400 V/16 A/1 mm2
6 kV/3
0.5…1
0.5…1
U
TS 15
Cat. No.
Qty.
0137320000 100
Type
Cat. No.
Qty.
EP (1.0)
0164100000 100
EP(1.0 tropi. pr.)
0164500000100
TW (0.5)
0166800000 50
DEK 6.5
see “Accessories”
a r
6/44/30
250 V/16 A/1.5 mm2
4 kV/3
0.5…1.5
1.5
0.5…1.5
0.2…2.5 / -
20
20
300 V/20 A/22…12 AWG
300 V/10 A/24…12 AWG
U
TS 15
Cat. No.
Qty.
0346460000 100
Type
Cat. No.
Qty.
AP (1.5)
0294460000 20
TW (0.5)
0348260000 50
TSch 4
0363360000 100
Q 2
0336400000 50
Q 3
0336500000 50
Q 4
0336600000 50
Q 10
0368600000 20
VL 2
0446700000 50
VH 10
0446600000 50
BS M 2.5 x 14 0266800000 100
StB 8.5
0215700000 50
PS 2.3
0180400000 20
AD 4
0303400000 50
BSK M 2.5x18 0303300000
100
DEK 6
see “Accessories”
r
5/34.5/25
7 mm / M 2.5 / 3.0 x 0.5
250 V/16 A/1.5 mm2
4 kV/3
0.4…0.7
1
0.5…2.5
1.5
0.5…1.5
0.5…1.5
0.5…1.5
0.2…2.5 / A 1
24
24
150 V/10 A/24…16 AWG
U
TS 15
Cat. No.
Qty.
0340160000 100
Type
Cat. No.
Qty.
AP (1.5)
0329660000 20
TW (0.5)
0166800000 50
Q 2
0368200000 50
Q 3
0368300000 50
Q 4
0368400000 50
Q 10
0368500000 20
StB 8.5
0215700000 50
PS 2.3
0180400000 20
DEK 5
see “Accessories”
a r
6/35.5/30
9 mm / M 3 / 3.5 x 0.6
250 V/16 A/4/1.5 mm2
4 kV/3
0.5…1.0
2
0.5…4
1.5…4
0.5…4
0.5…4
0.5…4
0.2...4.0 / A 3
20
20
300 V/20 A/22…12 AWG
300 V/10 A/24…12 AWG
U
TS 15
Cat. No.
Qty.
0334820000 100
0334860000 100
Type
Cat. No.
Qty.
AP (1.5)
0294420000 20
AP (1.5)
0294460000 20
AP (1.5)
0294480000 20
TW (0.5)
0348260000 50
TSch 4
0363360000 100
Q 2
0336400000 50
Q 3
0336500000 50
Q 4
0336600000 50
Q 10
0368600000 20
VL 2
0446700000 50
VH 10
0446600000 50
BS M 2.5 x 14 0266800000 100
StB 8.5
0215700000 50
PS 2.3
0180400000 20
AD 4
0303400000 50
BSK M 2.5x18 0303300000
100
DEK 6
see “Accessories”
UUU
U
AKZ 1.5 L
AKZ 4 L
AL 1
AKZ 4 LL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn