Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0630160000 Datasheet(PDF) 34 Page - Weidmuller

Part No. 0630160000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0630160000 Datasheet(HTML) 34 Page - Weidmuller

Back Button 0630160000 Datasheet HTML 30Page - Weidmuller 0630160000 Datasheet HTML 31Page - Weidmuller 0630160000 Datasheet HTML 32Page - Weidmuller 0630160000 Datasheet HTML 33Page - Weidmuller 0630160000 Datasheet HTML 34Page - Weidmuller 0630160000 Datasheet HTML 35Page - Weidmuller 0630160000 Datasheet HTML 36Page - Weidmuller 0630160000 Datasheet HTML 37Page - Weidmuller 0630160000 Datasheet HTML 38Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
157
Feed-through terminals for initiators and actuators
** If the cross-connection runs via the PE connection of the DLA, or if a pole is generally skipped, the rated voltage is reduced to 30 V~
2)
A4 clamping position = max 4 mm2 ... 3) A3 clamping position = max 2.5 mm2 ... ferrule with/without plastic insulating collar
W
W
W
DLA 2.5
DLA 2.5/D
DLA 2.5/LD
DLA 2.5/LD/D
DLD 2.5/PE
KDKS1 / PE
W
W
W
a r q #
6/65/49
7 mm/M 2.5/3.5 x 0.6
5–30 V/17.5 A/2.5 mm2
0.8 kV/3
0.4…0.6
1
0.5…4
0.5…2.5
0.5…4
0.5…2.5
A 3
20 A/2.5 mm2
(Q 2…20) 20
300 V/10 A/26…12 AWG
5–30 V/10 A/26…12 AWG
W
Cat. No.
Qty.
1578430000 100
1578440000 100
Type
Cat. No.
Qty.
AP
1313260000 20
TSch 1
0319160000 100
Q 2
1312500000
50
Q 3
1312600000
50
Q 4
1312700000
50
Q 10
1313100000
20
Q 20
1399800000
20
QL 2
0297200000 100
VH 4.2
1345800000 100
VQB1.5/50 BL
1633280000
5
VQB1.5/50 RT
1633290000
5
VQB1.5/50 SW
1635120000
5
WT 4
1341060000 100
SF 10
0332400000 1000
SG 10
0332500000 1000
ADP
0485400000
20
HP 4
0485860000
20
DEK 6
see “Accessories”
a r q #
6/65/49
7 mm/M 2.5/3.5 x 0.6
5–30 V/17.5 A/2.5 mm2
0.8 kV/3
0.4…0.6
1
0.5…4
0.5…2.5
0.5…4
0.5…2.5
A 3
20 A/2.5 mm2
(Q 2…20) 20
300 V/10 A/26…12 AWG
5–30 V/10 A/26…12 AWG
W
Cat. No.
Qty.
(LED red)
1578470000 100
(LED green) 1578480000 100
(LED red)
1578490000
10
(LED green) 1578500000
10
Type
Cat. No.
Qty.
AP
1313260000 20
TSch 1
0319160000 100
Q 2
1312500000
50
Q 3
1312600000
50
Q 4
1312700000
50
Q 10
1313100000
20
Q 20
1399800000
20
QL 2
0297200000 100
VH 4.2
1345800000 100
VQB1.5/50 BL
1633280000
5
VQB1.5/50 RT
1633290000
5
VQB1.5/50 SW
1635120000
5
WT 4
1341060000 100
SF 10
0332400000 1000
SG 10
0332500000 1000
ADP
0485400000
20
HP 4
0485860000
20
DEK 6
see “Accessories”
a r q #
6/65/49
7 mm/M 2.5/3.5 x 0.6
250 V**/17.5 A/2.5 mm2
4 kV/3
0.4…0.6
1
0.5…4
0.5…2.5
0.5…4
0.5…2.5
A 3
20 A/2.5 mm2
(Q 2…20) 20
300 V/10 A/26…12 AWG
300 V/10 A/26…12 AWG
W
Cat. No.
Qty.
1565970000 100
(w. dekafix) 1578380000
10
(w/o dekafix) 1578390000
10
Type
Cat. No.
Qty.
AP
1313260000
20
TSch 1
0319160000 100
StB8.5*(ø2.3) 0215700000
50
PS 2.3
0180400000
20
Q 2
1312500000
50
Q 3
1312600000
50
Q 4
1312700000
50
Q 10
1313100000
20
Q 20
1399800000
20
QL 2
0297200000 100
VH 4.2
1345800000 100
VQB1.5/50BL
1633280000
5
VQB1.5/50RT 1633290000
5
VQB1.5/50SW
1635120000
5
WT 4
1341060000 100
SF 10
0332400000 1000
SG 10
0332500000 1000
ADP
0485400000
20
HP 4
0485860000
20
DEK 6
see “Accessories”
a r q #
6/65/49
7 mm/M 2.5/3.5 x 0.6
250 V**/17.5 A/2.5 mm2
4 kV/3
0.4…0.6
1
0.5…4
0.5…2.5
0.5…4
0.5…2.5
A 3
20 A/2.5 mm2
(Q 2…20) 20
300 V/10 A/26…12 AWG
300 V/10 A/26…12 AWG
W
Cat. No.
Qty.
1578400000 100
Type
Cat. No.
Qty.
AP
1313260000 20
TSch 1
0319160000 100
Q 2
1312500000
50
Q 3
1312600000
50
Q 4
1312700000
50
Q 10
1313100000
20
Q 20
1399800000
20
QL 2
0297200000 100
VH 4.2
1345800000 100
VQB1.5/50 BL
1633280000
5
VQB1.5/50 RT
1633290000
5
VQB1.5/50 SW
1635120000
5
WT 4
1341060000 100
SF 10
0332400000 1000
SG 10
0332500000 1000
ADP
0485400000
20
HP 4
0485860000
20
DEK 6
see “Accessories”
a r #
6/74.5/49
7 mm/M 2.5/3.5 x 0.6
250 V**/17.5 A/2.5 mm2
4 kV/3
0.4…0.6
1
0.5…4
0.5…2.5
0.5…4
0.5…2.5
A 3
20 A/2.5 mm2
(Q 2…20) 20
300 V/10 A/26…12 AWG
300 V/10 A/26...12 AWG
W
Cat. No.
Qty.
1595950000 100
Type
Cat. No.
Qty.
AP
1595960000
20
AP (Part-AP) 1595970000
TSch 1
0319160000 100
StB8.5*(ø2.3) 0215700000
50
PS 2.3
0180400000
20
Q 2
1312500000
50
Q 3
1312600000
50
Q 4
1312700000
50
Q 10
1313100000
20
Q 20
1399800000
20
QL 2
0297200000 100
VH 4.2
1345800000 100
VQB1.5/50 BL
1633280000
5
VQB1.5/50 RT
1633290000
5
VQB1.5/50 SW
1635120000
5
WT 4
1341060000 100
SF 10
0332400000 1000
SG 10
0332500000 1000
ADP
0485400000
20
HP 4
0485860000
20
DEK 6
see “Accessories”
a #
8/91/65
8 mm/M 32)/M 2.53)/3.5 x 0.6
500 V / 6 . 3 A / 4 mm2
6 kV/3
0.5…1 2)/0 . 4…0.73)
2/1***
0.5…4
0.5…4
0.5…4
A 4 2)/A 33)
-/-/22...12 AWG
W
Cat. No.
Qty.
9528110000
50
not combine with
DLI / DLA
Wemid
9532450000
50
5 x 20 without core indicator
Type
Cat. No.
Qty.
AP
9503330000
50
AP Wemid 9532470000
50
QB 2
0461100000
50
QB 3
0461200000
50
QB 4
0461300000
50
DEK 8
see “Accessories”
A4
A4
A4
A4
A3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn