Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0630160000 Datasheet(PDF) 28 Page - Weidmuller

Part # 0630160000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0630160000 Datasheet(HTML) 28 Page - Weidmuller

Back Button 0630160000 Datasheet HTML 24Page - Weidmuller 0630160000 Datasheet HTML 25Page - Weidmuller 0630160000 Datasheet HTML 26Page - Weidmuller 0630160000 Datasheet HTML 27Page - Weidmuller 0630160000 Datasheet HTML 28Page - Weidmuller 0630160000 Datasheet HTML 29Page - Weidmuller 0630160000 Datasheet HTML 30Page - Weidmuller 0630160000 Datasheet HTML 31Page - Weidmuller 0630160000 Datasheet HTML 32Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
Feed-through terminals for wrap termination
151
SAK 2.5 T
Pin 1 x 1
r
6/36.5/47.5/67
12 mm/M 2.5/3.5 x 0.6
250 V/8 A/2.5 mm2
4 kV/3
0.4…0.7
1
0.5…6
0.5…2.5
0.5…4
0.5…2.5
A 3
(Q 2…10) 24
300 V/10 A/22…12 AWG
Y
Cat. No.
Qty.
0108520000 100
01085600001)100
Type
Cat. No.
Qty.
AP (1.5)
0279520000 20
AP (1.5)
0279560000 20
TW (2.5)
0302820000 20
TW (1.5)
0302860000 20
TW (0.5)
0197100000 20
TW (2.0)
0607000000 20
TSch 1
0319160000 100
Q 2
0337000000 50
Q 3
0337100000 50
Q 4
0337200000 50
Q 10
0368700000 20
StB 8.5 (ø 2.3) 0280600000 50
PS 2.3
0180400000 20
DEK 6
see “Accessories”
r
6/36.5/47.5/62
12 mm/M 2.5/3.5 x 0.6
250 V/10 A/2.5 mm2
4 kV/3
0.4…0.7
1
0.5…6
0.5…2.5
0.5…4
0.5…2.5
A 3
(Q 2…10) 24
300 V/10 A/22…12 AWG
Y
Cat. No.
Qty.
0485920000 100
0478820000 100
Type
Cat. No.
Qty.
AP (1.5)
0279520000 20
AP (1.5)
0279560000 20
TW (2.5)
0302820000 20
TW (1.5)
0302860000 20
TW (0.5)
0197100000 20
TW (2.0)
0607000000 20
TSch 1
0319160000 100
Q 2
0337000000 50
Q 3
0337100000 50
Q 4
0337200000 50
Q 10
0368700000 20
StB 8.5 (ø 2.3) 0280600000 50
PS 2.3
0180400000 20
DEK 6
see “Accessories”
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Insulation stripping length/clamping screw/screwdriver blade
Rated data
Rated voltage/current/cross-section
Rated impulse voltage VDE 0110/1.89/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule according to DIN 46 228/1
mm2
Plug gauge according to IEC 60 947-1
Size
Continuous current of terminal for conductor size
Continuous current rating of cross-connection 2-pole
A
Continuous current rating of cross-connection multipole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Pin
Version
Right
KrG
Horizontal right
KrG
Vertical left
KrG
Horizontal
Vertical
Vertical right
KrG
assembly
assembly
2x vertical
KrG
Right
PA
End plate (thickness mm)
KrG
PA
Partition (thickness mm)
KrG
PA
HP
HP
Small partition
Cross-connection
2-pole
3-pole
4-pole
10-pole
Test plug/socket
Plug-test socket without using QL
PS
StB
Marking tags
Print
DEK
Standard
r
6/36.5/47.5/69
12 mm/M 2.5/3.5 x 0.6
250 V/10 A/2.5 mm2
4 kV/3
0.4…0.7
1
0.5…6
0.5…2.5
0.5…4
0.5…2.5
A 3
(Q 2…10) 24
300 V/10 A/22…12 AWG
Y
Cat. No.
Qty.
0371020000 100
0485020000 100
Type
Cat. No.
Qty.
AP (1.5)
0279520000 20
AP (1.5)
0279560000 20
TW (2.5)
0302820000 20
TW (1.5)
0302860000 20
TW (0.5)
0197100000 20
TW (2.0)
0607000000 20
TSch 1
0319160000 100
Q 2**
0337000000 50
Q 3**
0337100000 50
Q 4**
0337200000 50
Q 10**
0368700000 20
StB 8.5 (ø 2.3) 0280600000 50
PS 2.3
0180400000 20
DEK 6
see “Accessories”
** Not for Type 2 x vertical“
Mounting rails, end brackets, further marking material see “Accessories”
1
) Shock-proof with ADP4 cover profile (see section
“Accessories”)
Y
Y
Y
SAK 2.5 T
Pin 0.8 x 2.4
SAK 2.5 T
Pin 0.8 x 1.6
DIN 41 611, Part 2 and
for spring-clip termination
DIN 41 611, Part 4


Similar Part No. - 0630160000

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
0630CDMCC/DS SUMIDA-0630CDMCC/DS Datasheet
217Kb / 5P
   SMD Power Inductor
0630CDMCCDS SUMIDA-0630CDMCCDS Datasheet
219Kb / 5P
   SMD Power Inductor
0630CDMCCDS SUMIDA-0630CDMCCDS Datasheet
217Kb / 5P
   SMD Power Inductor
0630CDMCCDS-100MC SUMIDA-0630CDMCCDS-100MC Datasheet
219Kb / 5P
   SMD Power Inductor
0630CDMCCDS-100MC SUMIDA-0630CDMCCDS-100MC Datasheet
217Kb / 5P
   SMD Power Inductor
More results

Similar Description - 0630160000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0337000000 WEIDMULLER-0337000000 Datasheet
46Kb / 1P
   SAK-series
0300800000 WEIDMULLER-0300800000 Datasheet
207Kb / 2P
   SAK Series, Connecting sleeve, for crossconnection link,
October 18, 2021
0198220000 WEIDMULLER-0198220000 Datasheet
314Kb / 4P
   SAK Series, Test-disconnect terminal, Rated cross-section: 6mm짼
October 6, 2021
0117900000 WEIDMULLER-0117900000 Datasheet
211Kb / 2P
   SAK Series, End plate, 1.5 mm, red, Direct mounting
October 3, 2021
0105100000 WEIDMULLER-0105100000 Datasheet
209Kb / 2P
   SAK Series, End plate, 1.5 mm, dark beige, Direct mounting
September 10, 2021
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com