Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0630160000 Datasheet(PDF) 20 Page - Weidmuller

Part No. 0630160000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0630160000 Datasheet(HTML) 20 Page - Weidmuller

Back Button 0630160000 Datasheet HTML 16Page - Weidmuller 0630160000 Datasheet HTML 17Page - Weidmuller 0630160000 Datasheet HTML 18Page - Weidmuller 0630160000 Datasheet HTML 19Page - Weidmuller 0630160000 Datasheet HTML 20Page - Weidmuller 0630160000 Datasheet HTML 21Page - Weidmuller 0630160000 Datasheet HTML 22Page - Weidmuller 0630160000 Datasheet HTML 23Page - Weidmuller 0630160000 Datasheet HTML 24Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
Fuse terminals
143
Dimensions/approvals
Terminal width (+ 0.2 assembly tolerance)
mm
Insulation stripping length
mm
Connection data
Screw connection, solid
Screw connection, flexible/ferrule with/without plastic collar
Conductor cross-section
VDE rated data
Current
Voltage
LED-current (24…60 V)
LED-current (115…230 V)
LED-current (24…230 V)
Incandescent lamp-current
Neon lamp-current
Cross-section
Ordering data
24 V–
24 V–
48 V–
60 V–
115 V–
230 V–
24 V~
48 V~
60 V~
115 V~
230 V~
Accessories
Mounting rail
End brackets (thickness mm)
for TS 32 Y
for TS 35 W
End plate/End plate (thickness mm)
Cross-connections
Type ‘QL’
Cross-connection
Type ‘QB’
straight
angled
Fixing screw (fits QL)
Disconnect lever (spare)
a r
24/75/73
24/75/66
14 mm/M 4/5.5 x 1
400 V/30 A/10 mm2
6 kV/3
1.2…2.4
4
0.5…16
1.5…10
0.5…10
0.5…10
B 6
(QL 2…5) 47
(QL 6…10) 36
600 V/30 A/20…8 AWG
600 V/30 A/22…8 AWG
Y
Qty. W
Qty.
0162220000 20 0178220000 20
10.3 x 38,1
Type
Cat. No.
Qty.
TW HP (2.0) 0607000000*20
QL 2
0328000000 20
QL 3
0328100000 20
QL 4
0328200000 20
QL 10
0339000000 20
SS M 4
0136400000 100
BS M 4 x 9
0103300000 100
SK (w. spring) 0161730000 20
DEK 5
see “Accessories”
W
Y
Mounting rails, end brackets, further marking material see “Accessories”
KDKS 1
Fuse insert 5 x 20
AC model
DC model
Fuse terminals
with fault indicator
ASK 1 LD
1)
When using QB, the rated cross-current reduces to max. 2.5 mm2
Warning:
In the event of a faulty fuse,
the connection system is live!
Warning:
In the event of a faulty fuse,
the connection system is live!
SAKS 4 USA
a r
8
9
0.5…4 mm2
0.5…4 mm2
AWG 22…12
6.3 A
24…230 V (depending on terminal)
≤ 2 mA
≤ 2 mA
4 mm2
Type
Cat. No.
Qty.
ASK 1 LD
8050810000 25
ASK 1 LD
0222760000 25
ASK 1 LD
0225260000 25
ASK 1 LD
0226460000 25
ASK 1 LD
0225460000 25
ASK 1 LD
0225660000 25
ASK 1 LD
0222860000 25
ASK 1 LD
0225360000 25
ASK 1 LD
0226360000 25
ASK 1 LD
0225560000 25
ASK 1 LD
0225760000 25
Mountable on
TS 32 and TS 35
TS 32
0122800000
TS 35x7.5
0383400000
TS 35x15
0498000000
EWK 1
0206160000 50
EW 35
0383560000 50
AP PA (1.5)
0380360000 20
QB 21)
0461100000100
QB 31)
0461200000 50
QB 41)
0461300000 50
TH (spare)
0377060000 100
8
9
0.5…4 mm2
0.5…4 mm2
AWG 22…12
6.3 A
24…230 V (depending on terminal)
≤ 2 mA
4 mm2
Type
Cat. No.
Qty.
KDKS 1
8146450000 25
KDKS 1
8148930000 25
KDKS 1
8148920000 25
KDKS 1
8142840000 25
KDKS 1
8148910000 25
Mountable on
TS 32 and TS 35
TS 32
0122800000
TS 35x7.5
0383400000
TS 35x15
0498000000
EW 35
0383560000 50
QB 21)
0461100000 100
QB 31)
0461200000 50
QB 41)
0461300000 50
QB 581)
0545400000
QB 581)
0545300000


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn