Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-6787FG-S9A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-6787FG-S9A1E
Description  Intel짰 Core?? Duo Processor GS45 COM-Express Compact Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-6787FG-S9A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-6787FG-S9A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-6787FG-S9A1E Datasheet HTML 2Page - Advantech Co., Ltd. SOM-6787FG-S9A1E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.advantech.com/products
Online Download
Board Diagram
SOM-6787
Intel Core 2 Duo/
Celeron M Processor
GS45
ICH9M-SFF
Clock Gen.
CK505
DDR3 SODIMM 0
DDR3 SODIMM 1
FSB 800/1066
DDR3 800/1066
DDR3 800/1066
PCIe x16/ SDVO/ DisplayPort/ HDMI
PCIe x1
USB 2.0 8 Port
HDA
SATA 2.0 4 Port (Port 3 Multiplex with onboard Flash)
LPC
GIGA-Bit LAN
PCIe x1, Port 5
F75111
GPIO/WDT
PCI
AD7999
HM (Voltage)
SPI
BIOS
LM96163
HM (Temp.) / Fan
24-bit, 2-CH
Penryn SP9300 2.26 GHz
Penryn SL9400 1.86 GHz
Penryn SU9300 1.20 GHz
Celeron ULV722 1.20 GHz
Celeron ULV723 1.20 GHz
i82567LM
Ordering Information
Part No.
CPU
L2
Cache Chipset
LVDS VGA SDVO Giga
LAN
HD
Audio
PCIe
x16
PCIe
x1
PCI USB
2.0
SATA
LPC ATX
Power
AT
Power
Thermal
Solution
Operating
Temp.
SOM-6787FG-S1A1E
Intel ULV Celeron M
723 1.2 GHz
1 MB
Intel GS45 48-bit Yes
2
1
Yes
1
5
4
8
4 x SATAII 1
Yes
Yes
Active
0 ~ 60° C
SOM-6787FG-S2A1E
Intel ULV Celeron M
722 1.2 GHz
1 MB
Intel GS45 48-bit Yes
2
1
Yes
1
5
4
8
4 x SATAII 1
Yes
Yes
Passive
0 ~ 60° C
SOM-6787FG-S3A1E
Intel ULV Core 2 Duo
SU9300, 1.2 GHz
3 MB
Intel GS45 48-bit Yes
2
1
Yes
1
5
4
8
4 x SATAII 1
Yes
Yes
Active
0 ~ 60° C
SOM-6787FG-S9A1E
Intel LV Core 2 Duo
SL9400, 1.86 GHz
6 MB
Intel GS45 48-bit Yes
2
1
Yes
1
5
4
8
4 x SATAII 1
Yes
Yes
Active
0 ~ 60° C
SOM-6787FG-U3A1E Intel Core 2 Duo
SP9300, 2.26 GHz
6 MB
Intel GS45 48-bit Yes
2
1
Yes
1
5
4
8
4 x SATAII 1
Yes
Yes
Active
0 ~ 60° C
Development Board
Part No.
Description
SOM-DB5700G-00A2E
Development Board for COM-Express with GLAN
Packing List
Part No.
Description
Quantity
-
SOM-6787 CPU Module
1
-
Utility CD
1
1960046889N001 Heatspreader
1
Optional Accessories
Part No.
Description
1960048815N001
Semi-Heatsink 95 x 95 x 17 mm
1960048819N001
Semi- Cooler 95 x 95 x 33.5 mm with 12 V Fan


Similar Part No. - SOM-6787FG-S9A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6760 ADVANTECH-SOM-6760 Datasheet
351Kb / 2P
   Intel짰 Atom??SCH US15W COM-Micro CPU Module
SOM-6760FL-S1A1E ADVANTECH-SOM-6760FL-S1A1E Datasheet
351Kb / 2P
   Intel짰 Atom??SCH US15W COM-Micro CPU Module
SOM-6760FL-S6A1E ADVANTECH-SOM-6760FL-S6A1E Datasheet
351Kb / 2P
   Intel짰 Atom??SCH US15W COM-Micro CPU Module
SOM-6761 ADVANTECH-SOM-6761 Datasheet
340Kb / 2P
   Intel짰 Atom??N270 COM-Micro CPU Module
SOM-6761FG-S6A1E ADVANTECH-SOM-6761FG-S6A1E Datasheet
340Kb / 2P
   Intel짰 Atom??N270 COM-Micro CPU Module
More results

Similar Description - SOM-6787FG-S9A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5787 ADVANTECH-SOM-5787_11 Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GS45 COM-Express Basic Module
SOM-5787 ADVANTECH-SOM-5787 Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GS45 COM-Express Basic Module
SOM-5786 ADVANTECH-SOM-5786_11 Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GME965 COM-Express Basic Module
SOM-5786 ADVANTECH-SOM-5786 Datasheet
354Kb / 2P
   Intel짰 Core??2 Duo GME965 COM-Express CPU Module
SOM-5782 ADVANTECH-SOM-5782_10 Datasheet
354Kb / 2P
   Intel짰 Core??2 Duo, 945GME COM-Express CPU Module
SOM-5782 ADVANTECH-SOM-5782 Datasheet
343Kb / 2P
   Intel짰 Core??2 Duo, 945GME COM-Express CPU Module
SOM-6761 ADVANTECH-SOM-6761_12 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N270 COM-Express Compact Module
SOM-6765 ADVANTECH-SOM-6765 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor COM-Express Type 2 Compact Module
SOM-6763 ADVANTECH-SOM-6763_11 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/ D510 COM-Express Compact Module
SOM-6763B1 ADVANTECH-SOM-6763B1 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N455/D525 COM-Express Compact Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com