Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0576120000 Datasheet(PDF) 32 Page - Weidmuller

Part # 0576120000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0576120000 Datasheet(HTML) 32 Page - Weidmuller

Back Button 0576120000 Datasheet HTML 28Page - Weidmuller 0576120000 Datasheet HTML 29Page - Weidmuller 0576120000 Datasheet HTML 30Page - Weidmuller 0576120000 Datasheet HTML 31Page - Weidmuller 0576120000 Datasheet HTML 32Page - Weidmuller 0576120000 Datasheet HTML 33Page - Weidmuller 0576120000 Datasheet HTML 34Page - Weidmuller 0576120000 Datasheet HTML 35Page - Weidmuller 0576120000 Datasheet HTML 36Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
Disconnect test terminals with solder connections
155
4/48/36/50 (opened)
63 V/10 A/1.5 mm2
1.5 kV/3
Y
Cat. No.
Qty.
0212060000 100
Type
Cat. No.
Qty.
AP (1.5)
0212260000 20
On demand
4/54/36/50 (opened)
63 V/10 A/1.5 mm2
1.5 kV/3
Y
Cat. No.
Qty.
0304960000 100
Type
Cat. No.
Qty.
AP (1.5)
0212260000 20
On demand
8/40/53
12 mm/M3/3.5 x 0.6
IEC 60 947-7-1
800 V/32 A/4 mm2
0.5…1
0.5...6 mm2
0.5...4 mm2
A 4
35 A/6 mm2
36
36
Y
Cat. No.
Qty.
SAKK 4
1598080000 50
Type
Cat. No.
Qty.
AP/SAKK4/10 9502630000
10
Type
Cat. No.
Qty.
QL 2
9509420000 100
QL 3
9509430000 100
QL 4
9509440000 50
QL 10
9509450000 20
VH 13.5
0248500000 100
BS (M 3 X 20) 0303000000 100
SST
0152700000
MEW 1/32
0445600000
EK 2
0323100000
11.5/40/53
12 mm/M 4/5.5 x 1.0
IEC 60 947-7-1
800 V/57 A/10 mm2
1.2…2
2.5...16 mm2
2.5...10 mm2
B 6
63 A/16 mm2
47
36
Y
Cat. No.
Qty.
SAKK 10
1598090000 50
Type
Cat. No.
Qty.
AP/SAKK4/10 9502630000
10
Type
Cat. No.
Qty.
QL 2
9509470000 100
QL 3
9509480000 50
QL 4
9509490000 50
QL 10
9509500000 20
VH 12.5
9509510000 50
BS (M3 X 20) 0303000000 100
SST
0152700000
MEW 1/32
0445600000
EK 2
0323100000
YY
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Width/length/height (mm)
with TS 35 x 7.5 W
Insulation stripping length/clamping screw/screwdriver blade
Rated data
Rated voltage/current/cross-section
Rated impulse voltage VDE 0110/1.89/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule according to DIN 46 228/1
mm2
Plug gauge according to 60 947-7-1
Size
Continuous current of terminal block for conductor size
Continuous current rating of cross-connection 2 pole
A
Continuous current rating of cross-connection multipole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Type
KrG
Blue KrG
KrS
PA
Blue PA
KrG
KrS
PA
Blue PA
Ceramic
End plate/partition (thickness mm)
AP
TW
KrG
Blue KrG
PA
Blue PA
PA
Small partition
Cross-connection
Q 3
QB 4
2-pole
3-pole
4-pole
10-pole
25-pole
Additional accessories
Marking tags
Print
DEK
Standard
Mounting rails, end brackets, further marking material see “Accessories”
TAL
2 solder connections
TAL
4 solder connections
SAKK 4
SAKK 10
Ceramic feed-through terminals for use in high temperature
ranges up to max. 210
°C


Similar Part No. - 0576120000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0576261198 WEIDMULLER-0576261198 Datasheet
74Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0576261199 WEIDMULLER-0576261199 Datasheet
74Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0576261202 WEIDMULLER-0576261202 Datasheet
74Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0576261203 WEIDMULLER-0576261203 Datasheet
74Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0576261215 WEIDMULLER-0576261215 Datasheet
74Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
More results

Similar Description - 0576120000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0337000000 WEIDMULLER-0337000000 Datasheet
46Kb / 1P
   SAK-series
0300800000 WEIDMULLER-0300800000 Datasheet
207Kb / 2P
   SAK Series, Connecting sleeve, for crossconnection link,
October 18, 2021
0198220000 WEIDMULLER-0198220000 Datasheet
314Kb / 4P
   SAK Series, Test-disconnect terminal, Rated cross-section: 6mm짼
October 6, 2021
0117900000 WEIDMULLER-0117900000 Datasheet
211Kb / 2P
   SAK Series, End plate, 1.5 mm, red, Direct mounting
October 3, 2021
0105100000 WEIDMULLER-0105100000 Datasheet
209Kb / 2P
   SAK Series, End plate, 1.5 mm, dark beige, Direct mounting
September 10, 2021
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com