Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ICX038DLB Datasheet(PDF) 2 Page - Sony Corporation

Part No. ICX038DLB
Description  Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX038DLB Datasheet(HTML) 2 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
– 2 –
ICX038DLB
Pin No.
Symbol
Description
Pin No.
Symbol
Description
1
2
3
4
5
6
7
8
V
φ4
V
φ3
V
φ2
φSUB
V
φ1
VL
VDD
VOUT
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Substrate clock
Vertical register transfer clock
Protective transistor bias
Output circuit supply voltage
Signal output
9
10
11
12
13
14
15
16
VGG
VSS
GND
RD
φRG
VDSUB
H
φ1
H
φ2
Output circuit gate bias
Output circuit source
GND
Reset drain bias
Reset gate clock
Substrate bias circuit supply voltage
Horizontal register transfer clock
Horizontal register transfer clock
1
2
3
4
5
6
7
8
Note)
Note)
: Photo sensor
Horizontal Register
11
12
13
14
15
16
9
10
Block Diagram and Pin Configuration
(Top View)
Pin Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn