Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THC63LVDM87 Datasheet(PDF) 5 Page - THine Electronics, Inc.

Part No. THC63LVDM87
Description  LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVDM87 Datasheet(HTML) 5 Page - THine Electronics, Inc.

  THC63LVDM87 Datasheet HTML 1Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 2Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 3Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 4Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 5Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 6Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 7Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 8Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Copyright©2012 THine Electronics, Inc.
5/12
THine Electronics, Inc.
THC63LVDM87_Rev.1.00_E
Electrical Characteristics
CMOS/TTL DC Specifications
Over recommended operating supply and temperature ranges unless otherwise specified.
LVDS Transmitter DC Specifications
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VIH18
High Level Input Voltage
IOVCC=1.62~1.98V
0.65 IOVCC
IOVCC+0.3
V
VIL18
Low Level Input Voltage
-0.3
0.35 IOVCC
V
VIH25
High Level Input Voltage
IOVCC=2.3~2.7V
1.7
IOVCC+0.3
V
VIL25
Low Level Input Voltage
-0.3
0.7
V
VIH33
High Level Input Voltage
IOVCC=3.0~3.6V
2.0
IOVCC+0.3
V
VIL33
Low Level Input Voltage
-0.3
0.8
V
IINC
Input Current
VIN=GND~IOVCC
-10
10
μA
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VOD
Differential Output Voltage
RL=100
Ω
Normal swing
RS=H
250
350
450
mV
Reduced swing
RS=L
140
200
300
mV
ΔVOD
Change in VOD between
complementary output states
RL=100
Ω
35
mV
VOC
Common Mode Voltage
1.125
1.25
1.375
V
ΔVOC
Change in VOC between
complementary output states
35
mV
IOS
Output Short Circuit Current
VOUT=GND, RL=100Ω
100
mA
IOZ
Output TRI-STATE Current
/PDWN=L,
VOUT=GND~LVDSVCC
-20
20
μA


Similar Part No. - THC63LVDM87

ManufacturerPart No.DatasheetDescription
THine Electronics, Inc.
THine Electronics, Inc.
THC63LVDM87 THINE-THC63LVDM87 Datasheet
456Kb / 15P
   24bit Color LVDS Receiver
THC63LVDM87 THINE-THC63LVDM87_15 Datasheet
273Kb / 13P
   LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
More results

Similar Description - THC63LVDM87

ManufacturerPart No.DatasheetDescription
THine Electronics, Inc.
THine Electronics, Inc.
THC63LVDM87 THINE-THC63LVDM87_15 Datasheet
273Kb / 13P
   LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVD827 THINE-THC63LVD827 Datasheet
345Kb / 19P
   LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVDM83E THINE-THC63LVDM83E Datasheet
333Kb / 13P
   SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVDM83E THINE-THC63LVDM83E_15 Datasheet
468Kb / 14P
   SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC36LVD827-Q THINE-THC36LVD827-Q Datasheet
941Kb / 19P
   24Bit COLOR LVDS TRANSMITTER
THC63LVDM83D THINE-THC63LVDM83D_17 Datasheet
668Kb / 17P
   24bit COLOR LVDS TRANSMITTER
THC63LVDM83D THINE-THC63LVDM83D_16 Datasheet
2Mb / 18P
   24bit COLOR LVDS TRANSMITTER
THC63LVDM83D-Z THINE-THC63LVDM83D-Z Datasheet
1Mb / 17P
   24bit COLOR OPEN LDI(LVDS) TRANSMITTER
THC63LVDR84C THINE-THC63LVDR84C_16 Datasheet
456Kb / 15P
   24bit Color LVDS Receiver
THC63LVDF84B THINE-THC63LVDF84B_16 Datasheet
1Mb / 16P
   24bit COLOR LVDS RECEIVER (Falling Edge Clock)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz