Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THC63LVDM87 Datasheet(PDF) 4 Page - THine Electronics, Inc.

Part No. THC63LVDM87
Description  LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVDM87 Datasheet(HTML) 4 Page - THine Electronics, Inc.

  THC63LVDM87 Datasheet HTML 1Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 2Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 3Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 4Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 5Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 6Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 7Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 8Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
THC63LVDM87_Rev.1.00_E
Copyright©2012 THine Electronics, Inc.
4/12
THine Electronics, Inc.
Absolute Maximum Ratings
Recommended Operating Conditions
Supply Voltage (IO VCC)
-0.3V ~ +4.0V
Supply Voltage (VCC, PLL VCC, LVDS VCC)
-0.3V ~ +2.1V
CMOS/TTL Input Voltage
-0.3V ~ (IO VCC + 0.3V)
LVDS Transmitter Output Voltage
-0.3V ~ (LVDS VCC + 0.3V)
LVDS Total Output Current
-50mA ~ 50mA
Junction Temperature (Tj)
+125
Storage Temperature Range
-55
~ +125
Reflow Peak Temperature / Time
+260
/ 10sec.
Maximum Power Dissipation @+25
1.3W
Parameter
Min.
Typ
Max
Units
Supply Voltage (IOVCC)
1.62
1.8/2.5/3.3
3.6
V
Supply Voltage (PLLVCC / LVDSVCC / VCC)
1.62
1.8
1.98
V
Operating Ambient Temperature (Ta)
-40
85
Clock Frequency
Input
8
160
MHz
LVDS Output
8
160
MHz
°C
°C
°C
°C
°C
°C


Similar Part No. - THC63LVDM87

ManufacturerPart No.DatasheetDescription
THine Electronics, Inc.
THine Electronics, Inc.
THC63LVDM87 THINE-THC63LVDM87 Datasheet
456Kb / 15P
   24bit Color LVDS Receiver
THC63LVDM87 THINE-THC63LVDM87_15 Datasheet
273Kb / 13P
   LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
More results

Similar Description - THC63LVDM87

ManufacturerPart No.DatasheetDescription
THine Electronics, Inc.
THine Electronics, Inc.
THC63LVDM87 THINE-THC63LVDM87_15 Datasheet
273Kb / 13P
   LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVD827 THINE-THC63LVD827 Datasheet
345Kb / 19P
   LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVDM83E THINE-THC63LVDM83E Datasheet
333Kb / 13P
   SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVDM83E THINE-THC63LVDM83E_15 Datasheet
468Kb / 14P
   SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC36LVD827-Q THINE-THC36LVD827-Q Datasheet
941Kb / 19P
   24Bit COLOR LVDS TRANSMITTER
THC63LVDM83D THINE-THC63LVDM83D_17 Datasheet
668Kb / 17P
   24bit COLOR LVDS TRANSMITTER
THC63LVDM83D THINE-THC63LVDM83D_16 Datasheet
2Mb / 18P
   24bit COLOR LVDS TRANSMITTER
THC63LVDM83D-Z THINE-THC63LVDM83D-Z Datasheet
1Mb / 17P
   24bit COLOR OPEN LDI(LVDS) TRANSMITTER
THC63LVDR84C THINE-THC63LVDR84C_16 Datasheet
456Kb / 15P
   24bit Color LVDS Receiver
THC63LVDF84B THINE-THC63LVDF84B_16 Datasheet
1Mb / 16P
   24bit COLOR LVDS RECEIVER (Falling Edge Clock)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz