Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THC63LVDM87 Datasheet(PDF) 3 Page - THine Electronics, Inc.

Part # THC63LVDM87
Description  LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVDM87 Datasheet(HTML) 3 Page - THine Electronics, Inc.

  THC63LVDM87 Datasheet HTML 1Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 2Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 3Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 4Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 5Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 6Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 7Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 8Page - THine Electronics, Inc. THC63LVDM87 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Copyright©2012 THine Electronics, Inc.
3/12
THine Electronics, Inc.
THC63LVDM87_Rev.1.00_E
Pin Description
Pin Name
Pin #
Type
Description
TA+, TA-
B7, B6
LVDS OUT
LVDS Data Out.
TB+, TB-
C7, C6
LVDS OUT
TC+, TC-
D7, D6
LVDS OUT
TD+, TD-
F7, F6
LVDS OUT
TCLK+,
TCLK-
E7, E6
LVDS OUT
LVDS Clock Out.
TA0 ~ TA6
A7,A6,A5,A4,A3,A2,A1
IN
Pixel Data Inputs.
TB0 ~ TB6
C2,D2,E2,F2,B1,C1,D1
IN
TC0 ~ TC6
E1,F1,G1,G2,G3,G4,G5
IN
TD0 ~ TD6
B5,B4,B3,B2,F3,F4,F5
IN
/PDWN
G7
IN
H: Normal operation,
L: Power down
(All outputs are Hi-Z and all circuits are stand-
by mode with minimum current(ITCCS))
RS
C5
IN
LVDS swing mode select.
R/F
E5
IN
Input Clock Triggering Edge Select.
H: Rising edge, L: Falling edge
CLKIN
G6
IN
Clock input.
IO VCC
D4
Power
Power Supply Pin for IO Inputs.
VCC
C4
Power
Power Supply Pin for digital circuitry.
LVDS VCC
D5
Power
Power Supply Pin for LVDS Outputs.
PLL VCC
E4
Power
Power Supply Pin for PLL circuitry.
GND
C3,D3,E3
Ground
Ground Pins for Common.
RS
LVDS Swing(VOD, see Fig4)
H
350mV
L
200mV


Similar Part No. - THC63LVDM87

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVDM87 THINE-THC63LVDM87 Datasheet
456Kb / 15P
   24bit Color LVDS Receiver
THC63LVDM87 THINE-THC63LVDM87_15 Datasheet
273Kb / 13P
   LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
More results

Similar Description - THC63LVDM87

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVDM87 THINE-THC63LVDM87_15 Datasheet
273Kb / 13P
   LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVD827 THINE-THC63LVD827 Datasheet
345Kb / 19P
   LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVDM83E THINE-THC63LVDM83E Datasheet
333Kb / 13P
   SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVDM83E THINE-THC63LVDM83E_15 Datasheet
468Kb / 14P
   SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC36LVD827-Q THINE-THC36LVD827-Q Datasheet
941Kb / 19P
   24Bit COLOR LVDS TRANSMITTER
THC63LVDM83D THINE-THC63LVDM83D_17 Datasheet
668Kb / 17P
   24bit COLOR LVDS TRANSMITTER
THC63LVDM83D THINE-THC63LVDM83D_16 Datasheet
2Mb / 18P
   24bit COLOR LVDS TRANSMITTER
THC63LVDM83D-Z THINE-THC63LVDM83D-Z Datasheet
1Mb / 17P
   24bit COLOR OPEN LDI(LVDS) TRANSMITTER
THC63LVDR84C THINE-THC63LVDR84C_16 Datasheet
456Kb / 15P
   24bit Color LVDS Receiver
THC63LVDF84B THINE-THC63LVDF84B_16 Datasheet
1Mb / 16P
   24bit COLOR LVDS RECEIVER (Falling Edge Clock)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com