Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THC63LVD103D Datasheet(PDF) 11 Page - THine Electronics, Inc.

Part # THC63LVD103D
Description  160MHz 30Bits COLOR LVDS Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVD103D Datasheet(HTML) 11 Page - THine Electronics, Inc.

Back Button THC63LVD103D Datasheet HTML 4Page - THine Electronics, Inc. THC63LVD103D Datasheet HTML 5Page - THine Electronics, Inc. THC63LVD103D Datasheet HTML 6Page - THine Electronics, Inc. THC63LVD103D Datasheet HTML 7Page - THine Electronics, Inc. THC63LVD103D Datasheet HTML 8Page - THine Electronics, Inc. THC63LVD103D Datasheet HTML 9Page - THine Electronics, Inc. THC63LVD103D Datasheet HTML 10Page - THine Electronics, Inc. THC63LVD103D Datasheet HTML 11Page - THine Electronics, Inc. THC63LVD103D Datasheet HTML 12Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Copyright©2011 THine Electronics, Inc.
11/12
THine Electronics, Inc.
THC63LVD103D _Rev.3.0_E
Package
S
SEATING PLANE
0.08 M
0.10
1.00 REF.
0.60+/-0.15
0.25mm
GAGE PLANE
0.20+/-0.03
1.00+/-0.05
0.05~0.15
1.2 Max
0.50 BSC.
0.09~0.20
S
3.5+/-3.5 degree
10.00 BSC.
12.00 BSC.
Unit : mm
THC63LVD103D


Similar Part No. - THC63LVD103D

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD103D THINE-THC63LVD103D_15 Datasheet
755Kb / 18P
   160MHz 30bit COLOR LVDS TRANSMITTER
More results

Similar Description - THC63LVD103D

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7878KVT ROHM-BU7878KVT Datasheet
146Kb / 6P
   90MHz 30BITS COLOR LVDS TRANSMITTER
logo
THine Electronics, Inc.
THC63LVD103 THINE-THC63LVD103 Datasheet
107Kb / 12P
   135MHz 30Bits COLOR LVDS Transmitter
THC63LVD103D THINE-THC63LVD103D_15 Datasheet
755Kb / 18P
   160MHz 30bit COLOR LVDS TRANSMITTER
THC63LVD104 THINE-THC63LVD104 Datasheet
85Kb / 13P
   90MHz 30Bits COLOR LVDS Receiver
THC63LVD104C THINE-THC63LVD104C Datasheet
126Kb / 13P
   112MHz 30Bits COLOR LVDS Receiver
THC63LVD104C THINE-THC63LVD104C_15 Datasheet
273Kb / 14P
   112MHz 30Bits COLOR LVDS Receiver
THC63LVD823B THINE-THC63LVD823B_15 Datasheet
314Kb / 22P
   160MHz 51Bits LVDS Transmitter
THC63LVD1023B THINE-THC63LVD1023B Datasheet
174Kb / 26P
   160MHz 67Bits LVDS Transmitter
THC63LVD104S THINE-THC63LVD104S Datasheet
143Kb / 12P
   112MHz 30Bits Color LVDS Receiver
THC63LVD823B THINE-THC63LVD823B Datasheet
170Kb / 21P
   160MHz 51Bits LVDS Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com