Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THCV215 Datasheet(PDF) 1 Page - THine Electronics, Inc.

Part # THCV215
Description  THCV215 is designed to support video data transmission between the host and display.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV215 Datasheet(HTML) 1 Page - THine Electronics, Inc.

  THCV215 Datasheet HTML 1Page - THine Electronics, Inc. THCV215 Datasheet HTML 2Page - THine Electronics, Inc. THCV215 Datasheet HTML 3Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
THCV215_Rev.1.00_E_Brief
THine Electronics, Inc.
1/3
Copyright(C)2012 THine Electronics, Inc.
THCV215
V-by-One® HS High-speed video data transmitter
General Description
THCV215 is designed to support video data
transmission between the host and display.
This chip can transmit 39bit video data and 3bit
control data via only a single differential cable at an
LVDS clock frequency from 20MHz to 100MHz.
This chip, which has two high-speed data lanes,
can transmit the video data up to 1080p/10b/60Hz,
1080p/12b/60Hz. The maximum serial data rate is
3.75Gbps/lane.
Color
Depth
Link
LVDS
Clock Frequency
6bit
Single/Dual
20MHz to 100MHz
8bit
Single/Dual
20MHz to 100MHz
10bit
Single/Dual
20MHz to 85MHz
12bit
Single/Dual
20MHz to 75MHz
Features
Color depth selectable: 6/8/10/12 bit
Single/Dual Link selectable
AC coupling
LVDS Input internal termination
CORE 1.8v, LVDS 3.3v
Package: 64 pin TSSOP
Wide frequency range
CDR requires no external frequency reference
Supports Spread Spectrum Clocking:
Up to
30kHz/
±0.5%(center spread)
V-by-One
® HS standard Version1.3 compliant
Block Diagram


Similar Part No. - THCV215

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
THCV215-4LANE CEL-THCV215-4LANE Datasheet
1Mb / 16P
   SerDes transmitter and receiver evaluation board
logo
THine Electronics, Inc.
THCV215 THINE-THCV215_16 Datasheet
492Kb / 26P
   V-by-One HS High-speed Video Data Transmitter and Receiver
More results

Similar Description - THCV215

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCV219 THINE-THCV219 Datasheet
200Kb / 2P
   THCV219 is designed to support video data transmission between the host and display.
THCV226 THINE-THCV226_16 Datasheet
570Kb / 27P
   THCV226 is designed to support video data transmission between the host and display.
THCV217 THINE-THCV217 Datasheet
154Kb / 2P
   THCV217 is designed to support video data transmission between the host and display.
THCV216 THINE-THCV216 Datasheet
176Kb / 3P
   THCV216 is designed to support video data transmission between the host and display.
THCV218 THINE-THCV218 Datasheet
310Kb / 2P
   THCV218 is designed to support video data transmission between the host and display.
THCV220 THINE-THCV220_16 Datasheet
363Kb / 18P
   THCV220 is designed to support video data transmission between the host and display.
THCV220 THINE-THCV220 Datasheet
161Kb / 2P
   THCV220 is designed to support video data transmission between the host and display.
THCV231 THINE-THCV231_16 Datasheet
1Mb / 56P
   The THCV231 and THCV236 are designed to support video data transmission between the host and display.
logo
IK Semicon Co., Ltd
IN75232 IKSEMICON-IN75232 Datasheet
406Kb / 7P
   Designed to Support Data Rate up to 120kbps
logo
Nel Frequency Controls,...
HS-169 NEL-HS-169_10 Datasheet
58Kb / 2P
   crystal oscillator is designed to support the TachyonTM clocking requirements at 26.5625MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com