Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-4461RZ2-S6A2E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-4461RZ2-S6A2E
Description  Intel짰 Atom??Processor N270 ETX CPU Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-4461RZ2-S6A2E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-4461RZ2-S6A2E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-4461RZ2-S6A2E Datasheet HTML 2Page - Advantech Co., Ltd. SOM-4461RZ2-S6A2E Datasheet HTML 3Page - Advantech Co., Ltd. SOM-4461RZ2-S6A2E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
Board Diagram
Ordering Information
Part No.
CPU
L2
Cache
Chipset
LVDS
VGA SDVO TV
out
10/100
LAN
AC97
Audio PCI
USB
2.0
SATA LPT/
Floppy
KB/
MS
ATX
Power
AT
Power
Thermal
Solution
Operating
Temp.
SOM-4461RL-S6A2E
Atom N270
1.6 GHz
512 KB
945GSE
36/48-bit
Yes
0
Yes
Yes
Yes
4
4
2
Note1
Yes
Yes
Yes
Passive
0 ~ 60° C
SOM-4461RZ-S6A2E
Atom N270
1.6 GHz
512 KB
945GSE
36/48-bit
Yes
0
Yes
Yes
Yes
4
4
2
Note1
Yes
Yes
Yes
Passive
-20 ~ 80° C
SOM-4461RZ2-S6A2E
Atom N270
1.6 GHz
512 KB
945GSE
36/48-bit
Yes
0
Yes
Yes
Yes
4
4
2
Note1
Yes
Yes
Yes
Passive
-40 ~ 85° C
Note1: Select Parallel function and floppy via BIOS selection. Default mode is Parallel mode.
Development Board
Part No.
Description
SOM-DB4400-00A2E
Development Board for ETX Rev.A2
SOM-DB4700-00A1E
Development Board for ETX Rev.A1
Optional Accessories
Part No.
Description
1960012091T00S
Semi-Heatsink 114 x 96 x 15 mm
Packing List
Part No.
Description
Quantity
SOM-4461 CPU Module
1
Utility CD
1
1960035037N00B
Heatspreader
1
Embedded OS
OS
Part No.
Description
WinCE 6.0 Pro
2070007811
CE60 Pro Intel (852/855/915/945)
2COM V1.2 ENG
Win XPE 2008
2070007912
XPE WES2009 Intel-Uniprocess V4.0 MUI2
QNX 6.4.1
BSP ready
Ethernet
One Channel DDR2
LCI
LPC BUS
CK505
IMVP 6
FCBGA 998pin
945GSE
BGA 652pin
ICH7-M
DMI
533/667 MHz up to 2GB
200pin SODIMM
Analog RGB
LAN
(RTL8103EL)
FSB 533 @1.05V
FCBGA8 437pin
ATOM N270
Processor
PRIMARY IDE
USB 2.0 x 4
SMBus
GMCH Dual LVDS Channel
TV-out
CH7308
24-bit LVDS
AC97
Codec
ALC203
AC'97/Azalia
Audio
PCI BUS
IT8888G
PCI to ISA
ISA BUS
SATA II x 2
Super I/O
W83627DHG
LPT / FDD
COM x 2
KB/MS
SPI
BIOS
SPI Bus
SATA 7P
Connector x 2
SDVO
SOM-4461 A2


Similar Part No. - SOM-4461RZ2-S6A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-4461RZ2-S6A2E ADVANTECH-SOM-4461RZ2-S6A2E Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N270 ETX CPU Module
More results

Similar Description - SOM-4461RZ2-S6A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-4461 ADVANTECH-SOM-4461_12 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N270 ETX CPU Module
SOM-4461 ADVANTECH-SOM-4461 Datasheet
319Kb / 2P
   Intel짰 Atom??N270 ETX CPU Module
logo
AAEON Technology
ETX-945GSE AAEON-ETX-945GSE Datasheet
294Kb / 2P
   ETX CPU Module with Onboard Intel Atom N270 Processor
logo
Advantech Co., Ltd.
SOM-4463-A2 ADVANTECH-SOM-4463-A2_15 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/D510 ETX CPU Module
SOM-4463-B2 ADVANTECH-SOM-4463-B2_15 Datasheet
898Kb / 2P
   Intel짰 Atom??Processor N455/D525 ETX CPU Module
SOM-4463B1 ADVANTECH-SOM-4463B1 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N455/D525 ETX CPU Module
SOM-4463B2 ADVANTECH-SOM-4463B2_V01 Datasheet
883Kb / 2P
   Intel짰 Atom??Processor N455/D525 ETX CPU Module
16-Jul-2019
SOM-4463 ADVANTECH-SOM-4463_11 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/D510 ETX CPU Module
SOM-4463 ADVANTECH-SOM-4463 Datasheet
942Kb / 2P
   Intel짰 Atom N450/D510 ETX CPU Module
SOM-6761 ADVANTECH-SOM-6761 Datasheet
340Kb / 2P
   Intel짰 Atom??N270 COM-Micro CPU Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com