Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-4455ZR-LSA2E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-4455ZR-LSA2E
Description  AMD Geode??LX800 ETX CPU Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-4455ZR-LSA2E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-4455ZR-LSA2E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-4455ZR-LSA2E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
SOM-4455
AMD Geode™ LX800 ETX CPU Module
ƒ Embedded AMD Geode™ LX800 CPU+ AMD CS5536 Chipset
ƒ AMD LX800 Integrated 2D engine supports 24-bit LVDS or 18-bit TTL
ƒ Supports one DDR-400 memory SODIMM socket up to 1GB
ƒ Supports up to 4 PCI Master, ISA, 2 IDE, 2 SATA, 4 USB 2.0, 1 10/100
Ethernet, 2 COM, 1 LPT/FDD, onboard Type II CF socket, Line-in/out, MIC
ƒ Supports SUSIAccess and Embedded Software APIs
Specifications
Form Factor
ETX 3.0
Processor System
CPU
AMD Geode LX800
Front Side Bus
33 MHz
System Chipset
AMD Geode LX800/CS5536
BIOS
AWARD 4 Mbit Flash BIOS
Memory
Technology
DDR 200/266/333/400 MHz
Max. Capacity
Up to 1 GB
Socket
1 x 200-pin SODIMM socket
Display
Chipset
AMD Geode LX800 Integrated
VRAM
Shared system memory up to 254 MB
Graphics Engine
AMD Geode LX800 2D Engine
LCD
24-bit single channel LVDS or 18-bit single channel TTL
VGA
Up to 1024 x 768
Dual Display
CRT + LCD (Simultaneous mode)
Ethernet
Chipset
RTL8100CL-LF 10/100 Mbps Ethernet
Speed
10/100 Mbps
WatchDog Timer
256 timer intervals, from 1 to 255 sec or min setup by software, jumperless selection, generates system reset
Expansion
4 PCI Master (3 for SATA version), ISA, LPC, SMBus, I2C
I/O
PATA
1 IDE (UDMA 100) for non-SATA version, 2 IDE for SATA version
SATA
2 SATA (150 Gb/s) on ETX Module for SATA version
USB
4 USB 2.0
Audio
Realtek ALC203 AC97 CODEC supports Line-in/out, Mic-in
GPIO
1-bit GPIO, 2-bit GPE
COM
2 COM ports
FDD/LPT
1 FDD or LPT
SSD
1 Type II CF slot
Power
Power Type
ATX, AT
Power Supply Voltage
+5 V only (+5 VSB is required for ATX power scheme)
Power Consumption
(Typical)
Typical: (1 GB DDR 333)
+5 V @ 1.80 A (AMD LX800)
Power Consumption
(Max, test in HCT)
Max: (1 GB DDR 333)
+5 V @ 2.01 A (AMD LX800)
Environment
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Mechanical
Dimensions
114 x 95 mm (4.5" x 3.74")
Monitoring
BIOS flash
Backlight On/Off
Watchdog
H/W Monitor
I2C
SMBus
Software APIs:
Utilities:
All product specifications are subject to change without notice
Last updated : 13-Jun-2012


Similar Part No. - SOM-4455ZR-LSA2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-4455ZR-LSA2E ADVANTECH-SOM-4455ZR-LSA2E Datasheet
578Kb / 2P
   AMD Geode??LX800 ETX CPU Module
More results

Similar Description - SOM-4455ZR-LSA2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-4455 ADVANTECH-SOM-4455 Datasheet
299Kb / 2P
   AMD Geode??LX800 ETX CPU Module
SOM-4455 ADVANTECH-SOM-4455_15 Datasheet
578Kb / 2P
   AMD Geode??LX800 ETX CPU Module
logo
AAEON Technology
ETX-701 AAEON-ETX-701 Datasheet
249Kb / 2P
   ETX CPU Module with AMD Geode LX Series Processor
ETX-700 AAEON-ETX-700 Datasheet
276Kb / 2P
   ETX CPU Module with AMD Geode??LX Series Processor
PFM-541IW2 AAEON-PFM-541IW2 Datasheet
352Kb / 1P
   PC/104 CPU Module with Onboard AMD Geode LX800 Processor
logo
Advantech Co., Ltd.
SOM-2355 ADVANTECH-SOM-2355 Datasheet
330Kb / 2P
   AMD Geode??LX800 CPU SOM-144 Module with CPU, VGA/LCD, LAN
PCM-9375A3 ADVANTECH-PCM-9375A3 Datasheet
903Kb / 2P
   AMD Geode??LX800 3.5
12-Oct-2021
PCM-9375 ADVANTECH-PCM-9375_V01 Datasheet
1Mb / 2P
   AMD Geode??LX800 3.5
21-Mar-2018
logo
AAEON Technology
PCM-5895B AAEON-PCM-5895B Datasheet
260Kb / 2P
   AMD Geode??LX800 Processor
PFM-540IREV.B AAEON-PFM-540IREV.B Datasheet
246Kb / 2P
   Onboard AMD Geode LX800 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com