Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8148910000 Datasheet(PDF) 10 Page - Weidmuller

Part # 8148910000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

8148910000 Datasheet(HTML) 10 Page - Weidmuller

Back Button 8148910000 Datasheet HTML 6Page - Weidmuller 8148910000 Datasheet HTML 7Page - Weidmuller 8148910000 Datasheet HTML 8Page - Weidmuller 8148910000 Datasheet HTML 9Page - Weidmuller 8148910000 Datasheet HTML 10Page - Weidmuller 8148910000 Datasheet HTML 11Page - Weidmuller 8148910000 Datasheet HTML 12Page - Weidmuller 8148910000 Datasheet HTML 13Page - Weidmuller 8148910000 Datasheet HTML 14Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
Feed-through terminals
133
a r # u
32/87/84
32/87/84.5
26 mm/M 8/-
1000 V*/150 A/50 mm2
8 kV/3
6…12
10…70
10…70
10…70
10…35
B 11
150 A/50 mm2
(QL 2) 150
600 V/165 A/3 AWG
600 V/170 A/1…2/0 AWG
Y
Qty.
W
Qty.
0286620000 0637120000 10
Y
Cat. No.
Qty.
EP 1 (2)
0205300000 10
EP 1 (2)
0205400000 10
W
Cat. No.
Qty.
EP 2/35 (2)
0180700000 10
EP 2/35 (2)
0180800000 10
Y + W
Qty.
TW 2 (2)
0177100000 10
TW 2 (2)
0179900000 10
2/160/90.5
2/160/90.5
QL 2
0194000000
5
QL 3
0441500000
5
QL 4
0441600000
5
AH 32
0326760000
5
DEK 5
see “Accessories”
a r # u
32/80/53
32/80/51
-/M 8/-
1000 V*/150 A/50 mm2
8 kV/3
6…12
150 A/50 mm2
(QL 2) 150
600 V/200 A/3 AWG
600 V/170 A/1…2/0 AWG
Y
Qty. W
Qty.
0170420000 10 0637320000 10
Y
Cat. No.
Qty.
EP 1 (2)
0205100000 10
EP 1 (2)
0205200000 10
W
Cat. No.
Qty.
EP 1/35 (2)
0180700000 10
EP 1/35 (2)
0180600000 10
Y + W
Qty.
TW 1 (2)
0151400000 10
TW 1 (2)
0164600000 10
2/120**/75.5
2/120**/75.5
QL 2
0194000000
5
QL 3
0441500000
5
QL 4
0441600000
5
AH 32
0326760000
5
DEK 5
see “Accessories”
r # u
28/70/53
-/M 6/-
1000 V*/125 A/35 mm2
8 kV/3
3…6
125 A/35 mm2
(QL 2) 125
600 V/110 A/6…1 AWG
Y
Cat. No.
Qty.
0185020000 10
Y
Cat. No.
Qty.
EP 1 (2)
0205100000 10
EP 1 (2)
0205200000 10
W
Cat. No.
Qty.
Y
Qty.
TW 1 (2)
0151400000 10
TW 1 (2)
0164600000 10
2/120/75.5
QL 2
0193900000
5
QL 3
0407600000
5
QL 4
0407700000
5
AH 28
0326660000
5
DEK 5
see “Accessories”
a r # u
28/70/63.5
15 mm/M 6/-
1000 V*/125 A/35 mm2
8 kV/3
3…6
6…35
6…35
10…35
6…35
B 9
600 V/95 A/2 AWG
600 V/135 A/8…2 AWG
Y
Cat. No.
Qty.
0170820000 10
Y
Cat. No.
Qty.
EP 1 (2)
0205100000 10
EP 1 (2)
0205200000 10
W
Cat. No.
Qty.
Y
Qty.
TW 1 (2)
0151400000 10
TW 1 (2)
0164600000 10
2/120/75.5
AH 28
0326660000
5
DEK 5
see “Accessories”
* During conductor connection, observe clearance and creepage distances. Insert partitions if nececssary
** For Cat. No. 0180600000 and 0180700000: length = 160 mm.
Y
Y
Y
Y
a r # u
32/94/84
32/94/84.5
26 mm/M 8/-
1000 V*/150 A/50 mm2
8 kV/3
6…12
10…70
10…70
10…70
10…35
B 11
150 A/50 mm2
600 V/165 A/3 AWG
600 V/185 A/1…2/0 AWG
Y
Qty. W
Qty.
0286720000 10 0637220000 10
Y
Cat. No.
Qty.
EP 2 (2)
0205300000 10
EP 2 (2)
0205400000 10
W
Cat. No.
Qty.
EP 2/35 (2)
0180700000 10
EP 2/35 (2)
0180800000 10
Y + W
Qty.
TW 2 (2)
0177100000 10
TW 2 (2)
0179900000 10
2/160/90.5
2/160/90.5
AH 32
0326760000
5
DEK 5
see “Accessories”
Y
Y
r # u DNV
32/80/53
32/80/53
-/M 8/-
1000 V*/150 A/50 mm2
8 kV/3
6…12
150 A/50 mm2
(QL 2) 150
600 V/170 A/1…2/0 AWG
Y
Qty.
W
Qty.
0185120000 10 0637420000 10
Y
Cat. No.
Qty.
EP 1 (2)
0205100000 10
EP 1 (2)
0205200000 10
W
Cat. No.
Qty.
EP 1/35 (2)
0180700000 10
EP 1/35 (2)
0180600000 10
Y + W
Qty.
TW 1 (2)
0151400000 10
TW 1 (2)
0164600000 10
2/120**/75.5
2/120**/75.5
QL 2
0194000000
5
QL 3
0441500000
5
QL 4
0441600000
5
AH 32
0326760000
5
DEK 5
see “Accessories”
WW
WW
SAKG 28 II G
SAKG 28 III
SAKG 32 I
SAKG 32/35 I
SAKG 32 II
SAKG 32/35 II
SAKG 32 II G
SAKG 32/35 II G
SAKG 32 III
SAKG 32/35 III


Similar Part No. - 8148910000

ManufacturerPart #DatasheetDescription
logo
Bi technologies
8148 BITECH-8148 Datasheet
217Kb / 4P
   Precision Potentiometer / Position Sensor
logo
Belden Inc.
8148 BELDEN-8148 Datasheet
172Kb / 2P
   RS232/485 Low Cap, #28-18pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
logo
Unisonic Technologies
8148-AB3-D-B UTC-8148-AB3-D-B Datasheet
201Kb / 6P
   POWER RESET IC
8148-AB3-D-K UTC-8148-AB3-D-K Datasheet
201Kb / 6P
   POWER RESET IC
8148-AB3-D-R UTC-8148-AB3-D-R Datasheet
201Kb / 6P
   POWER RESET IC
More results

Similar Description - 8148910000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0337000000 WEIDMULLER-0337000000 Datasheet
46Kb / 1P
   SAK-series
0300800000 WEIDMULLER-0300800000 Datasheet
207Kb / 2P
   SAK Series, Connecting sleeve, for crossconnection link,
October 18, 2021
0198220000 WEIDMULLER-0198220000 Datasheet
314Kb / 4P
   SAK Series, Test-disconnect terminal, Rated cross-section: 6mm짼
October 6, 2021
0117900000 WEIDMULLER-0117900000 Datasheet
211Kb / 2P
   SAK Series, End plate, 1.5 mm, red, Direct mounting
October 3, 2021
0105100000 WEIDMULLER-0105100000 Datasheet
209Kb / 2P
   SAK Series, End plate, 1.5 mm, dark beige, Direct mounting
September 10, 2021
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com