Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THC63LVD823B Datasheet(PDF) 5 Page - THine Electronics, Inc.

Part # THC63LVD823B
Description  160MHz 51Bits LVDS Transmitter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVD823B Datasheet(HTML) 5 Page - THine Electronics, Inc.

  THC63LVD823B Datasheet HTML 1Page - THine Electronics, Inc. THC63LVD823B Datasheet HTML 2Page - THine Electronics, Inc. THC63LVD823B Datasheet HTML 3Page - THine Electronics, Inc. THC63LVD823B Datasheet HTML 4Page - THine Electronics, Inc. THC63LVD823B Datasheet HTML 5Page - THine Electronics, Inc. THC63LVD823B Datasheet HTML 6Page - THine Electronics, Inc. THC63LVD823B Datasheet HTML 7Page - THine Electronics, Inc. THC63LVD823B Datasheet HTML 8Page - THine Electronics, Inc. THC63LVD823B Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Copyright©2011 THine Electronics, Inc.
5/21
THine Electronics, Inc.
THC63LVD823B_Rev.3.1_E
Absolute Maximum Ratings
Recommended Operating Conditions
Supply Voltage (VCC)
-0.3V ~ +4.0V
CMOS/TTL Input Voltage
-0.3V ~ (VCC + 0.3V)
LVDS Transmitter Output Voltage
-0.3V ~ (VCC + 0.3V)
Output Current
-30mA ~ 30mA
Junction Temperature
+125
Storage Temperature Range
-55
~ +125
Reflow Peak Temperature / Time
+260
/ 10sec.
Maximum Power Dissipation @+25
2.4W
Parameter
Min.
Typ
Max
Units
All Supply Voltage
3.0
3.3
3.6
V
Operating Ambient Temperature
-20
70
Clock
Frequency
MODE<1:0>=LL
Dual-in/Dual-out
Input
20
160
MHz
LVDS Output
20
160
MHz
MODE<1:0>=LH
Dual-in/Single-out
Input
10
80
MHz
LVDS Output
20
160
MHz
MODE<1:0>=HL
Single-in/Dual-out
Single Edge Input
(DDRN =Open/H)
Input
40
160
MHz
LVDS Output
20
80
MHz
Double Edge Input
(DDRN=L)
Input
20
80
MHz
LVDS Output
20
80
MHz
MODE<1:0>=HH
Single-in/Single-out
Input
20
160
MHz
LVDS Output
20
160
MHz
°C
°C
°C
°C
°C
°C


Similar Part No. - THC63LVD823B

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD823B THINE-THC63LVD823B_15 Datasheet
314Kb / 22P
   160MHz 51Bits LVDS Transmitter
More results

Similar Description - THC63LVD823B

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD823B THINE-THC63LVD823B_15 Datasheet
314Kb / 22P
   160MHz 51Bits LVDS Transmitter
THC63LVD1023B THINE-THC63LVD1023B Datasheet
174Kb / 26P
   160MHz 67Bits LVDS Transmitter
logo
California Eastern Labs
THC63LVD1023B CEL-THC63LVD1023B Datasheet
237Kb / 26P
   160MHz 67Bits LVDS Transmitter
logo
THine Electronics, Inc.
THC63LVD103D THINE-THC63LVD103D_15 Datasheet
755Kb / 18P
   160MHz 30bit COLOR LVDS TRANSMITTER
THC63LVD103D THINE-THC63LVD103D Datasheet
110Kb / 12P
   160MHz 30Bits COLOR LVDS Transmitter
logo
Texas Instruments
SN65LVDS93 TI-SN65LVDS93 Datasheet
192Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
logo
Rohm
BU8254KVT ROHM-BU8254KVT_13 Datasheet
456Kb / 21P
   35bit LVDS Transmitter
logo
Texas Instruments
SN65LVDS95-Q1 TI1-SN65LVDS95-Q1 Datasheet
223Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
logo
Rohm
BU90T81 ROHM-BU90T81 Datasheet
531Kb / 14P
   27bit LVDS Transmitter
BU8254GUW ROHM-BU8254GUW Datasheet
450Kb / 21P
   35bit LVDS Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com