Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74270182 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74270182
Description  WE-TOF EMI Suppression Toroidal Ferrite
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74270182 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74270182 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74270182 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74270182 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74270182 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5.0
4.0
REV
2012-09-26
2006-06-28
DATE
SSt
SMu
BY
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-TOF EMI Suppression Toroidal Ferrite
Order.- No.
74270182
SIZE
A4
D2 General Properties:
Cable diameter
Ferrite core
Ferrite core
Ferrite core
Test cable
Test cable
Properties
Cable diameter
Material
Initial permeability
Curie temperature
Applicable cable
Applicable cable length
µi
TC
Value
≤10.0
4 W 1500
1500
120
AWG26
100
Unit
mm
°C
mm
Tol.
typ.
typ.
F Typical Impedance Characteristics:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 74270182

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7427018 WURTH-7427018 Datasheet
410Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
74270181 WURTH-74270181 Datasheet
429Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
More results

Similar Description - 74270182

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74270113 WURTH-74270113 Datasheet
421Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
7427014 WURTH-7427014 Datasheet
425Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
7427015 WURTH-7427015 Datasheet
413Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
74270117 WURTH-74270117 Datasheet
429Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
74270198 WURTH-74270198 Datasheet
443Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
74270151 WURTH-74270151 Datasheet
432Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
7427010 WURTH-7427010 Datasheet
408Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
742701703 WURTH-742701703 Datasheet
421Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
7427013 WURTH-7427013 Datasheet
439Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
74270120 WURTH-74270120 Datasheet
417Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
74270181 WURTH-74270181 Datasheet
429Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com