Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91577-2308 Datasheet(PDF) 10 Page - Molex Electronics Ltd.

Part # 91577-2308
Description  1.27mm IDT Connector System for Ribbon Cable Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

91577-2308 Datasheet(HTML) 10 Page - Molex Electronics Ltd.

Back Button 91577-2308 Datasheet HTML 6Page - Molex Electronics Ltd. 91577-2308 Datasheet HTML 7Page - Molex Electronics Ltd. 91577-2308 Datasheet HTML 8Page - Molex Electronics Ltd. 91577-2308 Datasheet HTML 9Page - Molex Electronics Ltd. 91577-2308 Datasheet HTML 10Page - Molex Electronics Ltd. 91577-2308 Datasheet HTML 11Page - Molex Electronics Ltd. 91577-2308 Datasheet HTML 12Page - Molex Electronics Ltd. 91577-2308 Datasheet HTML 13Page - Molex Electronics Ltd. 91577-2308 Datasheet HTML 14Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1.27mm (.050") Pitch
Picoflex® PF-50
Latched Header
90816
SMT
Features and Benefits
Positivelatchforincreasedretention
PolarizingsidepostsandPCBpegs
StampedSMTcontactswithin-line,flatblades
2pointsofcontactwithfemaleterminal
Rigid,staggeredSMTsoldertails
CanbeusedinRMSlead-freeprocessupto260
˚
Reference Information
ProductSpecification:PS-99020-0011
Packaging:Tubeorblisterpack(contactMolex)
MatesWith:90327
DesignedIn:Millimeters
Electrical
Voltage:250V
Current:1.2A
ContactResistance:15milliohmsmax.
DielectricWithstandingVoltage:750Vrms
InsulationResistance:1000Megohmsmin.
Mechanical
ContactRetentiontoHousing:7N
MatingForce:Tin—1.7N;Gold—1.1N
UnmatingForce:Tin—0.25N;Gold—0.25N
UnmatingForce90327Header:0.25N
Durability:Tin—5cyclesmax.(usingextractiontool)
Gold—5cyclesmax.(usingextractiontool)
Physical
Housing:BlackPolyphthalamide30%glass-filled
Contact:Brass
Plating:SeeTable
Circuits
Order No.
Tube Pack
Blister Pack
Tin 3-5µm (120-200µ")
Select Gold 0.76µm (30µ")
Tin 3-5µm (120-200µ")
Select Gold 0.76µm (30µ")
4
90816-0X04
90816-3X04
6
90816-0X06
90816-3X06
90816-0X06
90816-3X06
8
90816-0X08
90816-3X08
90816-0X08
90816-3X08
10
90816-0X10
90816-3X10
90816-0X10
90816-3X10
12
90816-0X12
90816-3X12
90816-0X12
90816-3X12
14
90816-0X14
90816-3X14
90816-0X14
90816-3X14
16
90816-0X16
90816-3X16
90816-0X16
90816-3X16
18
90816-0X18
90816-3X18
90816-0X18
90816-3X18
20
90816-0X20
90816-3X20
90816-0X20
90816-3X20
22
90816-0X22
90816-3X22
90816-0X22
90816-3X22
24
90816-0X24
90816-3X24
90816-0X24
90816-3X24
26
90816-0X26
90816-3X26
90816-0X26
90816-3X26
ReplaceXwiththecombinationofPECpegoptionandpolarizingsidepostheight:
PCB Pegs
0
Yes
3
No
PCB Pegs
2
Yes
4
No
1.27mm (.050") Pitch
Picoflex® PF-50
Connector
91577
Low Profile, IDT
Board-In, Opposite Pin Layout
Features and Benefits
Forpermanentwire-to-boardconnections
Kinkedsoldertailsforboardretentionduringsolder
process
Fitssameboardlayoutpatternasmaleheader
Heightfromboardwhensolderedandterminatedonly
6.40mm(.252")
2pointsofcontactinIDTsection
Accepts26to28AWG,7strands,ribboncable
Oppositepinlayoutvs.90584
Reference Information
ProductSpecification:PS-99020-0011
Packaging:Tube(2options)
ToolingInformation:Seeendofsection
DesignedIn:Millimeters
Electrical
Voltage:250V
Current:1.2A
ContactResistance:15milliohmsmax.
DielectricWithstandingVoltage:750V
InsulationResistance:1000Megohmsmin.
Physical
Housing:Whitepolyester,UL94V-0
Contact:PhosphorBronzeAlloy
Plating:2-4µm(80-160µ")TinoverNickel
PCBThickness:1.60mm±0.20
Circuits
Order No.
Individual Tube
Stacked Tube
4
91577-1304
91577-2304
6
91577-1306
91577-2306
8
91577-1308
91577-2308
10
91577-1310
91577-2310
12
91577-1312
91577-2312
14
91577-1314
91577-2314
Circuits
Order No.
Individual Tube
Stacked Tube
16
91577-1316
91577-2316
18
91577-1318
91577-2318
20
91577-1320
91577-2320
22
91577-1322
91577-2322
24
91577-1324
91577-2324
26
91577-1326
91577-2326
10
Latches


Similar Part No. - 91577-2308

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
91577-2308 MOLEX11-91577-2308 Datasheet
196Kb / 4P
   1.27mm (.050") Pitch Picoflex PF-50 IDT Receptacle, Low Profile, Alternative Stagger, Board-In, 8 Circuits
More results

Similar Description - 91577-2308

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
11-20-0314 MOLEX11-11-20-0314 Datasheet
29Kb / 1P
   IDT - Manual Press For Ribbon Cable
logo
Harwin Plc
M50-3300542 HARWIN-M50-3300542 Datasheet
87Kb / 1P
   1.27mm DIL IDC RIBBON CABLE CONNECTOR
logo
Molex Electronics Ltd.
0621002400 MOLEX-0621002400 Datasheet
74Kb / 14P
   IDT Ribbon Cable Adapter Kit for 2.00mm
08/26/2022
logo
Dubilier
DBCRC1.271030500 DUBILIER-DBCRC1.271030500 Datasheet
90Kb / 1P
   FLAT RIBBON CABLE 1.27mm PITCH
DBCRC1.271030500 DUBILIER-DBCRC1.271030500_11 Datasheet
151Kb / 1P
   FLAT RIBBON CABLE 1.27mm PITCH
logo
Molex Electronics Ltd.
62100-2000 MOLEX-62100-2000 Datasheet
274Kb / 4P
   IDT Ribbon Cable Hand Tool Module
08-13-08
logo
PHOENIX CONTACT
100018 PHOENIX-100018 Datasheet
310Kb / 8P
   VARIOFACE System Cable With Flat-Ribbon Cable Connector
logo
Harwin Plc
M50-3800542 HARWIN-M50-3800542 Datasheet
74Kb / 1P
   1.27mm DIL PC TAIL IDC RIBBON CABLE CONNECTOR
logo
Wurth Elektronik GmbH &...
63912015521CAB WURTH-63912015521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
63911215521CAB WURTH-63911215521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com