Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91577-2306 Datasheet(PDF) 11 Page - Molex Electronics Ltd.

Part # 91577-2306
Description  1.27mm IDT Connector System for Ribbon Cable Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

91577-2306 Datasheet(HTML) 11 Page - Molex Electronics Ltd.

Back Button 91577-2306 Datasheet HTML 7Page - Molex Electronics Ltd. 91577-2306 Datasheet HTML 8Page - Molex Electronics Ltd. 91577-2306 Datasheet HTML 9Page - Molex Electronics Ltd. 91577-2306 Datasheet HTML 10Page - Molex Electronics Ltd. 91577-2306 Datasheet HTML 11Page - Molex Electronics Ltd. 91577-2306 Datasheet HTML 12Page - Molex Electronics Ltd. 91577-2306 Datasheet HTML 13Page - Molex Electronics Ltd. 91577-2306 Datasheet HTML 14Page - Molex Electronics Ltd. 91577-2306 Datasheet HTML 15Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1.27mm (.050") Pitch
Picoflex® PF-50
Standard Cable Harness
92315
Features and Benefits
Cableassemblywithtwo90327connectors,C-style
Sizes4to26
UL2651,28AWG(7strand)ribboncable
Lengthsfrom6to120cm
Reference Information
Packaging:Bag
MatesWith:90816,90779,90800,90814,91330and
91714
DesignedIn:Millimeters
Electrical
Voltage:250V
Current:1.2A
Mechanical
MatingForce:1.7N
UnmatingForce:0.25N
Durability:30cyclesmax.
Physical
Housing:6/6nylon,UL94V-0
Contact:PhosphorBronzeAlloy
Plating:3to6µ"Tin
Insulation:Cable—GrayPVC
WireRange:28AWG
Circuits
Order No.
4
92315-04XX
6
92315-06XX
8
92315-08XX
10
92315-10XX
12
92315-12XX
14
92315-14XX
ReplaceXXwithlengthincm(min.6cm,max.120cm),seetable
Example:92315-0832isacablewithtwo90327-0308,32cmlong
Circuits
Order No.
16
92315-16XX
18
92315-18XX
20
92315-20XX
22
92315-22XX
24
92315-24XX
26
92315-26XX
Length
XX
6-99cm
06-99
100cm
01
105cm
02
110cm
03
115cm
04
120cm
05
1.27mm (.050") Pitch
Picoflex® PF-50
Standard Cable Harness
92316
Features and Benefits
Cableassemblywith90327and90584connectors,
C-style
Sizes4to26
UL2651,28AWG(7strand)ribboncable
Lengthsfrom6to120cm
Reference Information
Packaging:Tube
MatesWith:90816,90325,90779,90800,90814,
91330and91714
DesignedIn:Millimeters
Electrical
Voltage:250V
Current:1.2A
Mechanical
MatingForce:1.7N
UnmatingForce:0.25N
Durability:30cyclesmax.
Physical
Housing:6/6nylon,UL94V-0
Contact:PhosphorBronzeAlloy
Plating:3to6µ"Tin
Insulation:Cable—GrayPVC
WireRange:28AWG
PCBThickness:1.60mm±0.20
Circuits
Order No.
4
92316-04XX
6
92316-06XX
8
92316-08XX
10
92316-10XX
12
92316-12XX
14
92316-14XX
ReplaceXXwithlengthincm(min.6cm,max.120cm),seetable
Example:92316-0832isacablewith90327-0308and90584-2308,
32cmlong
Circuits
Order No.
16
92316-16XX
18
92316-18XX
20
92316-20XX
22
92316-22XX
24
92316-24XX
26
92316-26XX
Length
XX
6-99cm
06-99
100cm
01
105cm
02
110cm
03
115cm
04
120cm
05
11


Similar Part No. - 91577-2306

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
91577-2306 MOLEX11-91577-2306 Datasheet
196Kb / 4P
   1.27mm (.050") Pitch Picoflex짰 PF-50 IDT Receptacle
More results

Similar Description - 91577-2306

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
11-20-0314 MOLEX11-11-20-0314 Datasheet
29Kb / 1P
   IDT - Manual Press For Ribbon Cable
logo
Harwin Plc
M50-3300542 HARWIN-M50-3300542 Datasheet
87Kb / 1P
   1.27mm DIL IDC RIBBON CABLE CONNECTOR
logo
Molex Electronics Ltd.
0621002400 MOLEX-0621002400 Datasheet
74Kb / 14P
   IDT Ribbon Cable Adapter Kit for 2.00mm
08/26/2022
logo
Dubilier
DBCRC1.271030500 DUBILIER-DBCRC1.271030500 Datasheet
90Kb / 1P
   FLAT RIBBON CABLE 1.27mm PITCH
DBCRC1.271030500 DUBILIER-DBCRC1.271030500_11 Datasheet
151Kb / 1P
   FLAT RIBBON CABLE 1.27mm PITCH
logo
Molex Electronics Ltd.
62100-2000 MOLEX-62100-2000 Datasheet
274Kb / 4P
   IDT Ribbon Cable Hand Tool Module
08-13-08
logo
PHOENIX CONTACT
100018 PHOENIX-100018 Datasheet
310Kb / 8P
   VARIOFACE System Cable With Flat-Ribbon Cable Connector
logo
Harwin Plc
M50-3800542 HARWIN-M50-3800542 Datasheet
74Kb / 1P
   1.27mm DIL PC TAIL IDC RIBBON CABLE CONNECTOR
logo
Wurth Elektronik GmbH &...
63912015521CAB WURTH-63912015521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
63911215521CAB WURTH-63911215521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com