Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91577-2306 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 91577-2306
Description  1.27mm IDT Connector System for Ribbon Cable Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

91577-2306 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

Back Button 91577-2306 Datasheet HTML 3Page - Molex Electronics Ltd. 91577-2306 Datasheet HTML 4Page - Molex Electronics Ltd. 91577-2306 Datasheet HTML 5Page - Molex Electronics Ltd. 91577-2306 Datasheet HTML 6Page - Molex Electronics Ltd. 91577-2306 Datasheet HTML 7Page - Molex Electronics Ltd. 91577-2306 Datasheet HTML 8Page - Molex Electronics Ltd. 91577-2306 Datasheet HTML 9Page - Molex Electronics Ltd. 91577-2306 Datasheet HTML 10Page - Molex Electronics Ltd. 91577-2306 Datasheet HTML 11Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1.27mm (.050") Pitch
Picoflex® PF-50
Header
90325
Low Profile
Features and Benefits
PolarizingsidepostsandPCBpegs
Stampedcontactswithin-line,flatblades
2pointsofcontactwithfemaleterminal
Rigid,staggeredsoldertails
Frictionlock
Tubeoptionpackagingforroboticdelivery,
contactMolexforpartnumbers
Reference Information
ProductSpecification:PS-99020-0011
Packaging:Bagortube
ULFileNo.:E29179
CSAFileNo.:LR19980-181
MatesWith:90327
DesignedIn:Millimeters
Electrical
Voltage:250V
Current:1.2A
ContactResistance:15milliohmsmax.
DielectricWithstandingVoltage:750Vrms
InsulationResistance:1000Megohmsmin.
Mechanical
ContactRetentiontoHousing:7N
MatingForce:Tin—1.7N;Gold—1.1N
UnmatingForce:Tin—0.25N;Gold—0.25N
Durability: Tin—30cyclesmax.
Gold—100cyclesmax.(usingextractiontool)
Physical
Housing:Black15%glass-filledpolyester,UL94V-0
Contact:Brass
Plating:SeeTable
PCBThickness:1.60mm±0.14
Circuits
Order No.
Tin 3-5µm (120-200µ")
Select Gold 0.76µm (30µ")
4
90325-0004
90325-3004
6
90325-0006
90325-3006
8
90325-0008
90325-3008
10
90325-0010
90325-3010
12
90325-0012
90325-3012
14
90325-0014
90325-3014
Circuits
Order No.
Tin 3-5µm (120-200µ")
Select Gold 0.76µm (30µ")
16
90325-0016
90325-3016
18
90325-0018
90325-3018
20
90325-0020
90325-3020
22
90325-0022
90325-3022
24
90325-0024
90325-3024
26
90325-0026
90325-3026
1.27mm (.050") Pitch
Picoflex® PF-50
Header
90814
Low Profile, SMT
Features and Benefits
PolarizingsidepostsandPCBpegs
StampedSMTcontactswithin-line,flatblades
2pointsofcontactwithfemaleterminal
Rigid,staggeredSMTsoldertails
Frictionlock
Reference Information
ProductSpecification:PS-99020-0011
Packaging:Tubeorblisterpack(contactMolex)
MatesWith:90327
DesignedIn:Millimeters
Electrical
Voltage:250V
Current:1.2A
ContactResistance:15milliohmsmax.
DielectricWithstandingVoltage:750Vrms
InsulationResistance:1000Megohmsmin.
Mechanical
ContactRetentiontoHousing:7N
MatingForce:Tin—1.7N;Gold—1.1N
UnmatingForce:Tin—0.25N;Gold—0.25N
Durability:Tin—30cyclesmax.
Gold—100cyclesmax.(usingextractiontool)
Physical
Housing:Natural30%glass-fillednylon,UL94V-O
Contact:Brass
Plating:SeeTable
Circuits
Order No.
Tube Pack
Blister Pack
Tin 3-5µm (120-200µ")
Select Gold 0.76µm (30µ")
Tin 3-5µm (120-200µ")
Select Gold 0.76µm (30µ")
4
90814-0X04
90814-3X04
90814-0X04
90814-3X04
6
90814-0X06
90814-3X06
90814-0X06
90814-3X06
8
90814-0X08
90814-3X08
90814-0X08
90814-3X08
10
90814-0X10
90814-3X10
90814-0X10
90814-3X10
12
90814-0X12
90814-3X12
90814-0X12
90814-3X12
14
90814-0X14
90814-3X14
90814-0X14
90814-3X14
16
90814-0X16
90814-3X16
90814-0X16
90814-3X16
18
90814-0X18
90814-3X18
90814-0X18
90814-3X18
20
90814-0X20
90814-3X20
90814-0X20
90814-3X20
22
90814-0X22
90814-3X22
90814-0X22
90814-3X22
24
90814-0X24
90814-3X24
90814-0X24
90814-3X24
26
90814-0X26
90814-3X26
90814-0X26
90814-3X26
ReplaceXwiththecombinationofPECpegoptionandpolarizingsidepostheight:
PCB Pegs
Polarizing Side Post Height
0
Yes
6.40mm/0.252"
3
No
6.40mm/0.252"
6
No
4.10mm/0.161"
8
Yes
4.10mm/0.161"
PCB Pegs
Polarizing Side Post Height
2
Yes
6.40mm/0.252"
5
No
6.40mm/0.252"
7
No
4.10mm/0.161"
9
Yes
4.10mm/0.161"
7


Similar Part No. - 91577-2306

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
91577-2306 MOLEX11-91577-2306 Datasheet
196Kb / 4P
   1.27mm (.050") Pitch Picoflex짰 PF-50 IDT Receptacle
More results

Similar Description - 91577-2306

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
11-20-0314 MOLEX11-11-20-0314 Datasheet
29Kb / 1P
   IDT - Manual Press For Ribbon Cable
logo
Harwin Plc
M50-3300542 HARWIN-M50-3300542 Datasheet
87Kb / 1P
   1.27mm DIL IDC RIBBON CABLE CONNECTOR
logo
Molex Electronics Ltd.
0621002400 MOLEX-0621002400 Datasheet
74Kb / 14P
   IDT Ribbon Cable Adapter Kit for 2.00mm
08/26/2022
logo
Dubilier
DBCRC1.271030500 DUBILIER-DBCRC1.271030500 Datasheet
90Kb / 1P
   FLAT RIBBON CABLE 1.27mm PITCH
DBCRC1.271030500 DUBILIER-DBCRC1.271030500_11 Datasheet
151Kb / 1P
   FLAT RIBBON CABLE 1.27mm PITCH
logo
Molex Electronics Ltd.
62100-2000 MOLEX-62100-2000 Datasheet
274Kb / 4P
   IDT Ribbon Cable Hand Tool Module
08-13-08
logo
PHOENIX CONTACT
100018 PHOENIX-100018 Datasheet
310Kb / 8P
   VARIOFACE System Cable With Flat-Ribbon Cable Connector
logo
Harwin Plc
M50-3800542 HARWIN-M50-3800542 Datasheet
74Kb / 1P
   1.27mm DIL PC TAIL IDC RIBBON CABLE CONNECTOR
logo
Wurth Elektronik GmbH &...
63912015521CAB WURTH-63912015521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
63911215521CAB WURTH-63911215521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com