Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0362100000 Datasheet(PDF) 20 Page - Weidmuller

Part # 0362100000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0362100000 Datasheet(HTML) 20 Page - Weidmuller

Back Button 0362100000 Datasheet HTML 16Page - Weidmuller 0362100000 Datasheet HTML 17Page - Weidmuller 0362100000 Datasheet HTML 18Page - Weidmuller 0362100000 Datasheet HTML 19Page - Weidmuller 0362100000 Datasheet HTML 20Page - Weidmuller 0362100000 Datasheet HTML 21Page - Weidmuller 0362100000 Datasheet HTML 22Page - Weidmuller 0362100000 Datasheet HTML 23Page - Weidmuller 0362100000 Datasheet HTML 24Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
Fuse terminals
143
Dimensions/approvals
Terminal width (+ 0.2 assembly tolerance)
mm
Insulation stripping length
mm
Connection data
Screw connection, solid
Screw connection, flexible/ferrule with/without plastic collar
Conductor cross-section
VDE rated data
Current
Voltage
LED-current (24…60 V)
LED-current (115…230 V)
LED-current (24…230 V)
Incandescent lamp-current
Neon lamp-current
Cross-section
Ordering data
24 V–
24 V–
48 V–
60 V–
115 V–
230 V–
24 V~
48 V~
60 V~
115 V~
230 V~
Accessories
Mounting rail
End brackets (thickness mm)
for TS 32 Y
for TS 35 W
End plate/End plate (thickness mm)
Cross-connections
Type ‘QL’
Cross-connection
Type ‘QB’
straight
angled
Fixing screw (fits QL)
Disconnect lever (spare)
a r
24/75/73
24/75/66
14 mm/M 4/5.5 x 1
400 V/30 A/10 mm2
6 kV/3
1.2…2.4
4
0.5…16
1.5…10
0.5…10
0.5…10
B 6
(QL 2…5) 47
(QL 6…10) 36
600 V/30 A/20…8 AWG
600 V/30 A/22…8 AWG
Y
Qty. W
Qty.
0162220000 20 0178220000 20
10.3 x 38,1
Type
Cat. No.
Qty.
TW HP (2.0) 0607000000*20
QL 2
0328000000 20
QL 3
0328100000 20
QL 4
0328200000 20
QL 10
0339000000 20
SS M 4
0136400000 100
BS M 4 x 9
0103300000 100
SK (w. spring) 0161730000 20
DEK 5
see “Accessories”
W
Y
Mounting rails, end brackets, further marking material see “Accessories”
KDKS 1
Fuse insert 5 x 20
AC model
DC model
Fuse terminals
with fault indicator
ASK 1 LD
1)
When using QB, the rated cross-current reduces to max. 2.5 mm2
Warning:
In the event of a faulty fuse,
the connection system is live!
Warning:
In the event of a faulty fuse,
the connection system is live!
SAKS 4 USA
a r
8
9
0.5…4 mm2
0.5…4 mm2
AWG 22…12
6.3 A
24…230 V (depending on terminal)
≤ 2 mA
≤ 2 mA
4 mm2
Type
Cat. No.
Qty.
ASK 1 LD
8050810000 25
ASK 1 LD
0222760000 25
ASK 1 LD
0225260000 25
ASK 1 LD
0226460000 25
ASK 1 LD
0225460000 25
ASK 1 LD
0225660000 25
ASK 1 LD
0222860000 25
ASK 1 LD
0225360000 25
ASK 1 LD
0226360000 25
ASK 1 LD
0225560000 25
ASK 1 LD
0225760000 25
Mountable on
TS 32 and TS 35
TS 32
0122800000
TS 35x7.5
0383400000
TS 35x15
0498000000
EWK 1
0206160000 50
EW 35
0383560000 50
AP PA (1.5)
0380360000 20
QB 21)
0461100000100
QB 31)
0461200000 50
QB 41)
0461300000 50
TH (spare)
0377060000 100
8
9
0.5…4 mm2
0.5…4 mm2
AWG 22…12
6.3 A
24…230 V (depending on terminal)
≤ 2 mA
4 mm2
Type
Cat. No.
Qty.
KDKS 1
8146450000 25
KDKS 1
8148930000 25
KDKS 1
8148920000 25
KDKS 1
8142840000 25
KDKS 1
8148910000 25
Mountable on
TS 32 and TS 35
TS 32
0122800000
TS 35x7.5
0383400000
TS 35x15
0498000000
EW 35
0383560000 50
QB 21)
0461100000 100
QB 31)
0461200000 50
QB 41)
0461300000 50
QB 581)
0545400000
QB 581)
0545300000


Similar Part No. - 0362100000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0362100000 WEIDMULLER-0362100000 Datasheet
102Kb / 1P
   Fuse terminals
More results

Similar Description - 0362100000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0337000000 WEIDMULLER-0337000000 Datasheet
46Kb / 1P
   SAK-series
0300800000 WEIDMULLER-0300800000 Datasheet
207Kb / 2P
   SAK Series, Connecting sleeve, for crossconnection link,
October 18, 2021
0198220000 WEIDMULLER-0198220000 Datasheet
314Kb / 4P
   SAK Series, Test-disconnect terminal, Rated cross-section: 6mm짼
October 6, 2021
0117900000 WEIDMULLER-0117900000 Datasheet
211Kb / 2P
   SAK Series, End plate, 1.5 mm, red, Direct mounting
October 3, 2021
0105100000 WEIDMULLER-0105100000 Datasheet
209Kb / 2P
   SAK Series, End plate, 1.5 mm, dark beige, Direct mounting
September 10, 2021
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com