Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSW-105-22-F-D-VS-K Datasheet(PDF) 16 Page - Texas Instruments

Part # SSW-105-22-F-D-VS-K
Description  Performance Demonstration Kit for the ADS130E08
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SSW-105-22-F-D-VS-K Datasheet(HTML) 16 Page - Texas Instruments

Back Button SSW-105-22-F-D-VS-K Datasheet HTML 12Page - Texas Instruments SSW-105-22-F-D-VS-K Datasheet HTML 13Page - Texas Instruments SSW-105-22-F-D-VS-K Datasheet HTML 14Page - Texas Instruments SSW-105-22-F-D-VS-K Datasheet HTML 15Page - Texas Instruments SSW-105-22-F-D-VS-K Datasheet HTML 16Page - Texas Instruments SSW-105-22-F-D-VS-K Datasheet HTML 17Page - Texas Instruments SSW-105-22-F-D-VS-K Datasheet HTML 18Page - Texas Instruments SSW-105-22-F-D-VS-K Datasheet HTML 19Page - Texas Instruments SSW-105-22-F-D-VS-K Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
USING THE SOFTWARE
www.ti.com
4.1
Software Overview
This section provides a quick overview of the various features and functions of the ADS130E08EVM
software package.
There are four tabs across the left side of the GUI; from top to bottom, they are:
About: Provides information about the EVM and software version revisions.
ADC Register: Includes all of the control registers for the ADS130E08 in a series of related subtabs:
Channel Registers
GPIO
Register Map
Analysis: Provides different ways to analyze captured data, in the time or frequency domain, using the
following subtabs:
Scope
Histogram
FFT
Save: Provides options for saving acquired data
4.2
Global Channel Registers
The Channel Registers tab provides access to the ADS130E08 configuration and fault threshold registers.
The Global Channel Registers tab has the following options:
Configuration Register 1: Controls the CLKOUT option.
Configuration Register 2: Controls the internal test source, along with the test-signal amplitude and
frequency.
Configuration Register 3: Controls the reference buffer power-down control, the reference voltage,
and the op amp buffer control.
Fault Control Register: Sets the comparator threshold level for fault.
Figure 13 shows the GUI panel to manipulate these registers and the respective settings for each.
Figure 13. Channel Registers GUI for the Configuration Registers
16
Performance Demonstration Kit for the ADS130E08
SBAU202 – June 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - SSW-105-22-F-D-VS-K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
3Mb / 60P
[Old version datasheet]   TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
3Mb / 68P
[Old version datasheet]   EEG Front-End Performance Demonstration Kit
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
SSW-105-22-F-D-VS-K TI-SSW-105-22-F-D-VS-K Datasheet
169Kb / 10P
[Old version datasheet]   ADS78/8505EVM Users Guide
December 2004
More results

Similar Description - SSW-105-22-F-D-VS-K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1008 STMICROELECTRONICS-UM1008 Datasheet
2Mb / 32P
   Demonstration kit for the ST7570 power line modem
logo
Texas Instruments
SLAU443 TI1-SLAU443 Datasheet
3Mb / 68P
[Old version datasheet]   EEG Front-End Performance Demonstration Kit
logo
STMicroelectronics
UM0855 STMICROELECTRONICS-UM0855 Datasheet
1Mb / 35P
   Demonstration kit for single
DEMO-CR95HF-A STMICROELECTRONICS-DEMO-CR95HF-A Datasheet
130Kb / 5P
   Demonstration kit for the CR95HF 13.56 MHz transceiver IC
September 2012 Rev 3
AN4227 STMICROELECTRONICS-AN4227 Datasheet
1Mb / 13P
   Audio hub demonstration kit supporting the MP45DT02
UM1541 STMICROELECTRONICS-UM1541 Datasheet
1Mb / 7P
   STCF04 demonstration kit
DK3400 STMICROELECTRONICS-DK3400 Datasheet
133Kb / 4P
   DK3400 demonstration kit
November 2010 Rev 1
logo
Fairchild Semiconductor
TMB2193MS100 FAIRCHILD-TMB2193MS100 Datasheet
167Kb / 24P
   Demonstration Board for the TMC2193
logo
STMicroelectronics
AN2938 STMICROELECTRONICS-AN2938 Datasheet
1Mb / 39P
   Power system demonstration kit based on the PM6686 dual
STEVAL-IPE011V1 STMICROELECTRONICS-STEVAL-IPE011V1 Datasheet
94Kb / 4P
   Energy meter demonstration kit daughterboard based on the STPMS1
June 2010 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com