Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G126FZ4-7 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # 74AUP1G126FZ4-7
Description  SINGLE BUFFER GATE WITH 3-STATE OUTPUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G126FZ4-7 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button 74AUP1G126FZ4-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G126FZ4-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G126FZ4-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G126FZ4-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G126FZ4-7 Datasheet HTML 9Page - Diodes Incorporated 74AUP1G126FZ4-7 Datasheet HTML 10Page - Diodes Incorporated 74AUP1G126FZ4-7 Datasheet HTML 11Page - Diodes Incorporated 74AUP1G126FZ4-7 Datasheet HTML 12Page - Diodes Incorporated 74AUP1G126FZ4-7 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
74AUP1G126
Document number: DS35158 Rev. 1 - 2
10 of 13
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G126
Ordering Information
Device
Package Code
Packaging
7” Tape and Reel
Quantity
Part Number Suffix
74AUP1G126SE-7
SE
SOT353
3000/Tape & Reel
-7
74AUP1G126FZ4-7
FZ4
X2-DFN1410-6
5000/Tape & Reel
-7
74AUP1G126FW4-7
FW4
X2-DFN1010-6
5000/Tape & Reel
-7
Marking Information
(1) SOT353
1
2
3
5
4
XX Y W X
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Internal code
(Top View)
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
74AUP1G126SE
SOT353
XZ
(2) X2-DFN1410-6 and X2-DFN1010-6
Y : Year : 0~9
(Top View)
X : A~Z : Internal code
Y W X
XX
XX : Identification Code
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
74AUP1G126FZ4
X2-DFN1410-6
XZ
74AUP1G126FW4
X2-DFN1010-6
XZ


Similar Part No. - 74AUP1G126FZ4-7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G126 PHILIPS-74AUP1G126 Datasheet
100Kb / 20P
   Low-Power buffer/line driver; 3-state
Rev. 01-25 July 2005
74AUP1G126 PHILIPS-74AUP1G126 Datasheet
378Kb / 25P
   Low-power buffer/line driver; 3-state
Rev. 5-28 June 2012
logo
Nexperia B.V. All right...
74AUP1G126 NEXPERIA-74AUP1G126 Datasheet
310Kb / 22P
   Low-power buffer/line driver; 3-state
Rev. 9 - 14 January 2022
logo
Texas Instruments
74AUP1G126DBVRE4 TI-74AUP1G126DBVRE4 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74AUP1G126DBVRG4 TI-74AUP1G126DBVRG4 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results

Similar Description - 74AUP1G126FZ4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G126 DIODES-74LVCE1G126 Datasheet
286Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32217 Rev. 2 - 2
74LVC1G125 DIODES-74LVC1G125 Datasheet
268Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32202 Rev. 2 - 2
74AHC1G125Q DIODES-74AHC1G125Q Datasheet
548Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
August 2020 Rev. 1 - 2
74LVC1G125Q DIODES-74LVC1G125Q Datasheet
544Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2020 Rev. 2 - 2
74AHC1G126Q DIODES-74AHC1G126Q Datasheet
730Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
March 2023 Rev. 2 - 2
74AHCT1G125 DIODES-74AHCT1G125 Datasheet
232Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G125 DIODES-74AHC1G125_11 Datasheet
206Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126Q DIODES-74LVC1G126Q Datasheet
404Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2021 Rev. 3 - 2
74LVC1G126W5-7 DIODES-74LVC1G126W5-7 Datasheet
199Kb / 12P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G126 DIODES-74AHC1G126_11 Datasheet
228Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com