Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G34SE-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 74AUP1G34SE-7
Description  SINGLE BUFFER GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G34SE-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  74AUP1G34SE-7 Datasheet HTML 1Page - Diodes Incorporated 74AUP1G34SE-7 Datasheet HTML 2Page - Diodes Incorporated 74AUP1G34SE-7 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G34SE-7 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G34SE-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G34SE-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G34SE-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G34SE-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G34SE-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
74AUP1G34
Document number: DS35155 Rev. 1 - 2
3 of 11
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G34
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD CDM
Charged Device Model ESD Protection
1
KV
VCC
Supply Voltage Range
-0.5 to +4.6
V
VI
Input Voltage Range
-0.5 to +4.6
V
Vo
Voltage applied to output in high or low state
-0.5 to VCC +0.5
V
IIK
Input Clamp Current VI < 0
50
mA
IOK
Output Clamp Current (VO < 0 )
50
mA
IO
Continuous Output Current (VO = 0 to VCC)
±20
mA
ICC
Continuous Current Through VCC
50
mA
IGND
Continuous Current Through GND
-50
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
Note:
4. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should be
within recommend values.
Recommended Operating Conditions (Note 5) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VCC
Operating Voltage
0.8
3.6
V
VI
Input Voltage
0
3.6
V
VO
Output Voltage
0
VCC
V
IOH
High-Level output current
VCC = 0.8V
-20
µA
VCC = 1.1V
-1.1
mA
VCC = 1.4V
-1.7
VCC = 1.65V
-1.9
VCC = 2.3V
-3.1
VCC = 3.0V
-4
IOL
Low-Level output current
VCC = 0.8V
20
µA
VCC = 1.1V
1.1
mA
VCC = 1.4V
1.7
VCC = 1.65V
1.9
VCC = 2.3V
3.1
VCC = 3.0V
4
Δt/ΔV
Input Transition Rise or Fall Rate
VCC = 0.8V to 3.6V
200
ns/V
TA
Operating Free-Air Temperature
-40
+125
°C
Note:
5. Unused inputs should be held at VCC or Ground.


Similar Part No. - 74AUP1G34SE-7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G34 NXP-74AUP1G34 Datasheet
91Kb / 15P
   Low-power buffer
Rev. 03-14 August 2008
logo
Nexperia B.V. All right...
74AUP1G34 NEXPERIA-74AUP1G34 Datasheet
277Kb / 19P
   Low-power buffer
Rev. 10 - 20 January 2022
logo
NXP Semiconductors
74AUP1G34-Q100 NXP-74AUP1G34-Q100 Datasheet
109Kb / 14P
   Low-power buffer
Rev. 1-26 March 2013
logo
Nexperia B.V. All right...
74AUP1G34-Q100 NEXPERIA-74AUP1G34-Q100 Datasheet
219Kb / 13P
   Low-power buffer
Rev. 3 - 20 January 2022
logo
NXP Semiconductors
74AUP1G34GF NXP-74AUP1G34GF Datasheet
91Kb / 15P
   Low-power buffer
Rev. 03-14 August 2008
More results

Similar Description - 74AUP1G34SE-7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC3G34G-S08-R UTC-U74LVC3G34G-S08-R Datasheet
197Kb / 5P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_V01 Datasheet
205Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
   SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34Q DIODES-74LVC1G34Q Datasheet
518Kb / 9P
   SINGLE BUFFER GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34 Datasheet
371Kb / 14P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34 DIODES-74LVC1G34 Datasheet
438Kb / 15P
   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125_15 Datasheet
241Kb / 6P
   SINGLE BUS BUFFER GATE
U74AHC1G126 UTC-U74AHC1G126_15 Datasheet
240Kb / 6P
   SINGLE BUS BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com