Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G17 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74AUP1G17
Description  SINGLE SCHMITT-TRIGGER BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G17 Datasheet(HTML) 4 Page - Diodes Incorporated

  74AUP1G17 Datasheet HTML 1Page - Diodes Incorporated 74AUP1G17 Datasheet HTML 2Page - Diodes Incorporated 74AUP1G17 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G17 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G17 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G17 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G17 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G17 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G17 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74AUP1G17
Document number: DS35153 Rev. 1 - 2
4 of 11
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G17
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = +25°C
TA = -40°C to +85°C
Unit
Min
Max
Min
Max
VT+
Positive-going
input threshold
voltage
0.8V
0.4
0.65
0.4
0.65
V
1.1V
0.53
0.9
0.53
0.9
1.4V
0.74
1.11
0.74
1.11
1.65V
0.91
1.29
0.91
1.29
2.3V
1.37
1.77
1.37
1.77
3.0V
1.61
2.32
1.61
2.32
VT-
Negative-going
input threshold
voltage
0.8V
0.15
0.4
0.15
0.4
V
1.1V
0.26
0.65
0.26
0.65
1.4V
0.39
0.75
0.39
0.75
1.65V
0.47
0.84
0.47
0.84
2.3V
0.69
1.04
0.69
1.04
3.0V
0.88
1.24
0.88
1.24
ΔVT
Hysteresis
(VT+ - VT-)
0.8V
0.07
0.5
0.07
0.5
V
1.1V
0.08
0.46
0.08
0.46
1.4V
0.18
0.56
0.18
0.56
1.65V
0.27
0.66
0.27
0.66
2.3V
0.53
0.92
0.53
0.92
3.0V
0.79
1.31
0.79
1.31
VOH
High-Level
Output Voltage
IOH = -20μA
0.8V to 3.6V
VCC – 0.1
VCC – 0.1
V
IOH = -1.1mA
1.1V
0.75 X VCC
0.7 X VCC
IOH = -1.7mA
1.4V
1.11
1.03
IOH = -1.9mA
1.65V
1.32
1.30
IOH = -2.3mA
2.3V
2.05
1.97
IOH = -3.1mA
1.9
1.85
IOH = -2.7mA
3V
2.72
2.67
IOH = -4mA
2.6
2.55
VOL
High-Level Input
Voltage
IOL = 20μA
0.8V to 3.6V
0.1
0.1
V
IOL = 1.1mA
1.1V
0.3 X VCC
0.3 X VCC
IOL = 1.7mA
1.4V
0.31
0.37
IOL = 1.9mA
1.65V
0.31
0.35
IOL = 2.3mA
2.3V
0.31
0.33
IOL = 3.1mA
0.44
0.45
IOL = 2.7mA
3V
0.31
0.33
IOL = 4mA
0.44
0.45
II
Input Current
VI = GND to 3.6V
0V to 3.6V
± 0.1
± 0.5
μA
IOFF
Power Down
Leakage Current
VI or VO = 0V to 3.6V
0
± 0.2
± 0.5
μA
ΔIOFF
Delta Power
Down Leakage
Current
VI or VO = 0V to 3.6V
0V to 0.2V
± 0.2
± 0.6
μA
ICC
Supply Current
VI = GND or VCC, IO = 0
0.8V to 3.6V
0.5
0.9
μA
ΔICC
Additional Supply
Current
Input at VCC -0.6V
3.3V
40
50
μA


Similar Part No. - 74AUP1G17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G17 PHILIPS-74AUP1G17 Datasheet
96Kb / 20P
   Low-power Schmitt-trigger buffer
Rev. 01-26 July 2005
74AUP1G17 NXP-74AUP1G17 Datasheet
110Kb / 20P
   Low-power Schmitt trigger
Rev. 03-10 July 2009
logo
Nexperia B.V. All right...
74AUP1G17 NEXPERIA-74AUP1G17 Datasheet
321Kb / 24P
   Low-power Schmitt trigger
Rev. 13 - 13 January 2022
74AUP1G17-Q100 NEXPERIA-74AUP1G17-Q100 Datasheet
247Kb / 17P
   Low-power Schmitt trigger
Rev. 2 - 13 January 2022
logo
NXP Semiconductors
74AUP1G175 PHILIPS-74AUP1G175 Datasheet
92Kb / 26P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 01.mm-27 March 2006
More results

Similar Description - 74AUP1G17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17 Datasheet
104Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC1G17-Q1 TI-SN74LVC1G17-Q1 Datasheet
259Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC1G17_1107 DIODES-74LVC1G17_1107 Datasheet
266Kb / 13P
   SINGLE SCHMITT-TRIGGER BUFFER
74LVC1G17 DIODES-74LVC1G17 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER BUFFER
DS35124 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_07 Datasheet
762Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17 TI-SN74LVC1G17_08 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_V01 Datasheet
180Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com