Electronic Components Datasheet Search |
|
LTV829M-V Datasheet(PDF) 1 Page - Shenzhen Tenand Technology Co., Ltd. |
|
LTV829M-V Datasheet(HTML) 1 Page - Shenzhen Tenand Technology Co., Ltd. |
1 / 5 page 12-115 Package Dimensions High Density Mounting Type Photocoupler LTV-819 Series Features Current transfer ratio (CTR : MIN. 50% at IF=5mA, VCE=5V) High input-output isolation voltage: (VISO : 5,000Vrms) Compact dual-in-line package LTV-819-1 : 1-channel type LTV-819-2 : 1-channel type LTV-829 : 2-channel type LTV-849 : 4-channel type UL approved (No. E113898) TUV approved (No. R9653630) CSA approved (No. CA91533-1) FIMKO approved (No. 193422) NEMKO approved (No. P96103013) DEMKO approved (No. 303986) SEMKO approved (No. 9646047/01-30) VDE approved (No. 094722) Options available : -Leads with 0.4"(10.16mm)spacing (M Type) -Leads bends for surface mounting(S Type) -Tape and Reel of Type I for SMD(Add"-TA"Suffix) -Tape and Reel of Type II for SMD(Add"-TA1"Suffix) -VDE 0884 approvals (Add"-V"Suffix) Applications 1. Telephone exchanges. 2. Computer terminals. 3. System appliances, measuring instruments. 4. Signal transmission between circuits of different potentials and impedances. http://www.tenand.com 深圳市腾恩科技有限公司 SHENZHEN TENAND TECHNOLOGY CO.,LTD |
Similar Part No. - LTV829M-V |
|
Similar Description - LTV829M-V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |