Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-3120S-TA Datasheet(PDF) 10 Page - Shenzhen Tenand Technology Co., Ltd.

Part # LTV-3120S-TA
Description  Property of Lite-on Only
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV-3120S-TA Datasheet(HTML) 10 Page - Shenzhen Tenand Technology Co., Ltd.

Back Button LTV-3120S-TA Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. LTV-3120S-TA Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. LTV-3120S-TA Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. LTV-3120S-TA Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd. LTV-3120S-TA Datasheet HTML 10Page - Shenzhen Tenand Technology Co., Ltd. LTV-3120S-TA Datasheet HTML 11Page - Shenzhen Tenand Technology Co., Ltd. LTV-3120S-TA Datasheet HTML 12Page - Shenzhen Tenand Technology Co., Ltd. LTV-3120S-TA Datasheet HTML 13Page - Shenzhen Tenand Technology Co., Ltd. LTV-3120S-TA Datasheet HTML 14Page - Shenzhen Tenand Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
L I T E - O N T E C H N O L O G Y C O R P O R A T I O N
Property of Lite-on Only
Part No. :
LTV-3120 series (REV. 1, APR 15,2011 )
Page
10
of
18
BNS-OD-C131/A4
Electrical Specifications
Parameters
Test Condition
Symbol
Min
Typ
Max
Units Figure
Input
Input Forward
Voltage
IF = 10mA
VF
1.2
1.37
1.8
V
15
Input Forward
Voltage Temperature
Coefficient
IF = 10mA
VF/ ∆T
-1.237
mV/
OC
Input Reverse
Voltage
IR = 10µA
BVR
5
V
Input Threshold
Current (Low to High)
VO > 5V, IO = 0A
IFLH
2.89
5
mA
9,16,21
Input Threshold
Voltage (High to Low)
VO < 5V, IO = 0A
VFHL
0.8
V
Input Capacitance
f = 1 MHz, VF = 0 V
CIN
33
pF
Output
Output Open,
High Level Supply
Current
IF = 7 to 16 mA
ICCH
1
3.0
mA
7,8
Output Open,
Low Level Supply
Current
VF = -3 to +0.8 V
ICCL
1
3.0
mA
7,8
High level output
current
(1)
VO = (VCC - 6 V)
IOH
-2.0
A
2,3,19
Low level output
current
(1)
VO = (VEE + 6 V)
IOL
2.0
A
5,6,20
High level output
voltage
IF = 10mA,
IO = -100mA
VOH
VCC -
0.25
VCC -
0.1
V
1,3,17
Low level output
voltage
IF = 0mA, IO = 100mA
VOL
VEE +
0.1
VEE +
0.25
V
4,6,18
VO > 5V, IF = 10 mA
VUVLO+
11.5
13.5
V
UVLO Threshold
VO < 5V, IF = 10 mA
VUVLO-
10
11.5
12
V
UVLO Hysteresis
UVLOHYS
1.6
V
22
Specified over recommended operating conditions.
All Typical values at TA = 25°C and VCC = 30 V, unless otherwise specified.


Similar Part No. - LTV-3120S-TA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-3150 TENAND-LTV-3150 Datasheet
425Kb / 18P
   Property of Lite-on Only
LTV-3150M TENAND-LTV-3150M Datasheet
425Kb / 18P
   Property of Lite-on Only
LTV-3150S TENAND-LTV-3150S Datasheet
425Kb / 18P
   Property of Lite-on Only
LTV-3150S-TA TENAND-LTV-3150S-TA Datasheet
425Kb / 18P
   Property of Lite-on Only
LTV-3150S-TA1 TENAND-LTV-3150S-TA1 Datasheet
425Kb / 18P
   Property of Lite-on Only
More results

Similar Description - LTV-3120S-TA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com