Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1250ASN65T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1250ASN65T1G
Description  Current-Mode PWM Controller for Off-line Power Supplies
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1250ASN65T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1250ASN65T1G Datasheet HTML 1Page - ON Semiconductor NCP1250ASN65T1G Datasheet HTML 2Page - ON Semiconductor NCP1250ASN65T1G Datasheet HTML 3Page - ON Semiconductor NCP1250ASN65T1G Datasheet HTML 4Page - ON Semiconductor NCP1250ASN65T1G Datasheet HTML 5Page - ON Semiconductor NCP1250ASN65T1G Datasheet HTML 6Page - ON Semiconductor NCP1250ASN65T1G Datasheet HTML 7Page - ON Semiconductor NCP1250ASN65T1G Datasheet HTML 8Page - ON Semiconductor NCP1250ASN65T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
NCP1250
http://onsemi.com
4
MAXIMUM RATINGS TABLE
Symbol
Rating
Value
Unit
VCC
Power Supply voltage, VCC pin, continuous voltage
28
V
VDRVtran
Maximum DRV pin voltage when DRV in H state, transient voltage (Note 1)
VCC + 0.3
V
Maximum voltage on low power pins CS, FB and OPP
−0.3 to 10
V
IOPP
Maximum injected negative current into the OPP pin (pin 3)
−2
mA
ISCR
Maximum continuous current in to the VCC Pin while in latched mode
3
mA
RqJA
Thermal Resistance Junction−to−Air
360
C/W
TJ,max
Maximum Junction Temperature
150
C
Storage Temperature Range
−60 to +150
C
ESD Capability, Human Body Model (HBM), all pins
2
kV
ESD Capability, Machine Model (MM)
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The transient voltage is a voltage spike injected to DRV pin being in high state. Maximum transient duration is 100 ns.
2. This device series contains ESD protection and exceeds the following tests: Human Body Model 2000 V per Mil−Std−883, Method 3015.
Machine Model Method 200 V.
3. This device contains latch−up protection and exceeds 100 mA per JEDEC Standard JESD78.


Similar Part No. - NCP1250ASN65T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1250ASN65T1G ONSEMI-NCP1250ASN65T1G Datasheet
433Kb / 25P
   PWM Controller, Current Mode, for Offline Power Supplies
April, 2015 - Rev. 10
More results

Similar Description - NCP1250ASN65T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP12510 ONSEMI-NCP12510_V01 Datasheet
819Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies
February, 2021 - Rev. 6
NCP1250 ONSEMI-NCP1250_11 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251_15 Datasheet
267Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
June, 2015 ??Rev. 14
NCP12510 ONSEMI-NCP12510 Datasheet
607Kb / 27P
   Current-Mode PWM Controller for Off-line Power Supplies
September, 2016 ??Rev. 1
NCP1253 ONSEMI-NCP1253 Datasheet
308Kb / 15P
   Current-Mode PWM Controller for Off-line Power Supplies
January, 2012 ??Rev. 0
NCP1251 ONSEMI-NCP1251_11 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com