Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV827STA-V Datasheet(PDF) 2 Page - Shenzhen Tenand Technology Co., Ltd.

Part # LTV827STA-V
Description  High Density Mounting Type Photocoupler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV827STA-V Datasheet(HTML) 2 Page - Shenzhen Tenand Technology Co., Ltd.

  LTV827STA-V Datasheet HTML 1Page - Shenzhen Tenand Technology Co., Ltd. LTV827STA-V Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. LTV827STA-V Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. LTV827STA-V Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd. LTV827STA-V Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
12-111
Ordering Information
Part Number
Package
Safety Standard Approval
Application part
number
LTV-817
LTV-817M
LTV-817S
LTV-817S-TA
LTV-817S-TA1
LTV817-V
LTV817M-V
LTV817S-V
LTV817STA-V
LTV817STA1-V
LTV-827
LTV-827M
LTV-827S
LTV-827S-TA
LTV-827S-TA1
LTV-847
LTV-847M
LTV-847S
LTV827-V
LTV827M-V
LTV827S-V
LTV827STA-V
LTV827STA1-V
LTV847-V
LTV847M-V
LTV847S-V
4-pin DIP
4-pin (leads with 0.4" spacing)
4-pin (lead bends for surface mount)
4-pin (tape and reel packaging of type I)
4-pin (tape and reel packaging of type II)
8-pin DIP
8-pin (leads with 0.4" spacing)
8-pin (lead bends for surface mount)
8-pin (tape and reel packaging of type I)
8-pin (tape and reel packaging of type II)
16-pin DIP
16-pin (leads with 0.4" spacing)
16-pin (lead bends for surface mount)
4-pin DIP
4-pin (leads with 0.4" spacing)
4-pin (lead bends for surface mount)
4-pin (tape and reel packaging of type I)
4-pin (tape and reel packaging of type II)
8-pin DIP
8-pin (leads with 0.4" spacing)
8-pin (lead bends for surface mount)
8-pin (tape and reel packaging of type I)
8-pin (tape and reel packaging of type II)
16-pin DIP
16-pin (leads with 0.4" spacing)
16-pin (lead bends for surface mount)
UL approved
TUV approved
CSA approved
FIMKO approved
NEMKO approved
SEMKO approved
DEMKO approved
VDE approved
LTV-817
LTV-827
LTV-847
Note:
1.Year date code.
2. 2-digit work week.
3. Factory code shall be marked (Z : Taiwan, Y : Thailand).
4.Rank shall be or shall not be marked.
5. All dimensions are in millimeters (inches).
6. Tolerance is
0.25mm (.010 ) unless otherwise noted.
7. Specifications are subject to change without notice.
LTV-817
LTV-827
LTV-847
Ltv817.p65
2000/7/11, ¤U¤È 12:29
Page 111
Adobe PageMaker 6.5C/Win


Similar Part No. - LTV827STA-V

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV827STA-V LITEON-LTV827STA-V Datasheet
698Kb / 5P
   High Density Mounting Type Photocoupler
More results

Similar Description - LTV827STA-V

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
   High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
   High Density Mounting Type Photocoupler
logo
Sharp Corporation
PC829 SHARP-PC829 Datasheet
79Kb / 4P
   High Density Mounting Type Photocoupler
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
   High Density Mounting Type Photocoupler
logo
Sharp Corporation
PC817A SHARP-PC817A Datasheet
85Kb / 4P
   High Density Mounting Type Photocoupler
PC818 SHARP-PC818 Datasheet
66Kb / 4P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-819 LITEON-LTV-819 Datasheet
717Kb / 5P
   High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-819 TENAND-LTV-819 Datasheet
819Kb / 5P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV817 LITEON-LTV817 Datasheet
747Kb / 5P
   HIgh Density Mounting Type Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com