Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP974096 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP974096
Description  CMOS 16-bit Single Chip Microcomputer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP974096 Datasheet(HTML) 1 Page - Sony Corporation

  CXP974096 Datasheet HTML 1Page - Sony Corporation CXP974096 Datasheet HTML 2Page - Sony Corporation CXP974096 Datasheet HTML 3Page - Sony Corporation CXP974096 Datasheet HTML 4Page - Sony Corporation CXP974096 Datasheet HTML 5Page - Sony Corporation CXP974096 Datasheet HTML 6Page - Sony Corporation CXP974096 Datasheet HTML 7Page - Sony Corporation CXP974096 Datasheet HTML 8Page - Sony Corporation CXP974096 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
CMOS 16-bit Single Chip Microcomputer
Description
The CXP974096 is a CMOS 16-bit microcomputer
integrating on a single chip an A/D converter, serial
interface, I2C bus interface, timer, PWM output
circuit, programmable pattern generator, remote
control receive circuit, parallel interface, as well as
basic configurations like a 16-bit CPU, ROM, RAM,
and I/O port.
This LSI also provides the sleep/stop functions
that enable lower power consumption.
Features
• An efficient instruction set as a controller
— Direct addressing, numerous abbreviated forms,
multiplication and division instructions
• Instruction sets for C language and RTOS
— Highly quadratic instruction system,
general-purpose register of 16-bit
× 8-pin × 16-bank
configuration
• Minimum instruction cycle
50ns at 40MHz operation (2.7 to 3.6V)
• Incorporated ROM capacity
384K bytes
• Incorporated RAM capacity
23.5K bytes
• Peripheral functions
— A/D converter
8-bit 12-analog input, successive approximation system,
3-stage FIFO (Conversion time: 1.55µs at 40MHz)
— Serial interface
Asynchronous serial interface (UART)
128-byte buffer RAM, 3 channels
— I2C bus interface
64-byte buffer RAM
(supports master/slave and automatic transfer mode)
— Timers
8-bit timer/counter, 2 channels (with timing output)
16-bit capture timer/counter (with timing output)
16-bit timer, 4 channels, watchdog timer
— PWM output circuit
14-bit PWM, 4 channels
(2 channels of binary output switch function by PPG)
— Programmable pattern generator
16-bit output, 64-byte buffer RAM, 1 channel
— Remote control receive circuit
8-bit pulse measurement counter, 10-stage FIFO
— Parallel interface
External register interface (8-bit parallel bus), 4-chip select
• Interruption
33 factors, 33 vectors, multi-interruption and priority selection possible
• Standby mode
Sleep/stop
• Package
100-pin plastic QFP
100-pin plastic LQFP
• Piggy/evaluation chip
CXP971000
• FLASH EEPROM incorporated version CXP974F096
Structure
Silicon gate CMOS IC
– 1 –
E00Y30A18-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXP974096
Perchase of Sony's I2C components conveys a licence under the Philips I2C Patent Rights to use these components
in an I2C system, provided that the system conforms to the I2C Standard Specifications as defined by Philips.
100 pin QFP (Plastic)
100 pin LQFP (Plastic)


Similar Part No. - CXP974096

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP974F096 SONY-CXP974F096 Datasheet
401Kb / 40P
   CMOS 16-bit Single Chip Microcomputer
More results

Similar Description - CXP974096

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com