Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-825 Datasheet(PDF) 9 Page - Shenzhen Tenand Technology Co., Ltd.

Part # LTV-825
Description  Property of LITE-ON Only
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV-825 Datasheet(HTML) 9 Page - Shenzhen Tenand Technology Co., Ltd.

Back Button LTV-825 Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. LTV-825 Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. LTV-825 Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. LTV-825 Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. LTV-825 Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd. LTV-825 Datasheet HTML 10Page - Shenzhen Tenand Technology Co., Ltd. LTV-825 Datasheet HTML 11Page - Shenzhen Tenand Technology Co., Ltd. LTV-825 Datasheet HTML 12Page - Shenzhen Tenand Technology Co., Ltd. LTV-825 Datasheet HTML 13Page - Shenzhen Tenand Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
ELECTRICAL - OPTICAL CHARACTERISTICS
( Ta = 25
°C )
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT
CONDITIONS
Forward Voltage
VF
1.2
1.4
V
IF=20mA
Reverse Current
IR
10
µA VR=4V
INPUT
Terminal Capacitance
Ct
30
250
pF
V=0, f=1KHz
Collector Dark Current
ICEO
1
µA VCE=10V, IF=0
Collector-Emitter
Breakdown Voltage
BVCEO
35
V
IC=0.1mA
IF=0
OUTPUT
Emitter-Collector
Breakdown Voltage
BVECO
6
V
IE=10
µA
IF=0
Collector Current
IC
6
75
mA
* Current Transfer Ratio
CTR
600
7,500
%
IF=1mA
VCE=2V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.8
1
V
IF=20mA
IC=5mA
Isolation Resistance
Riso
5
×1010 1×1011
DC500V
40 ~ 60% R.H.
Floating Capacitance
Cf
0.6
1
pF
V=0, f=1MHz
Cut-Off Frequency
fc
1
6
kHz
VCE=5V, IC=2mA
RL=100
Ω, -3dB
Response Time (Rise)
tr
60
300
µs
TRANSFER
CHARACTERISTICS
Response Time (Fall)
tf
53
250
µs
VCE=2V, IC=10mA
RL=100
* CTR
I
I
100%
C
F
Part No. : LTV-815 / 825 / 845 ( M, S, S-TA1 )
Page :
9 of 12
BNS-OD-C131/A4


Similar Part No. - LTV-825

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-825 LITEON-LTV-825 Datasheet
359Kb / 12P
   LED
LTV-825M LITEON-LTV-825M Datasheet
359Kb / 12P
   LED
LTV-825S LITEON-LTV-825S Datasheet
359Kb / 12P
   LED
More results

Similar Description - LTV-825

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com