Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP922P032 Datasheet(PDF) 8 Page - Sony Corporation

Part # CXP922P032
Description  CMOS 16-bit Single Chip Microcomputer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP922P032 Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXP922P032 Datasheet HTML 4Page - Sony Corporation CXP922P032 Datasheet HTML 5Page - Sony Corporation CXP922P032 Datasheet HTML 6Page - Sony Corporation CXP922P032 Datasheet HTML 7Page - Sony Corporation CXP922P032 Datasheet HTML 8Page - Sony Corporation CXP922P032 Datasheet HTML 9Page - Sony Corporation CXP922P032 Datasheet HTML 10Page - Sony Corporation CXP922P032 Datasheet HTML 11Page - Sony Corporation CXP922P032 Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
– 8 –
CXP922P032
Pin
Circuit format
After a reset
PF6/TO0
"H" level
PF7/TO1/
PWM
"H" level
("H" level at ON
resistance of
pull-up transistor
during a reset.)
TO0
RD
Internal data bus
PFSL register
"0" after a reset
PF register
"1" after a reset
PFSL register (Bit 7)
PFSL register (Bit 6)
TO1 output enable
TO1
PWM
Pull-up transistor
approximately 150k
Ω (VDD = 4.5 to 5.5V)
approximately 200k
Ω (VDD = 3.0 to 3.6V)
RD
Internal data bus
Internal reset signal
01
MPX
1x
00
PF register
"1" after a reset
"00" after a reset
Hi-Z
AN0 to AN3
IP
A/D converter
Input multiplexer


Similar Part No. - CXP922P032

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
CXP922032 SONY-CXP922032 Datasheet
307Kb / 28P
   CMOS 16-bit Single Chip Microcomputer
More results

Similar Description - CXP922P032

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com