Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMM153 Datasheet(PDF) 10 Page - Summit Microelectronics, Inc.

Part # SMM153
Description  10-bit Digital Differential Voltage and Current Monitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM153 Datasheet(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button SMM153_10 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM153_10 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM153_10 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM153_10 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM153_10 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM153_10 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM153_10 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM153_10 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMM153_10 Datasheet HTML 14Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SMM153
Summit Microelectronics, Inc
2134 3.0 1/20/2010
10
Figure 4 – Typical application schematic shows the SMM153 controlling a VIN=12V, VOUT=1.5V, DC/DC converter.
This example, using the 1.25V VREF, also shows the COMP1/2 pins monitoring the DC/DC converter VOUT set to an
OV of 1.7V on COMP1 and a UV of 1.3V on COMP2, the voltage divider resistors are:
For OV, R1 = 1.37k, 1% R3 = 3.83k, 1%, For UV, R2 = 1.02k, 1% R4 = 25.5k, 1%.
The Programming Supply jumper can be used to supply the SMM153 VDD voltage from the SMX3202 programmer
when the device is programmed with board power off and the controlled supply unloaded.
APPLICATIONS INFORMATION (CONTINUED)


Similar Part No. - SMM153_10

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMM153 SUMMIT-SMM153 Datasheet
330Kb / 17P
   10-bit Digital Differential Voltage and Current Monitor
More results

Similar Description - SMM153_10

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMM153 SUMMIT-SMM153 Datasheet
330Kb / 17P
   10-bit Digital Differential Voltage and Current Monitor
logo
IXYS Corporation
MX884 IXYS-MX884 Datasheet
141Kb / 5P
   High-Side Current Monitor With 10-Bit Serial Digital Output
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
PHOENIX CONTACT
2806061 PHOENIX-2806061 Datasheet
63Kb / 4P
   Differential current converter for type A differential current monitor.
2806045 PHOENIX-2806045 Datasheet
53Kb / 4P
   Differential current converter for type A differential current monitor.
logo
Maxim Integrated Produc...
MAX5961 MAXIM-MAX5961_09 Datasheet
117Kb / 2P
   0 to 16V, Quad, Hot-Swap Controller with 10-Bit Current and Voltage Monitor
11/9/2009
logo
PHOENIX CONTACT
2806074 PHOENIX-2806074 Datasheet
54Kb / 4P
   Differential current converter for type A differential current monitor.
2806100 PHOENIX-2806100 Datasheet
50Kb / 4P
   Differential current converter for type A differential current monitor.
2806090 PHOENIX-2806090 Datasheet
50Kb / 4P
   Differential current converter for type A differential current monitor.
2806087 PHOENIX-2806087 Datasheet
54Kb / 4P
   Differential current converter for type A differential current monitor.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com