Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV702FSTA-V Datasheet(PDF) 1 Page - Shenzhen Tenand Technology Co., Ltd.

Part # LTV702FSTA-V
Description  High Collector-Emitter Voltage Type Photocoupler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV702FSTA-V Datasheet(HTML) 1 Page - Shenzhen Tenand Technology Co., Ltd.

  LTV702FSTA-V Datasheet HTML 1Page - Shenzhen Tenand Technology Co., Ltd. LTV702FSTA-V Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. LTV702FSTA-V Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. LTV702FSTA-V Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
12-41
Note:
1.Year date code.
2. 2-digit work week.
3. Factory code shall be marked (Z : Taiwan, Y : Thailand).
4. Rank shall be or shall not be marked.
5. All dimensions are in millimeters (inches).
6. Tolerance is
0.25mm (.010 ) unless otherwise noted.
7. Specifications are subject to change without notice.
Package Dimensions
High Collector-Emitter
Voltage Type Photocoupler
LTV-702F Series
Features
High collector-emitter voltage(VCEO=70V)
High input-output isolation voltage:
(VISO : 5,000Vrms)
Directly connectable to TTL
UL approved (No. E113898)
TUV approved (No.R9653630)
CSA approved (No. CA91533-1)
FIMKO approved (No. 193422)
NEMKO approved (No. P96103013)
DEMKO approved (No. 303968)
SEMKO approved (No. 9646047/01-30)
VDE approved (No. 094722 Thailand)
Options available :
-Leads with 0.4"(10.16mm)spacing (M Type)
-Leads bends for surface mounting(S Type)
-Tape and Reel of Type I for SMD(Add"-TA"Suffix)
-Tape and Reel of Type II for SMD(Add"-TA1"Suffix)
-VDE 0884 approvals (Add"-V"Suffix)
Applications
1. Telephone sets, telephone exchangers.
2. System appliances, measuring instruments.
3. Signal transmission between circuits of different
potentialsand impedances.
Ordering Information
Part Number
Package
Safety Standard Approval
Application part
number
LTV-702F
LTV-702FM
LTV-702FS
LTV-702FS-TA
LTV-702FS-TA1
LTV702F-V
LTV702FM-V
LTV702FS-V
LTV702FSTA-V
LTV702FSTA1-V
6-pin DIP
6-pin (leads with 0.4" spacing)
6-pin (lead bends for surface mount)
6-pin (tape and reel packaging of type I)
6-pin (tape and reel packaging of type II)
6-pin DIP
6-pin (leads with 0.4" spacing)
6-pin (lead bends for surface mount)
6-pin (tape and reel packaging of type I)
6-pin (tape and reel packaging of type II)
UL approved
NEMKO approved
TUV approved
SEMKO approved
CSA approved
DEMKO approved
FIMKO approved
VDE approved
LTV - 702F
LTV - 702F
http://www.tenand.com
深圳市腾恩科技有限公司
SHENZHEN TENAND TECHNOLOGY CO.,LTD
http://www.tenand.com
深圳市腾恩科技有限公司
SHENZHEN TENAND TECHNOLOGY CO.,LTD


Similar Part No. - LTV702FSTA-V

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV702FSTA1-V LITEON-LTV702FSTA1-V Datasheet
192Kb / 12P
   Property of Lite-On Only
More results

Similar Description - LTV702FSTA-V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC703V SHARP-PC703V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC851 SHARP-PC851 Datasheet
65Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC702V SHARP-PC702V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC723V0YSZX SHARP-PC723V0YSZX Datasheet
65Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC723V SHARP-PC723V Datasheet
66Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC725V SHARP-PC725V Datasheet
68Kb / 4P
   High Sensitivity, High Collector-emitter Voltage Type Photocoupler
PC725V0NSZX SHARP-PC725V0NSZX Datasheet
158Kb / 15P
   High Sensitivity and High Collector-emitter Voltage Type Photocoupler
PC861 SHARP-PC861 Datasheet
89Kb / 4P
   High Collector-emitter Voltage, High Density Mounting Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com